Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BH28PB1WHFV Datasheet(PDF) 3 Page - Rohm

Part # BH28PB1WHFV
Description  1ch 150mA CMOS LDO Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH28PB1WHFV Datasheet(HTML) 3 Page - Rohm

  BH28PB1WHFV Datasheet HTML 1Page - Rohm BH28PB1WHFV Datasheet HTML 2Page - Rohm BH28PB1WHFV Datasheet HTML 3Page - Rohm BH28PB1WHFV Datasheet HTML 4Page - Rohm BH28PB1WHFV Datasheet HTML 5Page - Rohm BH28PB1WHFV Datasheet HTML 6Page - Rohm BH28PB1WHFV Datasheet HTML 7Page - Rohm BH28PB1WHFV Datasheet HTML 8Page - Rohm BH28PB1WHFV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Technical Note
BH□□PB1WHFV Series
3/10
www.rohm.com
2011.01 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
Electrical characteristics
(Unless otherwise specified, Ta = 25°C, VIN = VOUT + 1.0 V, STBY = 1.5 V, SEL = 0 V, CIN = 0.47 µF, CO = 0.47 µF)
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max..
Regulator】
Output voltage
(high-speed mode)
VOUT1
VOUT1
×0.99
-
VOUT1
×1.01
V
VOUT≧2.5V,IOUT=0.1mA,SEL=1.5V
VOUT1
-0.025
-
VOUT1
+0.025
V
VOUT≦1.8V,IOUT=0.1mA,SEL=1.5V
Output voltage
(low-consumption mode)
VOUT2
VOUT2
×0.97
-
VOUT2
×1.038
V
VOUT≧2.5V,IOUT=0.1mA,SEL=0V
VOUT2
×0.967
-
VOUT2
×1.043
V
VOUT≦1.8V,IOUT=0.1mA,SEL=0V
Circuit current
(high-speed mode)
ICC1
-
20
40
μA
IOUT=0mA, VIN pin
monitor,SEL=1.5V
Circuit current
(low-consumption mode)
ICC2
-
2
4
μA
IOUT=0mA, VIN pin monitor, SEL=0V
Circuit current (STBY)
ISTBY
-
-
1.0
μA
STBY=0V
Ripple rejection ratio
(high-speed mode)
RR1
42
60
-
dB
VRR=-20dBv, fRR=1kHz,
IOUT=10mA, SEL=1.5V
Dropout voltage 1 *1
VSAT1
-
100
200
mV
VIN=VOUT×0.98,IOUT=50mA
Dropout voltage 2 *1
VSAT2
-
210
400
mV
VIN=VOUT×0.98,IOUT=100mA
Dropout voltage 3 *1
VSAT3
-
315
600
mV
VIN=VOUT×0.98,IOUT=150mA
Line regulation 1
(high-speed mode)
VDL1
-
2
20
mV
VIN=VOUT+1V to 5.5V,IOUT=10mA
Line regulation 2
(low-consumption mode)
VDL2
-
2
20
mV
VIN=VOUT+1V to 5.5V,IOUT=100μA
Load regulation
VDLO
-
10
40
mV
IOUT=10mA to 100mA
Mode switch】
Current threshold
(low-consumption mode)
ITH1
0.09
0.3
-
mA
SEL=0V IOUT=3mA⇒0mA sweep
Current threshold
(high-speed mode)
ITH2
-
1.2
2.2
mA
SEL=0V IOUT=0mA⇒3mA sweep
Over Current Protection 1】
Limit Current
ILMAX
160
300
500
mA
Vo=VOUT×0.90
Short current
ISHORT
20
50
100
mA
Vo=0V
Stand-by block】
STBY pin sink current
ISTB
-
2
4
μA
STBY=1.5V
STBY control voltage
ON
VSTBH
1.5
-
VIN
V
OFF
VSTBL
-0.3
-
0.3
V
Discharge resistance at standby RDCG
1.5
2.2
3.0
kΩ
STBY=0V
SEL PIN】
Pull-down resistance of SEL pin RSEL
0.5
1.0
2.0
MΩ
SEL control voltage
ON
VSELH
1.5
-
VIN
V
Fixed high speed mode
OFF
VSELL
-0.3
-
0.3
V
Automatic switch mode
* Note: This IC is not designed to be radiation-resistant.
*3: Except at VOUT ≤ 1.5 V.
Electrical characteristics of each output voltage
Output Voltage
Parameter
Min.
Typ.
Max.
Unit
Conditions
1.2 V
Max. output
current
70
120
mA
VCC = 1.7 V
150
VCC = 2.0 V
1.5 V
50
100
VCC = 1.8 V
150
VCC = 2.2 V
1.8 V ≤ VOUT
75
143
VCC = VOUT + 0.3 V
150
VCC = VOUT + 0.6 V


Similar Part No. - BH28PB1WHFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BH28PB1WHFV ROHM-BH28PB1WHFV Datasheet
363Kb / 6P
   Auto Power Save CMOS Type series regulator
More results

Similar Description - BH28PB1WHFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BH25NB1WHFV ROHM-BH25NB1WHFV_11 Datasheet
303Kb / 9P
   1ch 150mA CMOS LDO Regulators
BH15RB1WGUT ROHM-BH15RB1WGUT_11 Datasheet
303Kb / 9P
   1ch 150mA CMOS LDO Regulators
BU10TD2WNVX ROHM-BU10TD2WNVX Datasheet
2Mb / 42P
   1ch 200mA CMOS LDO Regulators
BH15M0AWHFV-TR ROHM-BH15M0AWHFV-TR Datasheet
577Kb / 13P
   1ch 300mA CMOS LDO Regulators
BUXXSD5 ROHM-BUXXSD5 Datasheet
941Kb / 20P
   1ch 500mA CMOS LDO Regulators
2016.05.31 Rev.003
BU12SD2MG-MTR ROHM-BU12SD2MG-MTR Datasheet
834Kb / 31P
   1ch 200mA CMOS LDO Regulators
BU18SA4WGWL-E2 ROHM-BU18SA4WGWL-E2 Datasheet
999Kb / 37P
   1ch 200mA CMOS LDO Regulators
BH31FB1WHFV-TR ROHM-BH31FB1WHFV-TR Datasheet
562Kb / 13P
   1ch 300mA CMOS LDO Regulators
BHXXM0A ROHM-BHXXM0A Datasheet
632Kb / 13P
   1ch 300mA CMOS LDO Regulators
21.Nov.2013 Rev.001
BHXXMA3 ROHM-BHXXMA3 Datasheet
619Kb / 13P
   1ch 300mA CMOS LDO Regulators
25.Sep.2013 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com