Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BH25FB1WG Datasheet(PDF) 7 Page - Rohm

Part # BH25FB1WG
Description  Standard CMOS LDO Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH25FB1WG Datasheet(HTML) 7 Page - Rohm

  BH25FB1WG Datasheet HTML 1Page - Rohm BH25FB1WG Datasheet HTML 2Page - Rohm BH25FB1WG Datasheet HTML 3Page - Rohm BH25FB1WG Datasheet HTML 4Page - Rohm BH25FB1WG Datasheet HTML 5Page - Rohm BH25FB1WG Datasheet HTML 6Page - Rohm BH25FB1WG Datasheet HTML 7Page - Rohm BH25FB1WG Datasheet HTML 8Page - Rohm BH25FB1WG Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7/8
Technical Note
BH
□□FB1WG series, BH□□FB1WHFV series,
BH
□□LB1WG series, BH□□LB1WHFV series,
BH
□□MA3WHFV series
Noise terminal (BH
MA3WHFV)
The terminal is directly connected to inward normal voltage source. Because this has low current ability, load exceeding
100nA will cause some instability at the output. For such reasons, we urge you to use ceramic capacitors which have less
leak current. When choosing noise the current reduction capacitor, there is a trade-off between boot-up time and stability. A
bigger capacitor value will result in lesser oscillation but longer boot-up time for VOU T.
Fig. 35: V OUT startup time vs. noise-filtering capacitor capacitance characteristics (Example)
~ Condition ~
VIN=4.0V
Cin=1.0
μF
Co=1.0
μF
ROUT=3.0k
Ω
Ta=25
°C
BH30MA3WHFV
100
10
1
0.1
0.01
100P
1000P
0.01
μ
0.1
μ
noise-filtering capacitor capacitance Cn (F)
Regarding input pin of the IC
This monolithi c IC contains P+ isolatio n and P substrat e layer s between adjacent
elements in order to keep them isolated. P/N junctions are formed at the intersection of
these P layers with the N layers of other elements to create a variety of parasitic elements.
For example, when a resistor and transistor are connected to pins as shown in Fig.37
The P/N junction functions as a parasitic diode when GND > (Pin A) for the resistor or
GND > (Pin B) for the transistor (NPN).
Similarly, when GND > (Pin B) for the transistor (NPN), the parasitic diode described
above combines with the N layer of other adjacent elements to operate as a parasitic
NPN transistor.
The formation of parasitic elements as a result of the relationships of the potentials of
different pins is an inevitable result of the IC's architecture. The operation of parasitic
elements can cause interference with circuit operation as well as IC malfunction and
damage. For these reasons, it is necessary to use caution so that the IC is not used in a
way that will trigger the operation of parasitic elements, such as by the application of
voltage lower than the GND (P substrate) voltage to input pins.
Fig. 36: Example of bypass
diode connection
VCC
CTL
OUT
GND
back current
Fig.37
GND
C
E
B
Parasitic elements
(Terminal B)
Parasitic element
GND
(Terminal A)
GND
GND
E
N
N
N
N
P
P
+
P
+
P
B
O
Parasitic elements
(Terminal B)
Transistor (NPN)
P-board
GND
N
N
N
P
P
P
+
P
+
(Terminal A)
Resistor
Parasitic element
Other adjacent elements
Part number selection
Package
HFV : HVSOF6
HVSOF5
G : SSOP5
BH
3
F B 1
W
H F V
0
-T R
ROHM
part number
Output
voltage
Current capacity
MA3 : 300mA
FB1 : 150mA
LB1 : 150mA
Shutdown
switch
W : With switch
Package specification
TR : Embossed taping
2010.07 -
Rev. C
www.rohm.com
© 2010 ROHM Co., Ltd. All rights reserved.


Similar Part No. - BH25FB1WG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BH25FB1WG ETC-BH25FB1WG Datasheet
242Kb / 18P
   SILICON MONOLITHIC INTEGRATED CIRCUIT
logo
Rohm
BH25FB1WG ROHM-BH25FB1WG Datasheet
361Kb / 6P
   CMOS Type series regulator
BH25FB1WG ROHM-BH25FB1WG Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators Large Current 300mA CMOS LDO Regulators
BH25FB1WG-TR ROHM-BH25FB1WG-TR Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators
More results

Similar Description - BH25FB1WG

ManufacturerPart #DatasheetDescription
logo
Rohm
BH25FB1WG-TR ROHM-BH25FB1WG-TR Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators
BH33FB1WG-TR ROHM-BH33FB1WG-TR Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators
BHXXFB1WG ROHM-BHXXFB1WG_09 Datasheet
832Kb / 9P
   Standard CMOS LDO Regulators
BH30FB1WHFV-TR ROHM-BH30FB1WHFV-TR Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators Large Current 300mA CMOS LDO Regulators
BH15FB1WG ROHM-BH15FB1WG Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators Large Current 300mA CMOS LDO Regulators
BU18SD5WG ROHM-BU18SD5WG Datasheet
944Kb / 21P
   CMOS LDO Regulators
BU6650NUX ROHM-BU6650NUX_11 Datasheet
1Mb / 22P
   3ch CMOS LDO Regulators
BA03CC0WT ROHM-BA03CC0WT_11 Datasheet
328Kb / 12P
   Standard Fixed Output LDO Regulators
BA00DD0WCP-V5 ROHM-BA00DD0WCP-V5_10 Datasheet
353Kb / 10P
   Standard Variable Output LDO Regulators
BD80C0AFPS ROHM-BD80C0AFPS_10 Datasheet
418Kb / 13P
   Standard Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com