Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2A03 Datasheet(PDF) 3 Page - Micro Commercial Components

Part # 2A03
Description  2 Amp Silicon Rectifier 50 to 1000 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2A03 Datasheet(HTML) 3 Page - Micro Commercial Components

  2A03 Datasheet HTML 1Page - Micro Commercial Components 2A03 Datasheet HTML 2Page - Micro Commercial Components 2A03 Datasheet HTML 3Page - Micro Commercial Components 2A03 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2A01 thru 2A07
1
100
4
0
20
40
60
8
Figure 5
Peak Forward Surge Current
Peak Forward Surge Current - Amperesversus
Number Of Cycles At 60Hz - Cycles
Amps
Cycles
2
6
10
20
60 80
40
80
100
120
Figure 4
Typical Reverse Characteristics
Volts
.4
.6
2
1
Amps
20
120
40
60
80
100
.001
.002
.00
4
.006
.01
.02
.04
.06
.1
.2
4
6
10
140
TJ=25
°C
TJ=100
°C
Instantaneous Reverse Current - Ampsversus
Percent Of Rated Peak Reverse Voltage - Volts
MCC
Revision: A
2011/01/01
TM
Micro Commercial Components
www.mccsemi.com
3 of 4


Similar Part No. - 2A03

ManufacturerPart #DatasheetDescription
logo
Surge Components
2A03 SURGE-2A03 Datasheet
123Kb / 2P
   2.0 AMPS. SILICON RECTIFIERS???
logo
Diodes Incorporated
2A03 DIODES-2A03 Datasheet
57Kb / 2P
   2.0A RECTIFIER
DS29008 Rev. B-2
2A03 DIODES-2A03 Datasheet
62Kb / 3P
   2.0A RECTIFIER
DS29008 Rev. 4 - 2
logo
SEMTECH ELECTRONICS LTD...
2A03 SEMTECH_ELEC-2A03 Datasheet
242Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIERS
logo
RFE international
2A03 RFE-2A03 Datasheet
95Kb / 1P
   LEADED (THRU-HOLE) General Purpose Rectifiers, 1 to 8 Amps
More results

Similar Description - 2A03

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
RL201 YFWDIODE-RL201 Datasheet
100Kb / 3P
   2 Amp Silicon Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
S2A MCC-S2A_11 Datasheet
243Kb / 4P
   2 Amp Silicon Rectifier 50 to 1000 Volts
RL206-TP MCC-RL206-TP Datasheet
234Kb / 4P
   2 Amp Silicon Rectifier 50 to 1000 Volts
S2B-TP MCC-S2B-TP Datasheet
273Kb / 4P
   2 Amp Silicon Rectifier 50 to 1000 Volts
logo
DONGGUAN YOU FENG WEI E...
RL201-DO15 YFWDIODE-RL201-DO15 Datasheet
444Kb / 3P
   2 Amp Silicon Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
RL201 MCC-RL201_11 Datasheet
208Kb / 4P
   2 Amp Silicon Rectifier 50 to 1000 Volts
S2A-TP MCC-S2A-TP Datasheet
276Kb / 4P
   2 Amp Silicon Rectifier 50 to 1000 Volts
S2A MCC-S2A_13 Datasheet
194Kb / 4P
   2 Amp Silicon Rectifier 50 to 1000 Volts
2A01 MCC-2A01_13 Datasheet
440Kb / 4P
   2 Amp Silicon Rectifier 50 to 1000 Volts
logo
Shanghai Leiditech Elec...
S2A LEIDITECH-S2A Datasheet
496Kb / 3P
   2 Amp Silicon Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com