Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BH15PB1WHFV Datasheet(PDF) 8 Page - Rohm

Part # BH15PB1WHFV
Description  1ch 150mA CMOS LDO Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH15PB1WHFV Datasheet(HTML) 8 Page - Rohm

Back Button BH15PB1WHFV Datasheet HTML 3Page - Rohm BH15PB1WHFV Datasheet HTML 4Page - Rohm BH15PB1WHFV Datasheet HTML 5Page - Rohm BH15PB1WHFV Datasheet HTML 6Page - Rohm BH15PB1WHFV Datasheet HTML 7Page - Rohm BH15PB1WHFV Datasheet HTML 8Page - Rohm BH15PB1WHFV Datasheet HTML 9Page - Rohm BH15PB1WHFV Datasheet HTML 10Page - Rohm BH15PB1WHFV Datasheet HTML 11Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Technical Note
BH□□PB1WHFV Series
8/10
www.rohm.com
2011.01 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
Notes for use
1. Absolute maximum ratings
An excess in the absolute maximum ratings, such as supply voltage, temperature range of operating conditions, etc., can break
down the devices, thus making impossible to identify breaking mode, such as a short circuit or an open circuit. If any over rated
values will expect to exceed the absolute maximum ratings, consider adding circuit protection devices, such as fuses.
2. Thermal design
Use a thermal design that allows for a sufficient margin in light of the power dissipation (Pd) in actual operating conditions.
3. Inter-pin shorts and mounting errors
Use caution when positioning the IC for mounting on printed circuit boards. The IC may be damaged if there is any
connection error or if pins are shorted together.
4. Thermal shutdown circuit (TSD)
The IC incorporates a built-in thermal shutdown circuit (TSD circuit). The thermal shutdown circuit is designed only to shut
the IC off to prevent runaway thermal operation. It is not designed to protect the IC or guarantee its operation. Do not
continue to use the IC after operating this circuit or use the IC in an environment where the operation of this circuit is
assumed.
5. Ground wiring patterns
The power supply and ground lines must be as short and thick as possible to reduce line impedance. Fluctuating voltage
on the power ground line may damage the device.
6. Overcurrent protection circuit
The IC incorporates a built-in overcurrent protection circuit that operates according to the output current capacity. This
circuit serves to protect the IC from damage when the load is shorted. The protection circuit is designed to limit current
flow by not latching in the event of a large and instantaneous current flow originating from a large capacitor or other
component. These protection circuits are effective in preventing damage due to sudden and unexpected accidents.
However, the IC should not be used in applications characterized by the continuous operation or transitioning of the
protection circuits. At the time of thermal designing, keep in mind that the current capability has negative characteristics to
temperatures.
7. Actions in strong electromagnetic field
Use caution when using the IC in the presence of a strong electromagnetic field as doing so may cause the IC to
malfunction.
8. Back current
In applications where the IC may be exposed to back current flow, it is recommended to create a path to dissipate this
current by inserting a bypass diode between the VIN and VOUT pins.
Fig.32 Example Bypass Diode Connection
9. I/O voltage difference
Using the IC in automatic switching mode when the I/O voltage differential becomes saturated (VIN - VOUT < 150 mV)
may result in a large output noise level. If the noise level becomes problematic, use the IC with the SEL pin in the high
state when the voltage differential is saturated.
10. GND Voltage
The potential of GND pin must be minimum potential in all operating conditions.
VIN
STBY GND
OUT
Back current


Similar Part No. - BH15PB1WHFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BH15PB1WHFV ROHM-BH15PB1WHFV Datasheet
363Kb / 6P
   Auto Power Save CMOS Type series regulator
More results

Similar Description - BH15PB1WHFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BH25NB1WHFV ROHM-BH25NB1WHFV_11 Datasheet
303Kb / 9P
   1ch 150mA CMOS LDO Regulators
BH15RB1WGUT ROHM-BH15RB1WGUT_11 Datasheet
303Kb / 9P
   1ch 150mA CMOS LDO Regulators
BU10TD2WNVX ROHM-BU10TD2WNVX Datasheet
2Mb / 42P
   1ch 200mA CMOS LDO Regulators
BH15M0AWHFV-TR ROHM-BH15M0AWHFV-TR Datasheet
577Kb / 13P
   1ch 300mA CMOS LDO Regulators
BUXXSD5 ROHM-BUXXSD5 Datasheet
941Kb / 20P
   1ch 500mA CMOS LDO Regulators
2016.05.31 Rev.003
BU12SD2MG-MTR ROHM-BU12SD2MG-MTR Datasheet
834Kb / 31P
   1ch 200mA CMOS LDO Regulators
BU18SA4WGWL-E2 ROHM-BU18SA4WGWL-E2 Datasheet
999Kb / 37P
   1ch 200mA CMOS LDO Regulators
BH31FB1WHFV-TR ROHM-BH31FB1WHFV-TR Datasheet
562Kb / 13P
   1ch 300mA CMOS LDO Regulators
BHXXM0A ROHM-BHXXM0A Datasheet
632Kb / 13P
   1ch 300mA CMOS LDO Regulators
21.Nov.2013 Rev.001
BHXXMA3 ROHM-BHXXMA3 Datasheet
619Kb / 13P
   1ch 300mA CMOS LDO Regulators
25.Sep.2013 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com