Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BH15PB1WHFV Datasheet(PDF) 5 Page - Rohm

Part # BH15PB1WHFV
Description  1ch 150mA CMOS LDO Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH15PB1WHFV Datasheet(HTML) 5 Page - Rohm

  BH15PB1WHFV Datasheet HTML 1Page - Rohm BH15PB1WHFV Datasheet HTML 2Page - Rohm BH15PB1WHFV Datasheet HTML 3Page - Rohm BH15PB1WHFV Datasheet HTML 4Page - Rohm BH15PB1WHFV Datasheet HTML 5Page - Rohm BH15PB1WHFV Datasheet HTML 6Page - Rohm BH15PB1WHFV Datasheet HTML 7Page - Rohm BH15PB1WHFV Datasheet HTML 8Page - Rohm BH15PB1WHFV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Technical Note
BH□□PB1WHFV Series
5/10
www.rohm.com
2011.01 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
STBY
VOUT
1 V / div
200
s / div
1 V / div
Co = 0.47 µF
Co = 10 µF
Slow start capacitance Css (F)
0.01µ
0.1 µ
1.0µ
100 µ
100 m
Fig.13 Output Voltage vs Temperature
(BH30PB1WHFV)
Fig.14 Standby Pin Threshold
(BH30PB1WHFV)
Fig.15 Standby Pin Sink Current
(BH30PB1WHFV)
Fig.16 Ripple Rejection
(BH12PB1WHFV)
Fig.17 Ripple Rejection
(BH30PB1WHFV)
Fig.18 Output Voltage Waveform
During SEL Switching
(BH30PB1WHFV)
2.8
2.9
3.0
3.1
3.2
-50
-25
0
25
50
75
100
Temp[℃ ]
0
1
2
3
4
0.00.5
1.01.5
2.0
VSTBY[V]
10
20
30
40
50
60
70
80
Frequency f[Hz]
100
1 k
10 k
100
1 M
10
20
30
40
50
60
70
80
Frequency f[Hz]
100
1 k
10 k
100
1 M
Fig.19 Load Response (Co = 1.0 µF)
(BH30PB1WHFV)
Fig.20 Load Response (Co=1.0 µF)
(BH30PB1WHFV)
Fig.21 Load Response (Co=1.0 µF)
(BH30PB1WHFV)
Fig.22 Output Voltage Rise Time
(BH30PB1WHFV)
STBY
VOUT
1 V / div
10 ms / div
1 V / div
Co = 2.2 µF
Co = 0.47 µF
Co = 1 µF
Fig.23 Output Voltage Fall Time
(BH30PB1WHFV)
Fig.24 Soft Start Rise Time
(BH30PB1WHFV)
50 mV / div
VOUT
SEL
SEL = 0 V
 1.5
1 V / div
10 ms / div
Rss = 10 k
,
IO = no load
Co = 0.47 µF
IO = 10 mA
IO = no load
1.0µ
10 m
0
1
2
3
4
5
6
0.0
1.0
2.0
3.0
4.0
5.0
VSTBY[V]
Co = 0.47 µF
IO = 10 mA
VOUT
100 mV / div
200
s / div
IOUT = 1 mA
 100
VOUT
50 mV / div
200
s / div
SEL = 1.5 V
IOUT = 1 mA
 30 mA
VOUT
50 mV / div
100
s / div
SEL = 0 V
(power-saving operation)
IOUT = 0 mA
 10 mA


Similar Part No. - BH15PB1WHFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BH15PB1WHFV ROHM-BH15PB1WHFV Datasheet
363Kb / 6P
   Auto Power Save CMOS Type series regulator
More results

Similar Description - BH15PB1WHFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BH25NB1WHFV ROHM-BH25NB1WHFV_11 Datasheet
303Kb / 9P
   1ch 150mA CMOS LDO Regulators
BH15RB1WGUT ROHM-BH15RB1WGUT_11 Datasheet
303Kb / 9P
   1ch 150mA CMOS LDO Regulators
BU10TD2WNVX ROHM-BU10TD2WNVX Datasheet
2Mb / 42P
   1ch 200mA CMOS LDO Regulators
BH15M0AWHFV-TR ROHM-BH15M0AWHFV-TR Datasheet
577Kb / 13P
   1ch 300mA CMOS LDO Regulators
BUXXSD5 ROHM-BUXXSD5 Datasheet
941Kb / 20P
   1ch 500mA CMOS LDO Regulators
2016.05.31 Rev.003
BU12SD2MG-MTR ROHM-BU12SD2MG-MTR Datasheet
834Kb / 31P
   1ch 200mA CMOS LDO Regulators
BU18SA4WGWL-E2 ROHM-BU18SA4WGWL-E2 Datasheet
999Kb / 37P
   1ch 200mA CMOS LDO Regulators
BH31FB1WHFV-TR ROHM-BH31FB1WHFV-TR Datasheet
562Kb / 13P
   1ch 300mA CMOS LDO Regulators
BHXXM0A ROHM-BHXXM0A Datasheet
632Kb / 13P
   1ch 300mA CMOS LDO Regulators
21.Nov.2013 Rev.001
BHXXMA3 ROHM-BHXXMA3 Datasheet
619Kb / 13P
   1ch 300mA CMOS LDO Regulators
25.Sep.2013 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com