Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2A01 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # 2A01
Description  2 Amp Silicon Rectifier 50 to 1000 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2A01 Datasheet(HTML) 2 Page - Micro Commercial Components

  2A01 Datasheet HTML 1Page - Micro Commercial Components 2A01 Datasheet HTML 2Page - Micro Commercial Components 2A01 Datasheet HTML 3Page - Micro Commercial Components 2A01 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2A01 thru 2A07
Average Forward Rectified Current - Amperesversus
Ambient Temperature -
°C
Figure 2
Forward Derating Curve
0
175
50
75
100
125
0
.5
1.0
1.5
Single Phase, Half Wave
60Hz Resistive or Inductive Load
Amps
°C
150
2.0
2.5
3.0
Junction Capacitance - pFversus
Reverse Voltage - Volts
Instantaneous Forward Current - MicroAmperesversus
Instantaneous Forward Voltage - Volts
Figure 1
Typical Forward Characteristics
4
6
20
10
µAmps
.2
.4
.6
.8
1.0
1.2
.01
.02
.04
.06
.1
.2
.4
.6
1
2
25
°C
Volts
Figure 3
Junction Capacitance
.1
.2
1
.4
2
10
20
40
4
100
200
1
2
6
10
20
100
pF
Volts
60
40
4
400
1000
TJ=25
°C
MCC
Revision: A
2011/01/01
TM
Micro Commercial Components
www.mccsemi.com
2 of 4


Similar Part No. - 2A01

ManufacturerPart #DatasheetDescription
logo
Surge Components
2A01 SURGE-2A01 Datasheet
123Kb / 2P
   2.0 AMPS. SILICON RECTIFIERS???
logo
Micro Commercial Compon...
2A01 MCC-2A01 Datasheet
440Kb / 4P
   2 Amp Silicon Rectifier 50 to 1000 Volts
logo
Diodes Incorporated
2A01 DIODES-2A01 Datasheet
57Kb / 2P
   2.0A RECTIFIER
DS29008 Rev. B-2
logo
SAMYANG ELECTRONICS CO....
2A01 SAMYANG-2A01 Datasheet
472Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Diodes Incorporated
2A01 DIODES-2A01 Datasheet
62Kb / 3P
   2.0A RECTIFIER
DS29008 Rev. 4 - 2
More results

Similar Description - 2A01

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
RL201 YFWDIODE-RL201 Datasheet
100Kb / 3P
   2 Amp Silicon Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
S2A MCC-S2A_11 Datasheet
243Kb / 4P
   2 Amp Silicon Rectifier 50 to 1000 Volts
RL206-TP MCC-RL206-TP Datasheet
234Kb / 4P
   2 Amp Silicon Rectifier 50 to 1000 Volts
S2B-TP MCC-S2B-TP Datasheet
273Kb / 4P
   2 Amp Silicon Rectifier 50 to 1000 Volts
logo
DONGGUAN YOU FENG WEI E...
RL201-DO15 YFWDIODE-RL201-DO15 Datasheet
444Kb / 3P
   2 Amp Silicon Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
RL201 MCC-RL201_11 Datasheet
208Kb / 4P
   2 Amp Silicon Rectifier 50 to 1000 Volts
S2A-TP MCC-S2A-TP Datasheet
276Kb / 4P
   2 Amp Silicon Rectifier 50 to 1000 Volts
S2A MCC-S2A_13 Datasheet
194Kb / 4P
   2 Amp Silicon Rectifier 50 to 1000 Volts
2A01 MCC-2A01_13 Datasheet
440Kb / 4P
   2 Amp Silicon Rectifier 50 to 1000 Volts
logo
Shanghai Leiditech Elec...
S2A LEIDITECH-S2A Datasheet
496Kb / 3P
   2 Amp Silicon Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com