Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD95371MUV Datasheet(PDF) 2 Page - Rohm

Part # BD95371MUV
Description  Silicon Monolithic Integrated Circuit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD95371MUV Datasheet(HTML) 2 Page - Rohm

  BD95371MUV_10 Datasheet HTML 1Page - Rohm BD95371MUV_10 Datasheet HTML 2Page - Rohm BD95371MUV_10 Datasheet HTML 3Page - Rohm BD95371MUV_10 Datasheet HTML 4Page - Rohm BD95371MUV_10 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2/4
REV. A
○ELECTRICAL CHARACTERISTICS (unless otherwise noted, Ta=25℃ VCC=5V,VDD=5V,EN=3V,VIN=12V,VOUT=1.05V,R
FS=36kΩ)
Parameter
Symbol
Standard Value
Unit
Condition
MIN
TYP
MAX
[Whole Device]
VCC Bias Current
Icc
-
1500
1800
μA
VCC Standby Current
Iccstb
-0
10
μA
EN=0V
VIN Bias Current
Iin
-30
80
μA
VIN Standby Current
Iinstb
-0
10
μA
EN=0V
EN Low Voltage
VEN_low
GND
-
0.8
V
EN HighVoltage
(Forced Continuous mode)
VENth_con
2.3
-
3.8
V
EN HighVoltage (SLLM Mode)
VENth_sllm
4.5
-
5.5
V
EN Bias Current
Ien
-15
25
μA
EN=3V
[Under Voltage Locked Out ]
VCC threshold voltage
Vcc_UVLO
3.7
4.0
4.3
V
VCC:Sweep up
VCC hysteresis voltagedVcc_UVLO
100
160
220
mV
VCC:Sweep down
[H
3REG Control]
ON Time
Ton
194
219
244
ns
MAX ON Time
Tonmax
-
3.5
-
μs
MIN OFF Time
Toffmin
-
490
700
ns
[FET Driver]
HG Higher side ON resistor
HGhon
-
3.0
6.0
Ω
HG Lower side ON resistor
HGlon
-
2.0
4.0
Ω
LG Higher side ON resistor
LGhon
-
3.0
6.0
Ω
LG Lower side ON resistor
LGlon
-
0.5
1.0
Ω
[SCP]
SCP strat-up Voltage
Vscp
0.345
0.420
0.495
V
SCP delay time
Tscp
-
2.5
-
ms
[OVP]
FB threshold voltage
Vovp
0.825
0.900
0.975
V
[Soft start]
Charge current
Iss
1
2
3
μA
Standby voltage
Vss_stb
-
-
50
mV
[Current Limit Block]
Setting Current
Iilim
-
10
-
μA
Current limit threshold
Ilim
75
100
125
mV
RILIM=100kΩ
[Output Voltage setting ]
VOUT typical voltage
REF
0.743
0.750
0.757
V
Is+ Input current
IIs+
-1
0
1
μA
Is+=1.05V
Is- Input current
IIs-
-1
0
1
μA
Is-=1.05V
[Power Good]
FB Power Good
VPGOOD
0.38
0.47
0.56
V
Discharge ON resistor
Ronpgood
-
50
150
Ω
[BOOT Diode]
VF voltage
VF
0.4
0.5
0.6
V
IF=1mA


Similar Part No. - BD95371MUV_10

ManufacturerPart #DatasheetDescription
logo
Rohm
BD95371MUV ROHM-BD95371MUV Datasheet
107Kb / 5P
   Silicon Monolithic Integrated Circuit
More results

Similar Description - BD95371MUV_10

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3490FV ROHM-BD3490FV Datasheet
296Kb / 5P
   Silicon Monolithic Integrated Circuit
BD822EFV ROHM-BD822EFV Datasheet
131Kb / 5P
   Silicon Monolithic Integrated Circuit
BD3985FV ROHM-BD3985FV_11 Datasheet
96Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6041GUL ROHM-BD6041GUL_11 Datasheet
182Kb / 5P
   Silicon Monolithic Integrated Circuit
BD8676KN ROHM-BD8676KN Datasheet
231Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6369GUL ROHM-BD6369GUL_11 Datasheet
150Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6607KN ROHM-BD6607KN_11 Datasheet
139Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6712AF ROHM-BD6712AF_11 Datasheet
109Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6973FV ROHM-BD6973FV Datasheet
100Kb / 5P
   Silicon Monolithic Integrated Circuit
BD9745EKN ROHM-BD9745EKN Datasheet
385Kb / 22P
   Silicon Monolithic Integrated Circuit
BD9885FV ROHM-BD9885FV_09 Datasheet
154Kb / 5P
   Silicon Monolithic Integrated Circuit
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com