Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD91362MUV Datasheet(PDF) 2 Page - Rohm

Part # BD91362MUV
Description  Silicon Monolithic Integrated Circuit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD91362MUV Datasheet(HTML) 2 Page - Rohm

  BD91362MUV Datasheet HTML 1Page - Rohm BD91362MUV Datasheet HTML 2Page - Rohm BD91362MUV Datasheet HTML 3Page - Rohm BD91362MUV Datasheet HTML 4Page - Rohm BD91362MUV Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2/4
REV. C
ELECTRICAL CHARACTERISTICS (Unless otherwise specified , Ta=25℃ VCC=PVCC=5.0V, DVDD =2.5V, EN=VCC
Parameter
Symbol
Limit
Unit
Condition
Min.
Typ.
Max.
Standby Current
ISTB
-
0
20
μA
EN=0V
Bias Current
ICC
-
500
800
μA
EN Low Voltage
VENL
-
GND
0.8
V
Standby Mode
EN High Voltage
VENH
2.0
Vcc
-
V
Active Mode
EN Input Current
IEN
-
2
10
μA
EN=2V
Oscillation Frequency
FOSC
0.8
1
1.2
MHz
High-side FET ON Resistance
RONH1
-
60
90
RONH2
-
170
255
Low-side FET ON Resistance
RONL1
-
55
83
RONL2
-
130
195
FB Reference Voltage1
FB1
0.985
1.0
1.015
V
±1.5%
FB Reference Voltage2
FB2
0.985
1.0
1.015
V
±1.5%
ITH sink current 1
ITHSI1
10
18
-
μA
VFB1=1.2V
ITH source current 1
ITHSO1
10
18
-
μA
VFB1=0.8V
ITH sink current 2
ITHSI2
10
18
-
μA
VFB2=1.2V
ITH source current 2
ITHSO2
10
18
-
μA
VFB2=0.8V
UVLO Threshold Voltage
VUVLOL
2.4
2.5
2.6
V
VCC=5→0V
UVLO Release Voltage
VUVLOH
2.425
2.55
2.7
V
VCC=0→5V
Soft Start Time
TSS
0.5
1
2
ms
Timer Latch Time
TLATCH
0.5
1
2
ms
SCP/TSD ON
Output Short circuit
Threshold Voltage
VSCP1
-
0.5
0.7
V
FB1=1.0→0V(initial)
VSCP2
-
0.5
0.7
V
FB2=1.0→0V(initial)
Digital I/O (SCL,SDA)
INPUT Low Voltage
VIL
-
GND
0.2×
DVDD
V
INPUT High Voltage
VIH
0.8×
DVDD
DVDD
-
V
Inflow current
IIN
-
0
10
μA
SCL=SDA=2.5V
Data Output Low voltage
VOL
-
-
0.6
V
IOL=6mA
PHYSICAL DIMENSION
FB1,FB2
0.900 V
0.925 V
0.950 V
0.975 V
1.000 V
1.025 V
1.050 V
1.075 V
PIN No
PIN NAME
PIN No
PIN NAME
1
PVCC1
13
GND
2
BST
14
ITH2
3
SW1
15
FB2
4
SW1
16
ITH1
5
SW1
17
FB1
6
PGND1
18
VCC
7
PGND1
19
SCL
8
PGND1
20
SDA
9
PGND2
21
DVDD
10
SW2
22
N.C
11
PVCC2
23
PVCC1
12
EN
24
PVCC1
VQFN024V4040
(Unit:mm)
PIN No., PIN NAME
○FB Reference voltage
(initial)
*FB1,FB2 change after 10usec(max) pass
from setting the voltage by I2C interface
*The time of 1step for FB1,FB2(25mV shift)
take 5usec(max).
*The time that output voltage reaches the
setting value is 0.06msec(max).
SW
ADJ
R1
R2
○SETTING THE OUTPUT VOLTAGE
The Output Voltage is set by the external resistor divider and is calculated as:
Vout=(R2/R1+1)×VFB ・・・ ① VFB:FB pin feedback Voltage (1.0V typ)
It’ s possible to adjust the output voltage by R1 and R2.
(The Vout must be set from 1.0V to 3.3V.
To control I
2C BUS,The Vout can be set 0.9~3.475V)
Resistance R1≒10kΩ is recommended. Please confirm the ripple voltage, if you can use
the resistance more than 100kΩ.
VOUT
Lot No.
9 1 3 6 2


Similar Part No. - BD91362MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD91361MUV ROHM-BD91361MUV Datasheet
418Kb / 18P
   Output 2A More High-efficiency Step-down Switching Regulator with Built-in Power MOS FET
BD91361MUV ROHM-BD91361MUV Datasheet
1Mb / 23P
   2.7V to 5.5V, 4A 1ch Synchronous Buck Converter Integrated FET
BD91361MUV-E2 ROHM-BD91361MUV-E2 Datasheet
1Mb / 23P
   Synchronous Buck Converter Integrated FET
BD91361MUV-E2 ROHM-BD91361MUV-E2 Datasheet
2Mb / 27P
   Synchronous Buck Converter with Integrated FET
BD91361MUV ROHM-BD91361MUV_12 Datasheet
1Mb / 23P
   2.7V to 5.5V, 4A 1ch Synchronous Buck Converter Integrated FET
More results

Similar Description - BD91362MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3490FV ROHM-BD3490FV Datasheet
296Kb / 5P
   Silicon Monolithic Integrated Circuit
BD822EFV ROHM-BD822EFV Datasheet
131Kb / 5P
   Silicon Monolithic Integrated Circuit
BD3985FV ROHM-BD3985FV_11 Datasheet
96Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6041GUL ROHM-BD6041GUL_11 Datasheet
182Kb / 5P
   Silicon Monolithic Integrated Circuit
BD8676KN ROHM-BD8676KN Datasheet
231Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6369GUL ROHM-BD6369GUL_11 Datasheet
150Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6607KN ROHM-BD6607KN_11 Datasheet
139Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6712AF ROHM-BD6712AF_11 Datasheet
109Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6973FV ROHM-BD6973FV Datasheet
100Kb / 5P
   Silicon Monolithic Integrated Circuit
BD9745EKN ROHM-BD9745EKN Datasheet
385Kb / 22P
   Silicon Monolithic Integrated Circuit
BD9885FV ROHM-BD9885FV_09 Datasheet
154Kb / 5P
   Silicon Monolithic Integrated Circuit
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com