Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GP1S37 Datasheet(PDF) 4 Page - Sharp Corporation

Part # GP1S37
Description  Subminiature Photointerrupter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1S37 Datasheet(HTML) 4 Page - Sharp Corporation

  GP1S37 Datasheet HTML 1Page - Sharp Corporation GP1S37 Datasheet HTML 2Page - Sharp Corporation GP1S37 Datasheet HTML 3Page - Sharp Corporation GP1S37 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
01
0
Shield distance L ( mm )
-2
2
100
(Detector center )
Detector
Shield
L
0
+
-
+
-
0
Shield
Detector
Shield distance L ( mm )
-1
50
3
50
-1
100
-2
0
03
2
1
Fig.10 Relative Collector Current vs.
Shield Distance ( 1 )
Fig.11 Relative Collector Current vs.
Shield Distance ( 2 )
IF= 3mA, V CE=5V
T a= 25˚C
GP1S37
IF= 3mA, V CE =5V
Ta= 25˚C
q
Please refer to the chapter “ Precautions for Use ”.


Similar Part No. - GP1S37

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1S30 SHARP-GP1S30 Datasheet
48Kb / 4P
   Subminiature Photointerrupter
GP1S32 SHARP-GP1S32 Datasheet
47Kb / 4P
   Subminiature Photointerrupter
GP1S33 SHARP-GP1S33 Datasheet
45Kb / 4P
   Subminiature, Reflow Soldering Type Photointerrupter
GP1S34 SHARP-GP1S34 Datasheet
46Kb / 4P
   Subminiature, High Sensing Accuracy Photointerrupter
GP1S36 SHARP-GP1S36 Datasheet
82Kb / 5P
   Photointerrupter for Detecting Tilt Direction
More results

Similar Description - GP1S37

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MIR-3301 UOT-MIR-3301 Datasheet
55Kb / 3P
   SUBMINIATURE PHOTOINTERRUPTER
MIT-4A11A UOT-MIT-4A11A Datasheet
49Kb / 3P
   SUBMINIATURE PHOTOINTERRUPTER
MIT-4A11B UOT-MIT-4A11B Datasheet
49Kb / 3P
   SUBMINIATURE PHOTOINTERRUPTER
logo
Sharp Corporation
GP1S24 SHARP-GP1S24 Datasheet
46Kb / 4P
   Subminiature Photointerrupter
GP1S30 SHARP-GP1S30 Datasheet
48Kb / 4P
   Subminiature Photointerrupter
logo
Unity Opto Technology
MIR-3301-P UOT-MIR-3301-P Datasheet
132Kb / 3P
   SUBMINIATURE PHOTOINTERRUPTER
logo
Sharp Corporation
GP1S07 SHARP-GP1S07 Datasheet
110Kb / 4P
   SUBMINIATURE PHOTOINTERRUPTER
GP1S20 SHARP-GP1S20 Datasheet
109Kb / 4P
   SUBMINIATURE PHOTOINTERRUPTER
GP1S23 SHARP-GP1S23 Datasheet
44Kb / 4P
   Subminiature Photointerrupter
GP1S93 SHARP-GP1S93 Datasheet
45Kb / 4P
   Subminiature Photointerrupter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com