Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD88410GUL-E2 Datasheet(PDF) 6 Page - Rohm

Part # BD88410GUL-E2
Description  Coupling Capacitorless Headphone Amplifiers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD88410GUL-E2 Datasheet(HTML) 6 Page - Rohm

Back Button BD88410GUL-E2 Datasheet HTML 2Page - Rohm BD88410GUL-E2 Datasheet HTML 3Page - Rohm BD88410GUL-E2 Datasheet HTML 4Page - Rohm BD88410GUL-E2 Datasheet HTML 5Page - Rohm BD88410GUL-E2 Datasheet HTML 6Page - Rohm BD88410GUL-E2 Datasheet HTML 7Page - Rohm BD88410GUL-E2 Datasheet HTML 8Page - Rohm BD88410GUL-E2 Datasheet HTML 9Page - Rohm BD88410GUL-E2 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Technical Note
6/25
BD88400GUL,BD88410GUL,BD88415GUL,BD88420GUL
www.rohm.com
2011.03 – Rev. A
© 2011 ROHM Co., Ltd. All rights reserved.
Electrical characteristic curves – BD88415GUL (Reference data) – Continued
Fig.31 Noise Spectrum
(VDD=2.4V)
-140
-120
-100
-80
-60
-40
-20
0
10
100
1k
10k
100k
Frequency [Hz]
VDD=2.4V
Input connect
to the ground
with 1uF
Fig.32 Noise Spectrum
(VDD=3.3V)
-140
-120
-100
-80
-60
-40
-20
0
10
100
1k
10k
100k
Frequency [Hz]
VDD=3.3V
Input connect
to the ground
with 1uF
Fig.33 Noise Spectrum
(VDD=5.5V)
-140
-120
-100
-80
-60
-40
-20
0
10
100
1k
10k
100k
Frequency [Hz]
VDD=5.5V
Input connect
to the ground
with 1uF
Fig.25 THD+N vs. Frequency
(VDD=2.4V, RL=16Ω)
0.001
0.01
0.1
1
10
100
10
100
1k
10k
100k
Frequency [Hz]
VDD=2.4V
RL=16Ω
20kHz-LPF
Stereo (in phase)
Po=10mW
Po=1mW
Po=0.1mW
Fig. 26 THD+N vs. Frequency
(VDD=3.3V, RL=16Ω)
0.001
0.01
0.1
1
10
100
10
100
1k
10k
100k
Frequency [Hz]
VDD=3.3V
RL=16Ω
20kHz-LPF
Stereo (in phase)
Po=10mW
Po=1mW
Po=0.1mW
Fig. 27 THD+N vs. Frequency
(VDD=5.5V, RL=16Ω)
0.001
0.01
0.1
1
10
100
10
100
1k
10k
100k
Frequency [Hz]
VDD=5.5V
RL=16Ω
20kHz-LPF
Stereo (in phase)
Po=10mW
Po=1mW
Po=0.1mW
Fig. 28 THD+N vs. Frequency
(VDD=2.4V, RL=32Ω)
0.001
0.01
0.1
1
10
100
10
100
1k
10k
100k
Frequency [Hz]
VDD=2.4V
RL=32Ω
20kHz-LPF
Stereo (in phase)
Po=1mW
Po=10mW
Po=0.1mW
Fig. 29 THD+N vs. Frequency
(VDD=3.3V, RL=32Ω)
0.001
0.01
0.1
1
10
100
10
100
1k
10k
100k
Frequency [Hz]
VDD=3.3V
RL=32Ω
20kHz-LPF
Stereo (in phase)
Po=1mW
Po=10mW
Po=0.1mW
Fig. 30 THD+N vs. Frequency
(VDD=5.5V, RL=32Ω)
0.001
0.01
0.1
1
10
100
10
100
1k
10k
100k
Frequency [Hz]
VDD=5.5V
RL=32Ω
20kHz-LPF
Stereo (in phase)
Po=1mW
Po=10mW
Po=0.1mW


Similar Part No. - BD88410GUL-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD88400FJ ROHM-BD88400FJ Datasheet
976Kb / 30P
   No Bulky DC-Blocking Capacitors Required
More results

Similar Description - BD88410GUL-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD88200GUL ROHM-BD88200GUL Datasheet
654Kb / 26P
   Coupling Capacitorless Headphone Amplifiers
logo
Shenzhen Huazhimei Semi...
HM97220A HMSEMI-HM97220A Datasheet
1Mb / 17P
   Headphone Amplifiers
logo
Rohm
BH3544F ROHM-BH3544F Datasheet
213Kb / 5P
   Stereo Headphone Amplifiers
BH3547F ROHM-BH3547F Datasheet
217Kb / 5P
   Stereo Headphone Amplifiers
BH3544F ROHM-BH3544F_12 Datasheet
685Kb / 12P
   Standard Headphone Amplifiers
BH3541F ROHM-BH3541F_09 Datasheet
392Kb / 9P
   Stereo Headphone Amplifiers
BH3541F ROHM-BH3541F_10 Datasheet
402Kb / 9P
   Standard Headphone Amplifiers
BH3544F ROHM-BH3544F_11 Datasheet
388Kb / 9P
   Standard Headphone Amplifiers
logo
Synaptics Incorporated.
AD1984A CONEXANT-AD1984A Datasheet
674Kb / 2P
   2 stereo headphone amplifiers
logo
STMicroelectronics
TS4601 STMICROELECTRONICS-TS4601 Datasheet
602Kb / 28P
   High performance stereo headphone amplifier with capacitorless outputs and I2C bus interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com