Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5KE8.2A Datasheet(PDF) 3 Page - Micro Commercial Components

Part # 1.5KE8.2A
Description  1500 Watt Transient Voltage Suppressors 6.8V to 550 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1.5KE8.2A Datasheet(HTML) 3 Page - Micro Commercial Components

  1.5KE8.2A Datasheet HTML 1Page - Micro Commercial Components 1.5KE8.2A Datasheet HTML 2Page - Micro Commercial Components 1.5KE8.2A Datasheet HTML 3Page - Micro Commercial Components 1.5KE8.2A Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Revision: A
2011/01/01
UNI- POLAR
BI-POLAR
1.5KE6.8A
1.5KE6.8CA
5.80
6.45
7.14
10
10.5
144.8
1000
1.5KE7.5A
1.5KE7.5CA
6.40
7.13
7.88
10
11.3
134.5
500
1.5KE8.2A
1.5KE8.2CA
7.02
7.79
8.61
10
12.1
125.6
200
1.5KE9.1A
1.5KE9.1CA
7.78
8.65
9.50
1
13.4
113.4
50
1.5KE10A
1.5KE10CA
8.55
9.50
10.50
1
14.5
104.8
10
1.5KE11A
1.5KE11CA
9.40
10.50
11.60
1
15.6
97.4
5
1.5KE12A
1.5KE12CA
10.20
11.40
12.60
1
16.7
91.0
5
1.5KE13A
1.5KE13CA
11.10
12.40
13.70
1
18.2
83.5
5
1.5KE15A
1.5KE15CA
12.80
14.30
15.80
1
21.2
71.7
5
1.5KE16A
1.5KE16CA
13.60
15.20
16.80
1
22.5
67.6
5
1.5KE18A
1.5KE18CA
15.30
17.10
18.90
1
25.2
60.3
5
1.5KE20A
1.5KE20CA
17.10
19.00
21.00
1
27.7
54.9
5
1.5KE22A
1.5KE22CA
18.80
20.90
23.10
1
30.6
49.7
5
1.5KE24A
1.5KE24CA
20.50
22.80
25.20
1
33.2
45.8
5
1.5KE27A
1.5KE27CA
23.10
25.70
28.40
1
37.5
40.5
5
1.5KE30A
1.5KE30CA
25.60
28.50
31.50
1
41.4
36.7
5
1.5KE33A
1.5KE33CA
28.20
31.40
34.70
1
45.7
33.3
5
1.5KE36A
1.5KE36CA
30.80
34.20
37.80
1
49.9
30.5
5
1.5KE39A
1.5KE39CA
33.30
37.10
41.00
1
53.9
28.2
5
1.5KE43A
1.5KE43CA
36.80
40.90
45.20
1
59.3
25.6
5
1.5KE47A
1.5KE47CA
40.20
44.70
49.40
1
64.8
23.5
5
1.5KE51A
1.5KE51CA
43.60
48.50
53.60
1
70.1
21.7
5
1.5KE56A
1.5KE56CA
47.80
53.20
58.80
1
77.0
19.7
5
1.5KE62A
1.5KE62CA
53.00
58.90
65.10
1
85.0
17.9
5
1.5KE68A
1.5KE68CA
58.10
64.60
71.40
1
92.0
16.5
5
1.5KE75A
1.5KE75CA
64.10
71.30
78.80
1
103.0
14.8
5
1.5KE82A
1.5KE82CA
70.10
77.90
86.10
1
113.0
13.5
5
1.5KE91A
1.5KE91CA
77.80
86.50
95.50
1
125.0
12.2
5
1.5KE100A
1.5KE100CA
85.50
95.00
105.00
1
137.0
11.1
5
1.5KE110A
1.5KE110CA
94.00
105.00
116.00
1
152.0
10.0
5
1.5KE120A
1.5KE120CA
102.00
114.00
126.00
1
165.0
9.2
5
1.5KE130A
1.5KE130CA
111.00
124.00
137.00
1
179.0
8.5
5
1.5KE150A
1.5KE150CA
128.00
143.00
158.00
1
207.0
7.3
5
1.5KE160A
1.5KE160CA
136.00
152.00
168.00
1
219.0
6.9
5
1.5KE170A
1.5KE170CA
145.00
162.00
179.00
1
234.0
6.5
5
1.5KE180A
1.5KE180CA
154.00
171.00
189.00
1
246.0
6.2
5
1.5KE200A
1.5KE200CA
171.00
190.00
210.00
1
274.0
5.5
5
1.5KE220A
1.5KE220CA
185.00
209.00
231.00
1
328.0
4.6
5
1.5KE250A
1.5KE250CA
214.00
237.00
263.00
1
344.0
4.4
5
1.5KE300A
1.5KE300CA
256.00
285.00
315.00
1
414.0
3.7
5
1.5KE350A
1.5KE350CA
300.00
332.00
368.00
1
482.0
3.2
5
1.5KE400A
1.5KE400CA
342.00
380.00
420.00
1
548.0
2.8
5
1.5KE440A
1.5KE440CA
376.00
418.00
462.00
1
602.0
2.5
5
1.5KE480A
1.5KE480CA
408.00
456.00
504.00
1
658.0
2.3
5
1.5KE510A
1.5KE510CA
434.00
485.00
535.00
1
698.0
2.1
5
1.5KE530A
1.5KE530CA
450.00
503.50
556.50
1
725.0
2.1
5
1.5KE540A
1.5KE540CA
459.00
513.00
567.00
1
740.0
2.0
5
1.5KE550A
1.5KE550CA
467.00
522.50
577.50
1
760.0
2.0
5
For bidirectional type having Vrwm of 10 volts and less, the IR limit is double.
For parts without A , the VBR is ± 10%
BREAKDOWN
VOLTAGE
VBR(V)
MAX.@IT
TEST
CURRENT IT
(mA)
REVERSE
STAND- OFF
VOLTAGE
VRWM(V)
MCC
PART NUMBER
MAXIMUM
CLAMPING
VOLTAGE
@Ipp Vc(V)
PEAK PULSE
CURRENT
Ipp (A)
REVERSE
LEAKAGE @
VRWM IR(µA)
BREAKDOWN
VOLTAGE
VBR(V)
MIN.@IT
MCC
TM
Micro Commercial Components
1.5KE6.8(C)(A)~1.5KE550(C)(A)
www.mccsemi.com
3 of 4


Similar Part No. - 1.5KE8.2A

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
1.5KE8.2A MIC-1.5KE8.2A Datasheet
95Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
logo
New Jersey Semi-Conduct...
1.5KE8.2A NJSEMI-1.5KE8.2A Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE8.2A NJSEMI-1.5KE8.2A Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
1.5KE8.2A VISHAY-1.5KE8.2A Datasheet
110Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
logo
Transys Electronics
1.5KE8.2A TRSYS-1.5KE8.2A Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 1.5KE8.2A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
15KE68 MCC-15KE68 Datasheet
974Kb / 4P
   1500 Watt Transient Voltage Suppressors 6.8V to 550 Volts
1.5KE6.8 MCC-1.5KE6.8_15 Datasheet
649Kb / 4P
   1500 Watt Transient Voltage Suppressors 6.8V to 550 Volts
SMCJ1.5KE6.8 MCC-SMCJ1.5KE6.8 Datasheet
254Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 1500 Watt
P4KE6.8A MCC-P4KE6.8A_11 Datasheet
708Kb / 4P
   400 Watt Transient Voltage Suppressors 6.8 to 550 Volts
logo
DONGGUAN YOU FENG WEI E...
1.5KE6.8-DO27 YFWDIODE-1.5KE6.8-DO27 Datasheet
1,020Kb / 6P
   1500 Watt TRANSIENT Voltage Suppressors 6.8 to 400 Volts
logo
Fairchild Semiconductor
SMCJ10A FAIRCHILD-SMCJ10A Datasheet
127Kb / 5P
   1500 Watt Transient Voltage Suppressors
logo
Solid States Devices, I...
ST1.5KA7.5 SSDI-ST1.5KA7.5 Datasheet
463Kb / 2P
   1500 WATT 7.5-270 VOLTS TRANSIENT SUPPRESSORS
logo
Littelfuse
15KE68 LITTELFUSE-15KE68 Datasheet
92Kb / 3P
   1500 WATT AXIAL TRANSIENT VOLTAGE SUPPRESSORS
logo
First Components Intern...
P6KE FCI-P6KE Datasheet
177Kb / 4P
   6.8V to 200V GPP TRANSIENT VOLTAGE SUPPRESSORS
1.5KE FCI-1.5KE_1 Datasheet
236Kb / 4P
   6.8V to 400V GPP TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com