Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD82103GWL-E2 Datasheet(PDF) 1 Page - Rohm

Part # BD82103GWL-E2
Description  Backlight LED Driver for Small LCD Panels (Charge Pump Type)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD82103GWL-E2 Datasheet(HTML) 1 Page - Rohm

  BD82103GWL-E2 Datasheet HTML 1Page - Rohm BD82103GWL-E2 Datasheet HTML 2Page - Rohm BD82103GWL-E2 Datasheet HTML 3Page - Rohm BD82103GWL-E2 Datasheet HTML 4Page - Rohm BD82103GWL-E2 Datasheet HTML 5Page - Rohm BD82103GWL-E2 Datasheet HTML 6Page - Rohm BD82103GWL-E2 Datasheet HTML 7Page - Rohm BD82103GWL-E2 Datasheet HTML 8Page - Rohm BD82103GWL-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/9
www.rohm.com
2011.06 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
LED Drivers for LCD Backlights
Backlight LED Driver
for Small LCD Panels (Charge Pump Type)
BD82103GWL
Description
BD82103GWL is charge pump type 2 light or 3 light parallel LED driver for the portable instruments.
This IC not only ensures efficient boost by automatically changing the boost rate but also works as a constant current driver
in 16 steps, so that the driving current can be adjusted finely. This IC is best suited to turn on white LEDs that require
high-accuracy LED brightness control.
Features
1) 2light or 3light parallel LED driver is mounted
2) 16-step LED current adjust function
3) Inter-LED relative current accuracy: 5% or less
4) Driving control via a single-line digital control interface
5) Automatic transition charge pump type DC/DC converter (×1,×1.5, x2)
6) High efficiency achieved (Maximum over 93%)
7) It transits for the most suitable power operating by the LED terminal process
of the 3rd light when 2 light driving
8) Various protection functions such as output voltage protection and thermal shutdown circuit are mounted.
9) Package : UCSP50L1 (Thick 0.55mm MAX, Pin pitch 0.4mm) CSP11pin package
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Ratings
Unit
Power supply voltage
VMAX
7
V
Input voltage ( EN )
Vdin
GND-0.3 ~ VBAT+0.3
V
Power dissipation
Pd
730
mW
Operating temperature range
Topr
-30 ~ +85
Storage temperature range
Tstg
-55 ~ +150
Note 1) The measurement value which was mounted on the PCB by ROHM.
When a glass epoxy substrate (70mm × 70mm × 1.6mm) has been mounted, this loss will decrease
5.84mW/℃ if Ta is higher than or equal to 25℃.
Operating Conditions (Ta = -30 ~ 85 ℃)
Parameter
Symbol
Ratings
Unit
Operating power supply voltage
VBAT
2.7 ~ 5.5
V
*This chip is not designed to protect itself against radioactive rays.
*This material may be changed on its way to designing.
*This material is not the official specification.
No.11040EBT34


Similar Part No. - BD82103GWL-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD82103GWL ROHM-BD82103GWL Datasheet
115Kb / 5P
   Silicon Monolithic Integrated Circuit
More results

Similar Description - BD82103GWL-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD1603NUV ROHM-BD1603NUV_11 Datasheet
324Kb / 9P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1601MUV ROHM-BD1601MUV_11 Datasheet
316Kb / 13P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1206GUL ROHM-BD1206GUL Datasheet
392Kb / 13P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1204GWL ROHM-BD1204GWL Datasheet
412Kb / 13P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1606MVV ROHM-BD1606MVV_11 Datasheet
306Kb / 12P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD6083GUL ROHM-BD6083GUL_10 Datasheet
667Kb / 46P
   Multifunction Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD6088GUL ROHM-BD6088GUL_11 Datasheet
821Kb / 52P
   Mulitifunction Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD6095GUL ROHM-BD6095GUL_11 Datasheet
657Kb / 42P
   Mulitifunction Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1604MUV ROHM-BD1604MUV_11 Datasheet
393Kb / 11P
   Backlight LED Drivers for Small LCD Panels (Charge Pump Type)
BD6085GUL ROHM-BD6085GUL_11 Datasheet
477Kb / 29P
   Multifunction Backlight LED Drivers for Small LCD Panels (Charge Pump Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com