Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD82061FVJ-E2 Datasheet(PDF) 3 Page - Rohm

Part # BD82061FVJ-E2
Description  1ch High Side Switch ICs for USB Devices and Memory Cards
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD82061FVJ-E2 Datasheet(HTML) 3 Page - Rohm

  BD82061FVJ-E2 Datasheet HTML 1Page - Rohm BD82061FVJ-E2 Datasheet HTML 2Page - Rohm BD82061FVJ-E2 Datasheet HTML 3Page - Rohm BD82061FVJ-E2 Datasheet HTML 4Page - Rohm BD82061FVJ-E2 Datasheet HTML 5Page - Rohm BD82061FVJ-E2 Datasheet HTML 6Page - Rohm BD82061FVJ-E2 Datasheet HTML 7Page - Rohm BD82061FVJ-E2 Datasheet HTML 8Page - Rohm BD82061FVJ-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Technical Note
3/16
BD82061FVJ,BD82065FVJ
www.rohm.com
2011.05 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
Electrical Characteristics
BD82061FVJ (Unless otherwise specified VIN = 5.0V, Ta = 25℃ )
Parameter
Symbol
Limits
Unit
Condition
Min.
Typ.
Max.
Operating current
IDD
-
110
160
μA
V/EN = 0V , OUT=OPEN
Standby current
ISTB
-
0.01
1
μA
V/EN = 5V , OUT=OPEN
/EN input voltage
V/EN
2.0
-
-
V
High input
V/EN
-
-
0.8
V
Low input
/EN input current
I/EN
-1.0
0.01
1.0
μA
V/EN = 0V or V/EN = 5V
/OC output low voltage
V/OCL
-
-
0.5
V
I/OC = 0.5mA
/OC output leak current
IL/OC
-
0.01
1
μA
V/OC = 5V
/OC delay time
T/OC
10
15
20
ms
On-resistance
RON
-
70
110
mΩ
IOUT = 500mA
Switch leak current
ILSW
-
-
1.0
μA
V/EN = 5V, VOUT = 0V
Reverse leak current
ILREV
-
-
1.0
μA
VOUT = 5.5V, VIN = 0V
Current limit threshold
ITH
1.5
2.4
3.0
A
Short circuit current
ISC
1.1
1.5
2.1
A
VOUT = 0V
CL = 47μF (RMS)
Output rise time
TON1
-
0.8
10
ms
RL = 10Ω
Output turn-on time
TON2
-
1.1
20
ms
RL = 10Ω
Output fall time
TOFF1
-
5
20
μs
RL = 10Ω
Output turn-off time
T OFF2
-
10
40
μs
RL = 10Ω
UVLO threshold
VTUVH
2.1
2.3
2.5
V
Increasing VIN
VTUVL
2.0
2.2
2.4
V
Decreasing VIN


Similar Part No. - BD82061FVJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD82061FVJ-LB ROHM-BD82061FVJ-LB Datasheet
529Kb / 25P
   2.4A Current Limit High Side Switch ICs
BD82061FVJ-LBE2 ROHM-BD82061FVJ-LBE2 Datasheet
529Kb / 25P
   2.4A Current Limit High Side Switch ICs
More results

Similar Description - BD82061FVJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2041AFJ ROHM-BD2041AFJ_11 Datasheet
449Kb / 19P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2061AFJ ROHM-BD2061AFJ_11 Datasheet
314Kb / 13P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2045AFJ ROHM-BD2045AFJ_11 Datasheet
334Kb / 13P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD82000FVJ ROHM-BD82000FVJ_11 Datasheet
408Kb / 17P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2232G ROHM-BD2232G Datasheet
324Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2248G ROHM-BD2248G Datasheet
646Kb / 23P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2220G ROHM-BD2220G_11 Datasheet
359Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2226G ROHM-BD2226G Datasheet
310Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2226G-LB ROHM-BD2226G-LB Datasheet
539Kb / 24P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2240G ROHM-BD2240G Datasheet
309Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com