Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD82103GWL Datasheet(PDF) 7 Page - Rohm

Part # BD82103GWL
Description  Backlight LED Driver for Small LCD Panels (Charge Pump Type)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD82103GWL Datasheet(HTML) 7 Page - Rohm

Back Button BD82103GWL_11 Datasheet HTML 2Page - Rohm BD82103GWL_11 Datasheet HTML 3Page - Rohm BD82103GWL_11 Datasheet HTML 4Page - Rohm BD82103GWL_11 Datasheet HTML 5Page - Rohm BD82103GWL_11 Datasheet HTML 6Page - Rohm BD82103GWL_11 Datasheet HTML 7Page - Rohm BD82103GWL_11 Datasheet HTML 8Page - Rohm BD82103GWL_11 Datasheet HTML 9Page - Rohm BD82103GWL_11 Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Technical Note
7/9
BD82103GWL
www.rohm.com
2011.06 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
Application Circuit Example (3 light)
Fig.9 Application Circuit Example 1
Application Circuit Example (2 light)
Fig.10 Application Circuit Example 2
×1, ×1.5, ×2
Charge pump
Over Voltage
Protect
OSC
TSD
Enable/
Brightness
Control
Vout Control
Charge Pump
Mode Control
Current
DAC
GND
LED1
LED2
LED3
EN
Battery
VBAT
VOUT
C1
C2
Cin
=1μF
Cout
=1μF
4
Pulse
Generator
LED3 DET
×1, ×1.5, ×2
Charge pump
Over Voltage
Protect
OSC
TSD
Enable/
Brightness
Control
Vout Control
Charge Pump
Mode Control
Current
DAC
GND
LED1
LED2
EN
Battery
VBAT
VOUT
C1
C2
Cin
=1μF
Cout
=1μF
4
Pulse
Generator
LED3 DET
LED3


Similar Part No. - BD82103GWL_11

ManufacturerPart #DatasheetDescription
logo
Rohm
BD82103GWL ROHM-BD82103GWL Datasheet
115Kb / 5P
   Silicon Monolithic Integrated Circuit
More results

Similar Description - BD82103GWL_11

ManufacturerPart #DatasheetDescription
logo
Rohm
BD1603NUV ROHM-BD1603NUV_11 Datasheet
324Kb / 9P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1601MUV ROHM-BD1601MUV_11 Datasheet
316Kb / 13P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1206GUL ROHM-BD1206GUL Datasheet
392Kb / 13P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1204GWL ROHM-BD1204GWL Datasheet
412Kb / 13P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1606MVV ROHM-BD1606MVV_11 Datasheet
306Kb / 12P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD6083GUL ROHM-BD6083GUL_10 Datasheet
667Kb / 46P
   Multifunction Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD6088GUL ROHM-BD6088GUL_11 Datasheet
821Kb / 52P
   Mulitifunction Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD6095GUL ROHM-BD6095GUL_11 Datasheet
657Kb / 42P
   Mulitifunction Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1604MUV ROHM-BD1604MUV_11 Datasheet
393Kb / 11P
   Backlight LED Drivers for Small LCD Panels (Charge Pump Type)
BD6085GUL ROHM-BD6085GUL_11 Datasheet
477Kb / 29P
   Multifunction Backlight LED Drivers for Small LCD Panels (Charge Pump Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com