Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD82061FVJ Datasheet(PDF) 10 Page - Rohm

Part # BD82061FVJ
Description  1ch High Side Switch ICs for USB Devices and Memory Cards
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD82061FVJ Datasheet(HTML) 10 Page - Rohm

Back Button BD82061FVJ_11 Datasheet HTML 6Page - Rohm BD82061FVJ_11 Datasheet HTML 7Page - Rohm BD82061FVJ_11 Datasheet HTML 8Page - Rohm BD82061FVJ_11 Datasheet HTML 9Page - Rohm BD82061FVJ_11 Datasheet HTML 10Page - Rohm BD82061FVJ_11 Datasheet HTML 11Page - Rohm BD82061FVJ_11 Datasheet HTML 12Page - Rohm BD82061FVJ_11 Datasheet HTML 13Page - Rohm BD82061FVJ_11 Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Technical Note
10/16
BD82061FVJ,BD82065FVJ
www.rohm.com
2011.05 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
Block Diagram
UVLO
IN
GND
Charge
Pump
Gate
Logic
OCD
TSD
IN
EN
/EN
OUT
OUT
OUT
/OC
1
2
3
4
8
7
6
5
GND
IN
IN
/OC
OUT
OUT
OUT
Top View
EN(/EN)
Fig.39 Block diagram
Fig.40 Pin configuration
Pin Configuration
Pin No.
Symbol
I / O
Pin function
1
GND
-
Ground.
2, 3
IN
-
Power supply input.
Input terminal to the power switch and power supply input terminal of the internal circuit.
At use, connect each pin outside.
4
EN , /EN
I
Enable input.
Power switch on at Low level.(BD82061FVJ)
Power switch on at High level.(BD82065FVJ)
High level input > 2.0V, Low level input < 0.8V.
5
/OC
O
Error flag output.
Low at over-current, thermal shutdown.
Open drain output.
6, 7, 8
OUT
O
Power switch output.
At use, connect each pin outside.
I/O Circuit
Symbol
Pin No
Equivalent circuit
EN(/EN)
4
/OC
5
OUT
6,7,8


Similar Part No. - BD82061FVJ_11

ManufacturerPart #DatasheetDescription
logo
Rohm
BD82061FVJ-LB ROHM-BD82061FVJ-LB Datasheet
529Kb / 25P
   2.4A Current Limit High Side Switch ICs
BD82061FVJ-LBE2 ROHM-BD82061FVJ-LBE2 Datasheet
529Kb / 25P
   2.4A Current Limit High Side Switch ICs
More results

Similar Description - BD82061FVJ_11

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2041AFJ ROHM-BD2041AFJ_11 Datasheet
449Kb / 19P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2061AFJ ROHM-BD2061AFJ_11 Datasheet
314Kb / 13P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2045AFJ ROHM-BD2045AFJ_11 Datasheet
334Kb / 13P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD82000FVJ ROHM-BD82000FVJ_11 Datasheet
408Kb / 17P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2232G ROHM-BD2232G Datasheet
324Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2248G ROHM-BD2248G Datasheet
646Kb / 23P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2220G ROHM-BD2220G_11 Datasheet
359Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2226G ROHM-BD2226G Datasheet
310Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2226G-LB ROHM-BD2226G-LB Datasheet
539Kb / 24P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2240G ROHM-BD2240G Datasheet
309Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com