Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD63960EFV Datasheet(PDF) 4 Page - Rohm

Part # BD63960EFV
Description  Silicon monolithic integrated circuits
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD63960EFV Datasheet(HTML) 4 Page - Rohm

  BD63960EFV_11 Datasheet HTML 1Page - Rohm BD63960EFV_11 Datasheet HTML 2Page - Rohm BD63960EFV_11 Datasheet HTML 3Page - Rohm BD63960EFV_11 Datasheet HTML 4Page - Rohm BD63960EFV_11 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4/4
REV. A
○Operation Notes
(1) Absolute maximum ratings
An excess in the absolute maximum ratings, such as supply voltage, temperature range of operating
conditions, etc., can break down the devices, thus making impossible to identify breaking mode, such as a
short circuit or an open circuit. If any over rated values will expect to exceed the absolute maximum ratings,
consider adding circuit protection devices, such as fuses.
(2)
Power supply lines
As return of current regenerated by back EMF of motor happens, take steps such as putting capacitor
between power supply and GND as an electric pathway for the regenerated current. Be sure that there is no
problem with each property such as emptied capacity at lower temperature regarding electrolytic capacitor
to decide capacity value. If the connected power supply does not have sufficient current absorption capacity,
regenerative current will cause the voltage on the power supply line to rise, which combined with the
product and its peripheral circuitry may exceed the absolute maximum ratings. It is recommended to
implement a physical safety measure such as the insertion of a voltage clamp diode between the power
supply and GND pins.
(3)
GND potential
The potential of GND pin must be minimum potential in all operating conditions.
(4)
Metal on the backside (Define the side where product markings are printed as front)
The metal on the backside is shorted with the backside of IC chip therefore it should be connected to GND.
Be aware that there is a possibility of malfunction or destruction if it is shorted with any potential other than
GND.
(5)
Thermal design
Use a thermal design that allows for a sufficient margin in light of the power dissipation (Pd) in actual
operating conditions. This IC exposes its frame of the backside of package. Note that this part is assumed
to use after providing heat dissipation treatment to improve heat dissipation efficiency . Try to occupy as
wide as possible with heat dissipation pattern not only on the board surface but also the backside.
(6)
Actions in strong electromagnetic field
Use caution when using the IC in the presence of a strong electromagnetic field as doing so may cause the
IC to malfunction.
(7)
ASO
When using the IC, set the output transistor so that it does not exceed absolute maximum ratings or ASO.
(8)
Thermal shutdown circuit
The IC has a built-in thermal shutdown circuit (TSD circuit). If the chip temperature becomes Tjmax=150℃,
and higher, coil output to the motor will be open. The TSD circuit is designed only to shut the IC off to
prevent runaway thermal operation. It is not designed to protect or indemnify peripheral equipment. Do not
use the TSD function to protect peripheral equipment.
(9)
Ground Wiring Pattern
When using both large current and small signal GND patterns, it is recommended to isolate the two ground
patterns, placing a single ground point at the ground potential of application so that the pattern wiring
resistance and voltage variations caused by large currents do not cause variations in the small signal
ground voltage. Be careful not to change the GND wiring pattern of any external components, either.
(10) Mounting errors and Inter-pin short
When attaching to a printed circuit board, pay attention to the direction of the IC and displacement.
Improper attachment may lead to destruction of the IC. There is also possibility of destruction from short
circuits which can be caused by foreign matter entering between outputs or an output and the power supply
or GND.
(11) TEST pin
Be sure to connect TEST pin to GND.


Similar Part No. - BD63960EFV_11

ManufacturerPart #DatasheetDescription
logo
Rohm
BD63960EFV ROHM-BD63960EFV Datasheet
295Kb / 5P
   Silicon monolithic integrated circuits
BD63960EFV ROHM-BD63960EFV Datasheet
260Kb / 9P
   Stepping Motor Driver Series Standard 36V Stepping Motor Drivers
More results

Similar Description - BD63960EFV_11

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6389FM ROHM-BD6389FM_11 Datasheet
188Kb / 5P
   Silicon monolithic integrated circuits
BD6395FP ROHM-BD6395FP_11 Datasheet
979Kb / 5P
   Silicon monolithic integrated circuits
BD5431EFS ROHM-BD5431EFS_11 Datasheet
159Kb / 5P
   Silicon monolithic integrated circuits
BA6868FM ROHM-BA6868FM_11 Datasheet
143Kb / 5P
   Silicon monolithic integrated circuits
BD63843EFV ROHM-BD63843EFV Datasheet
147Kb / 5P
   Silicon monolithic integrated circuits
BD6423EFV ROHM-BD6423EFV_11 Datasheet
603Kb / 5P
   Silicon monolithic integrated circuits
BD63960EFV ROHM-BD63960EFV Datasheet
295Kb / 5P
   Silicon monolithic integrated circuits
BH6452GUL ROHM-BH6452GUL Datasheet
335Kb / 5P
   Silicon monolithic integrated circuits
BH6453GUL ROHM-BH6453GUL Datasheet
243Kb / 5P
   Silicon monolithic integrated circuits
BH6456GUL ROHM-BH6456GUL Datasheet
394Kb / 5P
   Silicon monolithic integrated circuits
BD63873EFV ROHM-BD63873EFV Datasheet
132Kb / 5P
   Silicon monolithic integrated circuits
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com