Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD60910GU-E2 Datasheet(PDF) 9 Page - Rohm

Part # BD60910GU-E2
Description  White backlight LED Drivers for Small to Medium LCD Panels (Switching Regulator Type)
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD60910GU-E2 Datasheet(HTML) 9 Page - Rohm

Back Button BD60910GU-E2 Datasheet HTML 5Page - Rohm BD60910GU-E2 Datasheet HTML 6Page - Rohm BD60910GU-E2 Datasheet HTML 7Page - Rohm BD60910GU-E2 Datasheet HTML 8Page - Rohm BD60910GU-E2 Datasheet HTML 9Page - Rohm BD60910GU-E2 Datasheet HTML 10Page - Rohm BD60910GU-E2 Datasheet HTML 11Page - Rohm BD60910GU-E2 Datasheet HTML 12Page - Rohm BD60910GU-E2 Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
Technical Note
9/30
www.rohm.com
2011.07 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
BD60910GU
Timing diagram
SDA
SCL
t SU;DAT
t LOW
S
Sr
P
S
t BUF
t HD;STA
t SU;STA
t HIGH
t HD;STA
t HD;DAT
t SU;STO
Electrical Characteristics(Unless otherwise specified, Ta=25 ℃, VBAT=3.6V, VIO=1.8V)
Parameter
Symbol
Standard-mode
Fast-mode
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
I
2C BUS format】
SCL clock frequency
fSCL
0
-
100
0
-
400
kHz
LOW period of the SCL clock
tLOW
4.7
-
-
1.3
-
-
μs
HIGH period of the SCL clock
tHIGH
4.0
-
-
0.6
-
-
μs
Hold time (repeated) START condition
After this period, the first clock is generated
tHD;STA
4.0
-
-
0.6
-
-
μs
Set-up time for a repeated START
condition
tSU;STA
4.7
-
-
0.6
-
-
μs
Data hold time
tHD;DAT
0
-
3.45
0
-
0.9
μs
Data set-up time
tSU;DAT
250
-
-
100
-
-
ns
Set-up time for STOP condition
tSU;STO
4.0
-
-
0.6
-
-
μs
Bus free time between a STOP
and START condition
tBUF
4.7
-
-
1.3
-
-
μs


Similar Part No. - BD60910GU-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD60910GU ROHM-BD60910GU Datasheet
146Kb / 5P
   Silicon Monolithic Integrated Circuit
More results

Similar Description - BD60910GU-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6076GUT ROHM-BD6076GUT Datasheet
490Kb / 16P
   White Backlight LED Drivers for Small to Medium LCD Panels (Switching Regulator Type)
BD60A60NUX ROHM-BD60A60NUX Datasheet
626Kb / 23P
   White Backlight LED Drivers for Small to Medium LCD Panels (Switching Regulator Type)
BD60A00NUX ROHM-BD60A00NUX Datasheet
626Kb / 23P
   White Backlight LED Drivers for Small to Medium LCD Panels (Switching Regulator Type)
BD6077GUT ROHM-BD6077GUT Datasheet
449Kb / 17P
   White Backlight LED Drivers for Small to Medium LCD Panels (Switching Regulator Type)
BD6067GU ROHM-BD6067GU_11 Datasheet
675Kb / 30P
   White Backlight LED Drivers for Small to Medium LCD Panels (Switching Regulator Type)
BD6074GUT ROHM-BD6074GUT Datasheet
440Kb / 16P
   White Backlight LED Drivers for Small to Medium LCD Panels (Switching Regulator Type)
BD8112EFV-M ROHM-BD8112EFV-M_11 Datasheet
615Kb / 23P
   White Backlight LED Drivers for Medium to Large LCD Panels (Switching Regulator Type)
BD6066GU ROHM-BD6066GU_11 Datasheet
389Kb / 16P
   White Backlight LED Drivers for Medium to Large LCD Panels (Switching Regulator Type)
BD8119FM-M ROHM-BD8119FM-M_11 Datasheet
365Kb / 21P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6583MUV-A ROHM-BD6583MUV-A_11 Datasheet
1Mb / 27P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com