Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD60910GU-E2 Datasheet(PDF) 4 Page - Rohm

Part # BD60910GU-E2
Description  White backlight LED Drivers for Small to Medium LCD Panels (Switching Regulator Type)
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD60910GU-E2 Datasheet(HTML) 4 Page - Rohm

  BD60910GU-E2 Datasheet HTML 1Page - Rohm BD60910GU-E2 Datasheet HTML 2Page - Rohm BD60910GU-E2 Datasheet HTML 3Page - Rohm BD60910GU-E2 Datasheet HTML 4Page - Rohm BD60910GU-E2 Datasheet HTML 5Page - Rohm BD60910GU-E2 Datasheet HTML 6Page - Rohm BD60910GU-E2 Datasheet HTML 7Page - Rohm BD60910GU-E2 Datasheet HTML 8Page - Rohm BD60910GU-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
Technical Note
4/30
www.rohm.com
2011.07 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
BD60910GU
Block Diagram / Application Circuit example
Fig.1 Block Diagram / Application Circuit example
RESETB
SCL
SDA
WPWMIN
I/O
I
2C interface
IREF
LEDGND
Digital Control
10µF
VREF
Level
Shift
VIO
VBAT
Sensor
I/F
SBIAS
BH1600FVC
SGND
GC1
1μF
GC2
ALC
VBAT1
22μH
1μF(50V)
Feed Back
VLED
DC/DC
External PWM
GND1
TSD
VBAT2
RB520S-40
OCP
OVP
GND2
VDD
GND
IOUT
GC2
Photo IC
SSENS
GC1
( )
( )
( )
* The example when using BH1600FVC and assuming brightness range
10(lx)-50000(lx) by the panel of 20% transmissivity


Similar Part No. - BD60910GU-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD60910GU ROHM-BD60910GU Datasheet
146Kb / 5P
   Silicon Monolithic Integrated Circuit
More results

Similar Description - BD60910GU-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6076GUT ROHM-BD6076GUT Datasheet
490Kb / 16P
   White Backlight LED Drivers for Small to Medium LCD Panels (Switching Regulator Type)
BD60A60NUX ROHM-BD60A60NUX Datasheet
626Kb / 23P
   White Backlight LED Drivers for Small to Medium LCD Panels (Switching Regulator Type)
BD60A00NUX ROHM-BD60A00NUX Datasheet
626Kb / 23P
   White Backlight LED Drivers for Small to Medium LCD Panels (Switching Regulator Type)
BD6077GUT ROHM-BD6077GUT Datasheet
449Kb / 17P
   White Backlight LED Drivers for Small to Medium LCD Panels (Switching Regulator Type)
BD6067GU ROHM-BD6067GU_11 Datasheet
675Kb / 30P
   White Backlight LED Drivers for Small to Medium LCD Panels (Switching Regulator Type)
BD6074GUT ROHM-BD6074GUT Datasheet
440Kb / 16P
   White Backlight LED Drivers for Small to Medium LCD Panels (Switching Regulator Type)
BD8112EFV-M ROHM-BD8112EFV-M_11 Datasheet
615Kb / 23P
   White Backlight LED Drivers for Medium to Large LCD Panels (Switching Regulator Type)
BD6066GU ROHM-BD6066GU_11 Datasheet
389Kb / 16P
   White Backlight LED Drivers for Medium to Large LCD Panels (Switching Regulator Type)
BD8119FM-M ROHM-BD8119FM-M_11 Datasheet
365Kb / 21P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6583MUV-A ROHM-BD6583MUV-A_11 Datasheet
1Mb / 27P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com