Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD60910GU Datasheet(PDF) 8 Page - Rohm

Part # BD60910GU
Description  White backlight LED Drivers for Small to Medium LCD Panels (Switching Regulator Type)
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD60910GU Datasheet(HTML) 8 Page - Rohm

Back Button BD60910GU Datasheet HTML 4Page - Rohm BD60910GU Datasheet HTML 5Page - Rohm BD60910GU Datasheet HTML 6Page - Rohm BD60910GU Datasheet HTML 7Page - Rohm BD60910GU Datasheet HTML 8Page - Rohm BD60910GU Datasheet HTML 9Page - Rohm BD60910GU Datasheet HTML 10Page - Rohm BD60910GU Datasheet HTML 11Page - Rohm BD60910GU Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
Technical Note
8/30
www.rohm.com
2011.07 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
BD60910GU
Writing protocol
A register address is transferred by the next 1 byte that transferred the slave address and the write-in command. The 3rd
byte writes data in the internal register written in by the 2nd byte, and after 4th byte or, the increment of register address
is carried out automatically. However, when a register address turns into the last address, it is set to 00h by the next
transmission. After the transmission end, the increment of the address is carried out.
S
A
A
A P
register address
slave address
from master to slave
from slave to master
R/W=0(write)
DATA
A
D7 D6 D5 D4 D3 D2 D1 D0
D7 D6 D5 D4 D3 D2 D1 D0
A7 A6 A5 A4 A3 A2 A1 A0
0
X X X X X X X
*1
*1
DATA
A=acknowledge(SDA LOW)
A=not acknowledge(SDA HIGH)
S=START condition
P=STOP condition
*1: Write Timing
register address
increment
register address
increment
Reading protocol
It reads from the next byte after writing a slave address and R/W bit. The register to read considers as the following
address accessed at the end, and the data of the address that carried out the increment is read after it. If an address
turns into the last address, the next byte will read out 00h. After the transmission end, the increment of the address is
carried out.
1
S
A
P
from master to slave
from slave to master
R/W=1(read)
DATA
A
DATA
slave address
D7 D6 D5 D4 D3 D2 D1 D0
D7 D6 D5 D4 D3 D2 D1 D0
register address
increment
X X X X X X X
A=acknowledge(SDA LOW)
A=not acknowledge(SDA HIGH)
S=START condition
P=STOP condition
register address
increment
A
Multiple reading protocols
After specifying an internal address, it reads by repeated START condition and changing the data transfer direction. The
data of the address that carried out the increment is read after it. If an address turns into the last address, the next byte
will read out 00h. After the transmission end, the increment of the address is carried out.
R/W=0(write)
R/W=1(read)
slave address
register address
slave address
DATA
DATA
S
A
A
A
Sr
1
0
A7 A6 A5 A4 A3 A2 A1 A0
X X X X X X X
X X X X X X X
A=acknowledge(SDA LOW)
A=not acknowledge(SDA HIGH)
S=START condition
P=STOP condition
from master to slave
from slave to master
register address
increment
register address
increment
P
A
D7D6D5 D4D3D2D1D0
D7D6D5D4D3D2D1D0 A
Sr=repeated START condition
As for reading protocol and multiple reading protocols, please do A (not acknowledge) after doing the final reading
operation. It stops with read when ending by A(acknowledge), and SDA stops in the state of Low when the reading data
of that time is 0. However, this state returns usually when SCL is moved, data is read, and A (not acknowledge) is done.


Similar Part No. - BD60910GU

ManufacturerPart #DatasheetDescription
logo
Rohm
BD60910GU ROHM-BD60910GU Datasheet
146Kb / 5P
   Silicon Monolithic Integrated Circuit
More results

Similar Description - BD60910GU

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6076GUT ROHM-BD6076GUT Datasheet
490Kb / 16P
   White Backlight LED Drivers for Small to Medium LCD Panels (Switching Regulator Type)
BD60A60NUX ROHM-BD60A60NUX Datasheet
626Kb / 23P
   White Backlight LED Drivers for Small to Medium LCD Panels (Switching Regulator Type)
BD60A00NUX ROHM-BD60A00NUX Datasheet
626Kb / 23P
   White Backlight LED Drivers for Small to Medium LCD Panels (Switching Regulator Type)
BD6077GUT ROHM-BD6077GUT Datasheet
449Kb / 17P
   White Backlight LED Drivers for Small to Medium LCD Panels (Switching Regulator Type)
BD6067GU ROHM-BD6067GU_11 Datasheet
675Kb / 30P
   White Backlight LED Drivers for Small to Medium LCD Panels (Switching Regulator Type)
BD6074GUT ROHM-BD6074GUT Datasheet
440Kb / 16P
   White Backlight LED Drivers for Small to Medium LCD Panels (Switching Regulator Type)
BD8112EFV-M ROHM-BD8112EFV-M_11 Datasheet
615Kb / 23P
   White Backlight LED Drivers for Medium to Large LCD Panels (Switching Regulator Type)
BD6066GU ROHM-BD6066GU_11 Datasheet
389Kb / 16P
   White Backlight LED Drivers for Medium to Large LCD Panels (Switching Regulator Type)
BD8119FM-M ROHM-BD8119FM-M_11 Datasheet
365Kb / 21P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6583MUV-A ROHM-BD6583MUV-A_11 Datasheet
1Mb / 27P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com