Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD37524FS-E2 Datasheet(PDF) 7 Page - Rohm

Part # BD37524FS-E2
Description  Sound Processor with Built-in 3-band Equalizer
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD37524FS-E2 Datasheet(HTML) 7 Page - Rohm

Back Button BD37524FS-E2 Datasheet HTML 3Page - Rohm BD37524FS-E2 Datasheet HTML 4Page - Rohm BD37524FS-E2 Datasheet HTML 5Page - Rohm BD37524FS-E2 Datasheet HTML 6Page - Rohm BD37524FS-E2 Datasheet HTML 7Page - Rohm BD37524FS-E2 Datasheet HTML 8Page - Rohm BD37524FS-E2 Datasheet HTML 9Page - Rohm BD37524FS-E2 Datasheet HTML 10Page - Rohm BD37524FS-E2 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Technical Note
7/25
BD37524FS
www.rohm.com
2010.03 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
●Block diagram and pin configuration
Fig.22 BD37524FS
Descriptions of terminal
Terminal
No.
Terminal
Name
Description
Terminal
No.
Terminal
Name
Description
1
FIL
VCC/2 terminal
13
MUTE
External compulsory mute terminal
2
A1
A input terminal of 1ch
14
LOUT
Output terminal for Level meter
3
A2
A input terminal of 2ch
15
OUTS2
Subwoofer output terminal of 2ch
4
B1
B input terminal of 1ch
16
OUTS1
Subwoofer output terminal of 1ch
5
B2
B input terminal of 2ch
17
OUTR2
Rear output terminal of 2ch
6
CP1
C positive input terminal of 1ch
18
OUTR1
Rear output terminal of 1ch
7
CN
C negative input terminal
19
OUTF2
Front output terminal of 2ch
8
CP2
C positive input terminal of 2ch
20
OUTF1
Front output terminal of 1ch
9
D1
D input terminal of 1ch
21
VCC
Power supply terminal
10
D2
D input terminal of 2ch
22
SCL
I2C Communication clock terminal
11
E1
E input terminal of 1ch
23
SDA
I2C Communication data terminal
12
E2
E input terminal of 2ch
24
GND
GND terminal
GND
VCC/2
Volume/Mute
3 Band P-EQ
(Tone control)
Loudness
LPF
Input Gain
GND
ISO amp
Input selector (4 single-end and 1 stereo ISO)
14
100k
100k
100k
100k
250k
GND
ISO amp
250k
250k
250k
250k
250k
250k
Level
meter
VCC
I2C BUS LOGIC
■Fader
Gain:+15dB~-79dB/1dB step
★no pop noise
■LPF
fc=55/85/120/160Hz
■Loudness
Gain:20dB~0dB/1dB step
★no pop noise
・f0=250/400/800Hz
・Hicut:1/2/3/4
■3 Band P-EQ (Tone control)
Gain:+20dB~-20dB/1dB step
★no pop noise
・Bass:f0=60/80/100/120Hz
Q=0.5/1.0/1.5/2.0
・Meddle:f0=500/1k/1.5k/2.5kHz
Q=0.75/1/1.25/1.5
・Treble:f0=7.5k/10k/12.5k/15kHz
Q=0.75/1.25
■Volume
Gain:+15dB~-79dB/1dB step
★no pop noise
■Input Gain
Gain:+20dB~0dB/1dB step
★no pop noise
1
2
3
4
5
6
7
8
9
10
11
12
13
24
23
22
21
20
19
18
17
16
15


Similar Part No. - BD37524FS-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD37524FS-E2 ROHM-BD37524FS-E2 Datasheet
3Mb / 35P
   Sound Processor with Built-in 3-band Equalizer
More results

Similar Description - BD37524FS-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD37531FV ROHM-BD37531FV_15 Datasheet
3Mb / 34P
   Sound Processor with Built-in 3-band Equalizer
BD37524FS ROHM-BD37524FS_15 Datasheet
3Mb / 35P
   Sound Processor with Built-in 3-band Equalizer
BD37532FV ROHM-BD37532FV_15 Datasheet
3Mb / 34P
   Sound Processor with Built-in 3-band Equalizer
BD37534FV ROHM-BD37534FV_15 Datasheet
4Mb / 39P
   Sound Processor with Built-in 3-band Equalizer
BD37533FV ROHM-BD37533FV_15 Datasheet
3Mb / 37P
   Sound Processor with Built-in 3-band Equalizer
BD37542FS ROHM-BD37542FS_15 Datasheet
3Mb / 37P
   Sound Processor with Built-in 3-band Equalizer
BD37544FS ROHM-BD37544FS_15 Datasheet
4Mb / 41P
   Sound Processor with Built-in 3-band Equalizer
BD37541FS ROHM-BD37541FS_15 Datasheet
3Mb / 37P
   Sound Processor with Built-in 3-band Equalizer
BD37543FS ROHM-BD37543FS_15 Datasheet
4Mb / 41P
   Sound Processor with Built-in 3-band Equalizer
BD37522FS ROHM-BD37522FS_15 Datasheet
3Mb / 31P
   Sound Processor with Built-in 2-band Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com