Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IFOB0232-12M2PGF6 Datasheet(PDF) 4 Page - Glenair, Inc.

Part # IFOB0232-12M2PGF6
Description  12 Pole Fiber Optic Connector
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

IFOB0232-12M2PGF6 Datasheet(HTML) 4 Page - Glenair, Inc.

  IFOB0232-12M2PGF6 Datasheet HTML 1Page - Glenair, Inc. IFOB0232-12M2PGF6 Datasheet HTML 2Page - Glenair, Inc. IFOB0232-12M2PGF6 Datasheet HTML 3Page - Glenair, Inc. IFOB0232-12M2PGF6 Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
71
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2010 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
22.3
+0.2
0
4 ±0.2
O-Ring
4.3
+0.1
0
70 ±0.2
22.3
+0.2
0
4 ±0.2
O-Ring
37.3 max.
4.3
+0.1
0
70 ±0.2
14 ±0.3
89 max.
60 ±0.2
14 ±0.3
89 max.
60 ±0.2
37.3 max.
IFOB0032-F12 ... N0
IFOB0632-F12 ...
IFOB0032-F12 ...
IFOB0632-F12 ... N0
34.2 max.
52 ±0.1
21.2 max.
21.2 max.
34.2 max.
IFOB06T-32F6
IFOB02T-32F6
IFOB0632-12...2PGF6
Front View
22.3
+0.2
0
4 ±0.2
O-Ring
4.3
+0.1
0
70 ±0.2
22.3
+0.2
0
4 ±0.2
O-Ring
37.3 max.
4.3
+0.1
0
70 ±0.2
60 ±0.2
60 ±0.2
37.3 max.
IFOB0032-F12 ... N0
IFOB0632-F12 ... PG21CH
IFOB0032-F12 ... PG21CH
IFOB0632-F12 ... N0
34.2 max.
52 ±0.1
21.2 max.
21.2 max.
34.2 max.
IFOB06T-32F6
IFOB02T-32F6
94 max.
SW 34
SW 34
94 max.
MIL-DTL-5015 and VG95234 Type
(Series IFO)
12 Pole Fiber Optic Connector


Similar Part No. - IFOB0232-12M2PGF6

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
IFO2175-830-FL AXIOMTEK-IFO2175-830-FL Datasheet
384Kb / 2P
   Fanless and noiseless operation
IFO2175-850-FL AXIOMTEK-IFO2175-850-FL Datasheet
402Kb / 2P
   Fanless and noiseless operation
IFO2175-873 AXIOMTEK-IFO2175-873 Datasheet
515Kb / 2P
   Supports optional wall mount, VESA arm and desktop stand
IFO2175-873-NP-DRW AXIOMTEK-IFO2175-873-NP-DRW Datasheet
635Kb / 2P
   Optional one PCI or PCIe x4 expansion slot
IFO2175-873 AXIOMTEK-IFO2175-873_16 Datasheet
635Kb / 2P
   Optional one PCI or PCIe x4 expansion slot
More results

Similar Description - IFOB0232-12M2PGF6

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
180_091 GLENAIR-180_091_05 Datasheet
306Kb / 2P
   Advanced Fiber Optic Connector
180_091 GLENAIR-180_091_06 Datasheet
398Kb / 2P
   Advanced Fiber Optic Connector
logo
ITT Industries
FPA ITT-FPA Datasheet
74Kb / 1P
   Fiber Optic
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
   Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
Glenair, Inc.
180-091MS7-11-8PA GLENAIR-180-091MS7-11-8PA Datasheet
290Kb / 2P
   Advanced Fiber Optic Receptacle Connector
180-118C02-15-10R GLENAIR-180-118C02-15-10R Datasheet
222Kb / 1P
   Fiber Optic SS15 Receptacle Connector
180-091MH7-11-8PA GLENAIR-180-091MH7-11-8PA Datasheet
291Kb / 2P
   Advanced Fiber Optic Receptacle Connector
180-091MT7-11-8PA GLENAIR-180-091MT7-11-8PA Datasheet
292Kb / 2P
   Advanced Fiber Optic Receptacle Connector
180-118C06-15-10R GLENAIR-180-118C06-15-10R Datasheet
220Kb / 1P
   Fiber Optic SS15 Plug Connector
185-960-A06-C-50 GLENAIR-185-960-A06-C-50 Datasheet
193Kb / 1P
   Expanded Beam Fiber Optic Connector
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com