Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GP1S25 Datasheet(PDF) 1 Page - Sharp Corporation

Part # GP1S25
Description  Side Lead Type Ultra-compact Photointerrupter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1S25 Datasheet(HTML) 1 Page - Sharp Corporation

  GP1S25 Datasheet HTML 1Page - Sharp Corporation GP1S25 Datasheet HTML 2Page - Sharp Corporation GP1S25 Datasheet HTML 3Page - Sharp Corporation GP1S25 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
(Ta=25˚C)
IF
50
mA
VR
6V
P
75
mW
VCEO
35
V
VECO
6V
IC
20
mA
PC
75
mW
P tot
T opr
100
mW
˚C
T stg
˚C
T sol
260
˚C
Features
Applications
Outline Dimensions
(Unit : mm)
Parameter
Symbol
Unit
Input
Output
*1
Forward current
Reverse voltage
Power dissipation
Collector current
Collector power dissipation
Total power dissipation
Operating temperature
Storage temperature
Soldering temperature
Absolute Maximum Ratings
- 25 to + 85
- 40 to + 100
GP1S25
GP1S25
* Tolerance : ± 0.2 mm
* ( ) : Connector dimensions for reference
* The dimensions indicated by g refer
to those measured from the lead base.
* Dimensions shown do not include burr.
Burr's dimension : 0.15 MAX.
Rest of gate : 0.3 MAX.
(
)
1. Side lead ultra-compact transmission type
2. Conforming to solder reflow
Pre-heat : 160 ˚C, MAX. 120 sec
Reflow : 200 ˚C, MAX. 60 sec
240 ˚C, MAX. 10 sec
3. Slit : 0.3 mm
4. Gap : 1.6 mm
1. CD-ROM drives
2. FDDs
Collector-emitter voltage
Emitter-collector voltage
*1 Soldering time : For 3 seconds (hand soldering)
Rating
Side Lead Type Ultra-compact
Photointerrupter
Top View
4 Cathode
3 Emitter
2 Collector
1 Anode
Circuit diagram: Top View
(0.3) Slit width
Gate position
0.4
g 0.87
g 0.8
g 0.87
3.4
4 6
S
a-a section
1.6
0.15
(C0.3)
Optical
center
(C0.3)
+ 0.2
- 0.1
φ 0.8
4
1
2
1
2
3
4
3
0.6
1.0
1.25
1 2 3 4
s
s
ss


Similar Part No. - GP1S25

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1S25J0000F SHARP-GP1S25J0000F Datasheet
181Kb / 11P
   SMT, Gap : 1.6mm, Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
More results

Similar Description - GP1S25

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2L20L SHARP-GP2L20L Datasheet
48Kb / 4P
   Compact, Thin Type Photointerrupter
GP2L23L SHARP-GP2L23L Datasheet
45Kb / 4P
   Compact, Thin Type Photointerrupter
GP1S53V SHARP-GP1S53V Datasheet
59Kb / 4P
   Compact Photointerrupter
GP1S53 SHARP-GP1S53 Datasheet
137Kb / 4P
   Compact Photointerrupter
GP1S560 SHARP-GP1S560 Datasheet
48Kb / 4P
   Compact, High Sensing Accuracty Type Photointerrupter
GP1L53V SHARP-GP1L53V Datasheet
48Kb / 4P
   Compact, High Sensing Accuracy Type Photointerrupter
logo
Rohm
SML-R1 ROHM-SML-R1_11 Datasheet
1Mb / 4P
   Ultra compact, thin side-view type LED
SML-R1 ROHM-SML-R1 Datasheet
1Mb / 4P
   Ultra compact,thin side-view type LED
logo
Sharp Corporation
GP1S562 SHARP-GP1S562 Datasheet
61Kb / 4P
   Compact Photointerrupter with Holders
GP1S55T SHARP-GP1S55T Datasheet
53Kb / 4P
   Compact, High Sensing Accuracy Narrow Gap Type Photointerrupter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com