Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD9845FV-E2 Datasheet(PDF) 8 Page - Rohm

Part # BD9845FV-E2
Description  Single/Dual-output High-frequency Step-down Switching Regulator(Controller type)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9845FV-E2 Datasheet(HTML) 8 Page - Rohm

Back Button BD9845FV-E2 Datasheet HTML 4Page - Rohm BD9845FV-E2 Datasheet HTML 5Page - Rohm BD9845FV-E2 Datasheet HTML 6Page - Rohm BD9845FV-E2 Datasheet HTML 7Page - Rohm BD9845FV-E2 Datasheet HTML 8Page - Rohm BD9845FV-E2 Datasheet HTML 9Page - Rohm BD9845FV-E2 Datasheet HTML 10Page - Rohm BD9845FV-E2 Datasheet HTML 11Page - Rohm BD9845FV-E2 Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
BD9845FV
Technical Note
8/15
www.rohm.com
2011.08 - Rev.D
© 2011 ROHM Co., Ltd. All rights reserved.
4) Soft start (soft start function)
It is possible to provide SS terminal (13pin) with soft start function by
connecting CSS as shown on the right.
Soft start time TSS is shown by the formula below:
Tss = Css・
(Ex) When Css = 0.01 uF
Tss =
=
5 [msec]
In order to function soft start, time must be set longer enough than
start time of power supply and STB.
It is also possible to provide function of soft start by connecting the
resistor (R1/R2) and capacitor (CDT) to DT terminal (14pin) as shown
on the right.
5) PWM Comp - DEAD TIME (Pause period adjusting circuit - dead time)
Dead time can be set by applying voltage dividing resistance between VREF and GND to DT terminal.
PWM Comp compares the input dead time voltage (DT terminal voltage) and error voltage from Err Amp (FB terminal
voltage) with triangular wave, and turns off and on the output. When dead time voltage < error voltage, duty of output is
determined by dead time voltage. (When dead time setting is not used, pull up DT terminal to VREF terminal with resistor
approx 10 k ohms.)
Dead time voltage VDT in Fig 32 is shown by the formula below:
VDT = VREF・
Relation between VDT and Duty [See the graph on the right.]
Duty 100%
Duty 0%
min
typ
max
min
typ
max
When f = 100kHz
1.9
2.0
2.1
1.4
1.5
1.6
When f = 1.5MHz
1.95
2.1
2.25
1.35
1.5
1.65
Be careful when oscillation frequency is high, upper/lower limit of triangular
wave (Vt100/Vt0) is shifted by delay time of comparator to directions
expanding amplitude.
6) OCP Comp (overcurrent detection circuit)
This function provides protection by forcibly turning off the output when
abnormal overcurrent flows due to shorting of output, etc. When voltage
between terminal OCP+(8pin)/OCP-(9pin) monitoring the current with
sense resistor exceeds overcurrent detection voltage (50 mV typ), it is
determined as overcurrent condition, and switching operation is stopped
immediately by setting OUT to "H" and DT,SS (and FB) to "L".
It is automatically recovered when voltage between terminal OCP+/OCP-
is below overcurrent detection voltage.
In addition, although hysteresis, etc. are not set here, minimum detection
retention time (1.6ms typ) is set for suppressing the heating of FET, etc.
(See the timing chart.)
When the overcurrent detection circuit is not used, short-circuit both
terminal OCP+/OCP- to VCC pin.
R1+R2
R2
Issso
Vinv
Css : SS terminal connection capacity
Vinv : Error amplifier reference voltage
(1V typ)
Issso : SS source current (2uA typ)
2×10
-6
0.01×10
-6×1
Fig.32
Fig.33
[Unit : V]
1
1.2
1.4
1.6
1.8
2
2.2
2.4
100
1000
10000
fosc[KHz]
Vt100
Vt0
Fig.34
Fig.35
Direction
of current
Sense
resistor
VREF
DT
R1
R2
CDT
1
14
VREF
INV
SS
ErrAmp
2uA
Css
1Vtyp.
13
12
VIN
OCP+
OCP-
OCP Comp
50mVtyp.
8
9


Similar Part No. - BD9845FV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9845FV ROHM-BD9845FV Datasheet
590Kb / 16P
   Single/Dual-output High-frequency Step-down Switching Regulator(Controller type)
More results

Similar Description - BD9845FV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9845FV ROHM-BD9845FV Datasheet
590Kb / 16P
   Single/Dual-output High-frequency Step-down Switching Regulator(Controller type)
BD9842FVE ROHM-BD9842FVE Datasheet
1Mb / 17P
   Dual-output High-frequency step-down Switching Regulator (Controller type)
BD9850FVM ROHM-BD9850FVM_08 Datasheet
792Kb / 17P
   Single-output High-frequency Step-down Switching Regulator(Controller type)
BD9853AFV ROHM-BD9853AFV Datasheet
472Kb / 17P
   Single/Dual-output High-frequency Step-down Switching Regulato (Controller type)
BD9305AFVM ROHM-BD9305AFVM Datasheet
417Kb / 15P
   Single-output Step-up,High-efficiency Switching Regulator(Controller Type)
BD9763FVM ROHM-BD9763FVM Datasheet
383Kb / 12P
   Single-output Step-up,High-efficiency Switching Regulator (Controller Type)
logo
Analog Intergrations Co...
AIC1579 AIC-AIC1579 Datasheet
315Kb / 8P
   Step-Down Switching Regulator Controller
logo
ON Semiconductor
LV5069JA ONSEMI-LV5069JA Datasheet
344Kb / 20P
   Step-down Switching Regulator Controller
March, 2013
logo
Linear Technology
LTC1430A LINER-LTC1430A_15 Datasheet
296Kb / 24P
   High Power Step-Down Switching Regulator Controller
logo
Rohm
BD9610AMUV ROHM-BD9610AMUV Datasheet
1Mb / 30P
   60V Synchronous Step-down Switching Regulator(Controller type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com