Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD9855MWV Datasheet(PDF) 1 Page - Rohm

Part # BD9855MWV
Description  Silicon Monolithic Integrated Circuit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9855MWV Datasheet(HTML) 1 Page - Rohm

  BD9855MWV Datasheet HTML 1Page - Rohm BD9855MWV Datasheet HTML 2Page - Rohm BD9855MWV Datasheet HTML 3Page - Rohm BD9855MWV Datasheet HTML 4Page - Rohm BD9855MWV Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/4
REV. C
STURUCTURE
Silicon Monolithic Integrated Circuit
Type
4 Channel Switching Regulator control system for DSC
PRODUCUT SERIES
BD9855MWV
THYSICAL DIMENSIONS Package(Plastic Mold) Fig.1、Block Diagram Fig.2、Pin Description Fig.3
FEATURES
●Include step-down 2ch,Cross converter 1ch,step down/inverting 1ch.
●Short Circuit Protection (SCP), Under Voltage Lockout Function (UVLO),
Include external synchronous rectification operation
●Independent ON/OFF Function Each Channel、UQFN044V6060 Package(0.4mm pitch)
○Absolute Maximum Ratings(Ta=25℃)
(*1) Without external heat sink, the power dissipation degrades by 4.2mW/℃
above 25℃.
(*2)Power dissipation degrades by 8.0mW/℃ above 25℃, when mounted on a PCB (70mm×70mm×1.6mm).
○Operating Conditions
Parameter
Symbol
Spec.
Unit
Condition
MIN
TYP
MAX
【Input Voltage】
Power Supply Voltage
VCC,PVCC
4
6
14
V
【Reference Output】
VREG,VREGA terminal capacitor
CVR*
0.47
1.0
2.2
μF
VREF terminal capacitor
CVREF
0.047
0.1
2.2
μF
【Protect Circuit】
SCP terminal capacitor
CSCP
0.001
2.2
μF
【Oscillator】
Oscillator frequency
Fosc
0.6
1.0
1.5
MHz
OSC timming resistor
RT
47
82
120
RTSS terminal capacitor
CRTSS
1000
10000
pF
SYNC terminal input H
VSYNCH
3.0
-
VCC
V
SYNC terminal input L
VSYNCL
-0.3
-
0.5
V
SYNC terminal input Duty
Dsync
40
50
60
%
【Driver】
BST-Lx voltage
Vbst
3.5
5.5
V
BST-Lx capacitor
Cbst
0.047
0.1
0.22
μF
LX31terminal input voltage
VLX31
14
V
CH3 output range
VVOUT3
4.0
7.0
V
PVCC1,2,4 terminal input voltage
PVCC1,2,4
14
V
CH1,2,3output current
Ioutch1,2,3
1
A
※)Please connect capacitor at input/output terminal (VCC,PVCC,VREF,VREG etc.) to operate IC stabilize.
Status of this document
The Japanese language version of this document shall be the official specification.
Any translation of this document shall be for reference only.
Parameter
Symbol
Limits
Units
Po wer Sup pl y V ol t ag e
VCC,PVCC
-0.3~15
V
In pu t
V o lt ag e
BST1-LX1、BST2-LX2
-0.3~7
V
LX31
-0.3~15
V
Vo3,LX32
-0.3~8.4
V
PG,SYNC, CTL1,2,3,4
-0.3~15
V
SEL
-0.3~7
V
Pow e r
Dissip a t i on
Pd
540(*1),1000(*2)
mW
Op er at ing Te m p era t ur e
Topr
-25~+85
S tora ge Te mpe r at ure
Tstg
-55~+150
Junction Te mperature
Tjmax
150


Similar Part No. - BD9855MWV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9850FVM ROHM-BD9850FVM Datasheet
200Kb / 6P
   1ch switching regulator controller
BD9850FVM ROHM-BD9850FVM Datasheet
792Kb / 17P
   Single-output High-frequency Step-down Switching Regulator(Controller type)
BD9850FVM ROHM-BD9850FVM_08 Datasheet
792Kb / 17P
   Single-output High-frequency Step-down Switching Regulator(Controller type)
BD9851EFV ROHM-BD9851EFV Datasheet
177Kb / 3P
   2ch switching regulator controller
BD9851EFV ROHM-BD9851EFV Datasheet
792Kb / 17P
   Single-output High-frequency Step-down Switching Regulator(Controller type)
More results

Similar Description - BD9855MWV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3490FV ROHM-BD3490FV Datasheet
296Kb / 5P
   Silicon Monolithic Integrated Circuit
BD822EFV ROHM-BD822EFV Datasheet
131Kb / 5P
   Silicon Monolithic Integrated Circuit
BD3985FV ROHM-BD3985FV_11 Datasheet
96Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6041GUL ROHM-BD6041GUL_11 Datasheet
182Kb / 5P
   Silicon Monolithic Integrated Circuit
BD8676KN ROHM-BD8676KN Datasheet
231Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6369GUL ROHM-BD6369GUL_11 Datasheet
150Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6607KN ROHM-BD6607KN_11 Datasheet
139Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6712AF ROHM-BD6712AF_11 Datasheet
109Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6973FV ROHM-BD6973FV Datasheet
100Kb / 5P
   Silicon Monolithic Integrated Circuit
BD9745EKN ROHM-BD9745EKN Datasheet
385Kb / 22P
   Silicon Monolithic Integrated Circuit
BD9885FV ROHM-BD9885FV_09 Datasheet
154Kb / 5P
   Silicon Monolithic Integrated Circuit
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com