Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DE375-501N21A Datasheet(PDF) 2 Page - IXYS Corporation

Part # DE375-501N21A
Description  RF Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DE375-501N21A Datasheet(HTML) 2 Page - IXYS Corporation

  DE375-501N21A_09 Datasheet HTML 1Page - IXYS Corporation DE375-501N21A_09 Datasheet HTML 2Page - IXYS Corporation DE375-501N21A_09 Datasheet HTML 3Page - IXYS Corporation DE375-501N21A_09 Datasheet HTML 4Page - IXYS Corporation DE375-501N21A_09 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DE375-501N21A
RF Power MOSFET
Symbol
Test Conditions
Characteristic Values
(TJ = 25°C unless otherwise specified)
min.
typ.
max.
RG
0.3
Ciss
2500
pF
Coss
VGS = 0 V, VDS = 0.8 VDSS(max),
f = 1 MHz
170
pF
Crss
46
pF
Cstray
Back Metal to any Pin
33
pF
Td(on)
5
ns
Ton
VGS = 15 V, VDS = 0.8 VDSS
ID = 0.5 IDM
RG = 0.2 Ω (External)
3
ns
Td(off)
5
ns
Toff
8
ns
Qg(on)
70
nC
Qgs
VGS = 10 V, VDS = 0.5 VDSS
ID = 0.5 ID25
18
nC
Qgd
40
nC
Source-Drain Diode
Characteristic Values
(TJ = 25°C unless otherwise specified)
Symbol
Test Conditions
min.
typ.
max.
IS
VGS = 0 V
21
A
ISM
Repetitive; pulse width limited by TJM
150
A
VSD
1.5
V
Trr
200
ns
IF = IS, VGS = 0 V,
Pulse test, t ≤ 300 µs, duty cycle ≤ 2%
QRM
IF = IS, -di/dt = 100A/µs,
VR = 100V
0.6
µC
IRM
15
A
IXYS RF reserves the right to change limits, test conditions and dimensions.
IXYS RF MOSFETS are covered by one or more of the following U.S. patents:
4,835,592
4,860,072
4,881,106
4,891,686
4,931,844
5,017,508
5,034,796
5,049,961
5,063,307
5,187,117
5,237,481
5,486,715
5,381,025
5,640,045
For detailed device mounting and installation instructions, see the “Device Installation & Mounting Instructions” technical
note on the IXYSRF web site at;
http://www.ixysrf.com/pdf/switch_mode/appnotes/7de_series_mosfet_installation_instructions.pdf
CAUTION: Operation at or above the Maximum Ratings values may impact device reliability or cause permanent damage to the device.
Information in this document is believed to be accurate and reliable. IXYSRF reserves the right to make changes to information pub-
lished in this document at any time and without notice.


Similar Part No. - DE375-501N21A_09

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DE375-501N21A IXYS-DE375-501N21A Datasheet
172Kb / 4P
   RF Power MOSFET
More results

Similar Description - DE375-501N21A_09

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF154 MA-COM-MRF154 Datasheet
293Kb / 9P
   Broadband RF Power MOSFET Broadband RF Power MOSFET
logo
IXYS Corporation
IXZ210N50L IXYS-IXZ210N50L_07 Datasheet
326Kb / 9P
   RF Power MOSFET
DE275-501N16A IXYS-DE275-501N16A Datasheet
162Kb / 5P
   RF Power MOSFET
logo
Advanced Power Technolo...
ARF1518 ADPOW-ARF1518 Datasheet
100Kb / 3P
   RF POWER MOSFET
logo
IXYS Corporation
DE275X2-501N16A IXYS-DE275X2-501N16A Datasheet
175Kb / 4P
   RF Power MOSFET
DE375-102N10A IXYS-DE375-102N10A Datasheet
157Kb / 3P
   RF Power MOSFET
IXZ12210N50L IXYS-IXZ12210N50L Datasheet
304Kb / 4P
   RF Power MOSFET
DE150-102N02A IXYS-DE150-102N02A Datasheet
168Kb / 4P
   RF Power MOSFET
IXZH10N50LA IXYS-IXZH10N50LA Datasheet
266Kb / 9P
   RF Power MOSFET
logo
Advanced Semiconductor
MRF185 ASI-MRF185 Datasheet
37Kb / 1P
   RF POWER MOSFET
BLF245 ASI-BLF245 Datasheet
21Kb / 1P
   RF POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com