Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD9739KN Datasheet(PDF) 5 Page - Rohm

Part # BD9739KN
Description  System Switching Regulator ICs with Built-in FET (10V)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9739KN Datasheet(HTML) 5 Page - Rohm

  BD9739KN_10 Datasheet HTML 1Page - Rohm BD9739KN_10 Datasheet HTML 2Page - Rohm BD9739KN_10 Datasheet HTML 3Page - Rohm BD9739KN_10 Datasheet HTML 4Page - Rohm BD9739KN_10 Datasheet HTML 5Page - Rohm BD9739KN_10 Datasheet HTML 6Page - Rohm BD9739KN_10 Datasheet HTML 7Page - Rohm BD9739KN_10 Datasheet HTML 8Page - Rohm BD9739KN_10 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Technical Note
5/14
www.rohm.com
2010.09 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BD9739KN,BD9740KN
Block diagram and application circuit (BD9739KN)
Fig. 2 BD9739KN Application Circuit
The soft start times for CH4,
6, 7 are fixed internally.
(See page 9.)
Set the operating
frequency with the
RT and CT pins.
(See page 8.)
This pin is used as the
on/off control pin.
(See page 7.)
Set whether CH1 and CH5
will be used as step-up,
step-down or inversion.
(See page 7.)
Connect a resistor for
setting the output voltage.
(See page 8.)
Connect a capacitor to prevent
oscillation to the VREF pin.
(See page 7.)
Connect a capacitor to prevent
oscillation to the VREGA pin.
(See page 7.)
For more information
about setting the SCP pin,
(See page 7.)
Apply the PVCCH pin voltage
with an external charge
pump. (See page 4.)
Connect a
capacitor for soft
start at DTC pin.
(See page 8.)
Connect a
capacitor for setting
the soft start time.
(See pages 8& 9.)


Similar Part No. - BD9739KN_10

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9739KN ROHM-BD9739KN Datasheet
422Kb / 6P
   7-Channel Switching Regulator Controller for Digital Camera
More results

Similar Description - BD9739KN_10

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8355MWV ROHM-BD8355MWV Datasheet
1Mb / 21P
   Regulators ICs for Digital Cameras and Camcorders System Switching Regulator IC with Built-in FET (10V)
BD8919F ROHM-BD8919F_1 Datasheet
376Kb / 16P
   IC Care Interface ICs with Built-in Low LDO Regulator
logo
Nippon Precision Circui...
SM5073 NPC-SM5073 Datasheet
108Kb / 14P
   VCXO ICs with Built-in Varicap
logo
ABLIC Inc.
S-8351 ABLIC-S-8351 Datasheet
656Kb / 51P
   STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
Rev.3.1_00
logo
Seiko Instruments Inc
S-8351A50MC-J3JT2G SII-S-8351A50MC-J3JT2G Datasheet
552Kb / 51P
   STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
S8351 SII-S8351 Datasheet
2Mb / 51P
   STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
S-8353A20MC-IQFT2X SII-S-8353A20MC-IQFT2X Datasheet
2Mb / 49P
   BUILT-IN TRANSISTOR SWITCHING REGULATOR
logo
Rohm
BD8919F ROHM-BD8919F Datasheet
325Kb / 16P
   IC Card Interface ICs with Built-in Low Noise LDO Regulator
BD9639MWV ROHM-BD9639MWV_16 Datasheet
2Mb / 26P
   Switching Regulator ICs
BD9634GU ROHM-BD9634GU Datasheet
2Mb / 30P
   Switching Regulator ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com