Electronic Components Datasheet Search |
|
BD9673EFJ-E2 Datasheet(PDF) 9 Page - Rohm |
|
BD9673EFJ-E2 Datasheet(HTML) 9 Page - Rohm |
9 / 17 page Technical Note 9/16 www.rohm.com 2011.07 - Rev.B © 2011 ROHM Co., Ltd. All rights reserved. BD9673EFJ ● Evaluation Board Layout Layout is a critical portion of good power supply design. There are several signals paths that conduct fast changing currents or voltages that can interact with stray inductance or parasitic capacitance to generate noise or degrade the power supplies performance. To help eliminate these problems, the VCC pin should be bypassed to ground with a low ESR ceramic bypass capacitor with B dielectric. Care should be taken to minimize the loop area formed by the bypass capacitor connections, the VCC pin, and the anode of the catch diode. See Fig.28 for a PCB layout example. The GND pin should be tied directly to the thermal pad under the IC and the thermal pad. The thermal pad should be connected to any internal PCB ground planes using multiple VIAs directly under the IC. The LX pin should be routed to the cathode of the catch diode and to the output inductor. Since the LX connection is the switching node, the catch diode and output inductor should be located close to the LX pins, and the area of the PCB conductor minimized to prevent excessive capacitive coupling. For operation at full rated load, the top side ground area must provide adequate heat dissipating area. The additional external components can be placed approximately as shown. It may be possible to obtain acceptable performance with alternate PCB layouts; however this layout has been shown to produce good results and is meant as a guideline. Fig.28 Evaluation Board Pattern LX GND VC FB VCC BST EN SYNC Output Inductor Catch Diode Output Capacitor Input Bypass Capacitor CBST Topside Ground Area Compensation Network Resistor Divider VOUT Route BST Capacitor Trace on another layer to provide with wide path for topside ground Signal VIA Thermal VIA VCC |
Similar Part No. - BD9673EFJ-E2 |
|
Similar Description - BD9673EFJ-E2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |