Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD9560MUV Datasheet(PDF) 4 Page - Rohm

Part # BD9560MUV
Description  Switching Regulator Controller for Graphic Chip Cores
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9560MUV Datasheet(HTML) 4 Page - Rohm

  BD9560MUV Datasheet HTML 1Page - Rohm BD9560MUV Datasheet HTML 2Page - Rohm BD9560MUV Datasheet HTML 3Page - Rohm BD9560MUV Datasheet HTML 4Page - Rohm BD9560MUV Datasheet HTML 5Page - Rohm BD9560MUV Datasheet HTML 6Page - Rohm BD9560MUV Datasheet HTML 7Page - Rohm BD9560MUV Datasheet HTML 8Page - Rohm BD9560MUV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Technical Note
BD9560MUV
4/21
www.rohm.com
2010.04 - Rev.C
© 2010 ROHM Co., Ltd. All rights reserved.
DAC code table
State
VRON
VID4
VID3
VID2
VID1
VID0
VCCGFX
VDAC
SUS OUT
1
0
0
0
0
0
1.28750V
1.2811V
0
1
0
0
0
0
1
1.26175V
1.2554V
0
1
0
0
0
1
0
1.23600V
1.2298V
0
1
0
0
0
1
1
1.21025V
1.2042V
0
1
0
0
1
0
0
1.18450V
1.1786V
0
1
0
0
1
0
1
1.15875V
1.1530V
0
1
0
0
1
1
0
1.13300V
1.1273V
0
1
0
0
1
1
1
1.10725V
1.1017V
0
1
0
1
0
0
0
1.08150V
1.0761V
0
1
0
1
0
0
1
1.05575V
1.0505V
0
1
0
1
0
1
0
1.03000V
1.0249V
0
1
0
1
0
1
1
1.00425V
0.9992V
0
1
0
1
1
0
0
0.97850V
0.9736V
0
1
0
1
1
0
1
0.95275V
0.9480V
0
1
0
1
1
1
0
0.92700V
0.9224V
0
1
0
1
1
1
1
0.90125V
0.8967V
0
1
1
0
0
0
0
0.87550V
0.8711V
0
1
1
0
0
0
1
0.84975V
0.8455V
0
1
1
0
0
1
0
0.82400V
0.8199V
1
1
1
0
0
1
1
0.79825V
0.7943V
1
1
1
0
1
0
0
0.77250V
0.7686V
1
1
1
0
1
0
1
0.74675V
0.7430V
1
1
1
0
1
1
0
0.72100V
0.7174V
1
1
1
0
1
1
1
0.69525V
0.6918V
1
1
1
1
0
0
0
0.66950V
0.6662V
1
1
1
1
0
0
1
0.64375V
0.6405V
1
1
1
1
0
1
0
0.61800V
0.6149V
1
1
1
1
0
1
1
0.59225V
0.5893V
1
1
1
1
1
0
0
0.56650V
0.5637V
1
1
1
1
1
0
1
0.54075V
0.5380V
1
1
1
1
1
1
0
0.51500V
0.5124V
1
1
1
1
1
1
1
0.41200V
0.4099V
1
0
×
×
×
×
×
0.000V
×
1


Similar Part No. - BD9560MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9560MUV ROHM-BD9560MUV Datasheet
393Kb / 6P
   Step down DC/DC converter controller for mobile PC
BD9560MUV ROHM-BD9560MUV_09 Datasheet
740Kb / 22P
   Switching Regulator Controller for Graphic Chip Cores
More results

Similar Description - BD9560MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9560MUV ROHM-BD9560MUV_09 Datasheet
740Kb / 22P
   Switching Regulator Controller for Graphic Chip Cores
BD95710MUV ROHM-BD95710MUV Datasheet
536Kb / 21P
   2Phase Switching Regulator Controllers for Graphic Card
BD95700MUV ROHM-BD95700MUV Datasheet
501Kb / 21P
   2phase Switching Regulator Controllers for Graphic Card
BD95514MUV ROHM-BD95514MUV Datasheet
536Kb / 16P
   FET Integrated Switching Regulator for DDR-SDRAM Cores
BD95500MUV ROHM-BD95500MUV Datasheet
496Kb / 21P
   Switching Regulator with MOSFET for DDR-SDRAM Cores
BD95513MUV ROHM-BD95513MUV_10 Datasheet
518Kb / 18P
   Switching Regulator with MOS FET for DDR-SDRAM Cores
logo
Aimtron Technology
AT1380A AIMTRON-AT1380A Datasheet
332Kb / 12P
   Switching Regulator Controller for LCD Bias
logo
Fujitsu Component Limit...
MB3775 FUJITSU-MB3775 Datasheet
485Kb / 25P
   SWITCHING REGULATOR CONTROLLER
logo
Seiko Instruments Inc
S-8533A125FT-TB-X SII-S-8533A125FT-TB-X Datasheet
1Mb / 33P
   SWITCHING REGULATOR CONTROLLER
logo
Agamem Microelectronic ...
AA18380 AGAMEM-AA18380 Datasheet
489Kb / 14P
   Switching Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com