Electronic Components Datasheet Search |
|
GP1S10 Datasheet(PDF) 1 Page - Sharp Corporation |
|
GP1S10 Datasheet(HTML) 1 Page - Sharp Corporation |
1 / 4 page GP1S10 GP1S10 Photointerrupter with Dust Cover s Features s Applications 1. Copiers, printers, facsimiles 2. Ticket vending machines 1. With dust cover 2. High sensing accuracy ( Slit width: 0.5mm ) 3. PWB direct mounting type package *1 Pulse width<=100 µs, Duty ratio= 0.01 *2 For 5 seconds ( Ta = 25˚C) s Absolute Maximum Ratings s Outline Dimensions (Unit : mm ) 1 2 3 4 1 2 3 4 15.6 3.0 + 0.3 - 0 6.15 1.65 6.45 1.35 4 - 0.45 + 0.3 - 0.1 (5.445) (10.6) (0.75)(0.75) 1.0 (2.54) 0.5 2.5 Internal connection diagram * ( ) : Reference dimensions * Unspecified tolerance 1 Anode 2 Cathode 3 Collector 4 Emitter shall be as follows; Parameter Symbol Rating Unit Input Forward current I F 50 mA *1Peak forward current I FM 1A Reverse voltage VR 6V Power dissipation P 75 mW Output Collector-emitter voltage VCEO 35 V Emitter-collector voltage VECO 6V Collector current IC 20 mA Collector power dissipation PC 75 mW Operating temperature T opr - 25 to + 85 ˚C Storage temperature Tstg - 40 to + 100 ˚C *2Soldering temperature Tsol 260 ˚C Dimensions (d) Tolerance ± 0.15 ± 0.2 (Both side of emitter and detector ) Slit width d<= 6.0 6.0< d<= 16.0 data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.” “ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs, |
Similar Part No. - GP1S10 |
|
Similar Description - GP1S10 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |