Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD9329AEFJ Datasheet(PDF) 1 Page - Rohm

Part # BD9329AEFJ
Description  Simple Step-down Switching Regulator with Built-in Power MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9329AEFJ Datasheet(HTML) 1 Page - Rohm

  BD9329AEFJ Datasheet HTML 1Page - Rohm BD9329AEFJ Datasheet HTML 2Page - Rohm BD9329AEFJ Datasheet HTML 3Page - Rohm BD9329AEFJ Datasheet HTML 4Page - Rohm BD9329AEFJ Datasheet HTML 5Page - Rohm BD9329AEFJ Datasheet HTML 6Page - Rohm BD9329AEFJ Datasheet HTML 7Page - Rohm BD9329AEFJ Datasheet HTML 8Page - Rohm BD9329AEFJ Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1/15
www.rohm.com
2011.02 - Rev.A
© 2011 ROHM Co., Ltd. All rights reserved.
Single-chip Type with Built-in FET Switching Regulators
Simple Step-down
Switching Regulator
with Built-in Power MOSFET
BD9329AEFJ
Description
The BD9329AEFJ is a synchronous step-down switching regulator that integrates 2 low resistance N-channel MOSFETs.
It achieves 3A continuous output current over a wide input supply range. Current mode operation provides fast transient
response and easy phase compensation.
Features
1) Wide operating INPUT Range 4.2V~18.0V
2) 3A Output Current
3) Hi-side / Lo-side FET ON-resistance; 0.15 / 0.13Ω Power Switch
4) Low ESR Output Ceramic Capacitors are Available
5) Low Standby Current during Shutdown Mode
6) 380 kHz Fixed Operating Frequency
7) Feedback voltage 0.9V ±1.5% Accuracy at room temp. (±2.0% guaranteed for -25℃ to 85℃ temperature range)
8) Protection Circuits
Under Voltage Lockout Protection
Thermal Shutdown
Over Current Protection
9) HTSOP-J8 Package with Exposed thermal PAD.
Applications
Distributed Power System
Pre-Regulator for Linear Regulator
Absolute maximum ratings (Ta = 25℃)
Parameter
Symbol
Ratings
Unit
Supply Voltage
VIN
20
V
Switch Voltage
VSW
20
V
Power Dissipation for HTSOP-J8
Pd
3760
*1
mW
Package thermal resistance θja
*2
θ
ja
29.27
/W
Package thermal resistance θjc
*2
θ
jc
3.75
/W
Operating Temperature Range
Topr
-40~+85
Storage Temperature Range
Tstg
-55~+150
Junction Temperature
Tjmax
150
BST Voltage
VBST
VSW+7
V
EN Voltage
VEN
20
V
All other pins
VOTH
20
V
*1 Derating in done 30.08 mW/℃ for operating above Ta≧25℃(Mount on 4-layer 70.0mm×70.0mm×1.6mm board)
*2 Mount on 4-layer 50mm x 30mm x 1.6mm application board
No.11027EAT56


Similar Part No. - BD9329AEFJ

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9329AEFJ-E2 ROHM-BD9329AEFJ-E2 Datasheet
1Mb / 23P
   Synchronous Buck Converter with Integrated FET
BD9329AEFJ-LB ROHM-BD9329AEFJ-LB Datasheet
769Kb / 21P
   4.2V to 18V, 3A 1ch Synchronous Buck Converter integrated FET
BD9329AEFJ-LBE2 ROHM-BD9329AEFJ-LBE2 Datasheet
769Kb / 21P
   4.2V to 18V, 3A 1ch Synchronous Buck Converter integrated FET
BD9329AEFJ-LBE2 ROHM-BD9329AEFJ-LBE2 Datasheet
1Mb / 22P
   Synchronous Buck Converter integrated FET
BD9329AEFJ-LB ROHM-BD9329AEFJ-LB_15 Datasheet
1Mb / 22P
   Synchronous Buck Converter integrated FET
More results

Similar Description - BD9329AEFJ

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9328EFJ ROHM-BD9328EFJ Datasheet
499Kb / 16P
   Simple Step-down Switching Regulator with Built-in Power MOSFET
BD9870FPS ROHM-BD9870FPS Datasheet
372Kb / 12P
   Simple Step-down Switching Regulator with Built-in Power MOSFET
BD9870FPS ROHM-BD9870FPS_09 Datasheet
372Kb / 12P
   Simple Step-down Switching Regulator with Built-in Power MOSFET
BD9701FP ROHM-BD9701FP_09 Datasheet
516Kb / 17P
   Simple Step-down Switching Regulators with Built-in Power MOSFET
BD9873CP-V5 ROHM-BD9873CP-V5 Datasheet
576Kb / 13P
   Simple Step-down Switching Regulators with Built-in Power MOSFET
BD9325FJ ROHM-BD9325FJ Datasheet
464Kb / 15P
   Simple Step-down Switching Regulators with Built-in Power MOSFET
BD9G101G ROHM-BD9G101G Datasheet
1Mb / 23P
   Simple Step-down Switching Regulators with Built-in Power MOSFET
BD9859EFJ ROHM-BD9859EFJ Datasheet
582Kb / 16P
   Simple Step-down Switching Regulators with Built-in Power MOSFET
BD7957FS-E2 ROHM-BD7957FS-E2 Datasheet
475Kb / 17P
   Simple Step-down Switching Regulators with Built-in Power MOSFET
BD9701FP-E2 ROHM-BD9701FP-E2 Datasheet
475Kb / 17P
   Simple Step-down Switching Regulators with Built-in Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com