Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD9152MUV Datasheet(PDF) 9 Page - Rohm

Part # BD9152MUV
Description  Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9152MUV Datasheet(HTML) 9 Page - Rohm

Back Button BD9152MUV_10 Datasheet HTML 5Page - Rohm BD9152MUV_10 Datasheet HTML 6Page - Rohm BD9152MUV_10 Datasheet HTML 7Page - Rohm BD9152MUV_10 Datasheet HTML 8Page - Rohm BD9152MUV_10 Datasheet HTML 9Page - Rohm BD9152MUV_10 Datasheet HTML 10Page - Rohm BD9152MUV_10 Datasheet HTML 11Page - Rohm BD9152MUV_10 Datasheet HTML 12Page - Rohm BD9152MUV_10 Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
BD9152MUV
Technical Note
9/16
www.rohm.com
2010.04 - Rev.C
c
2010 ROHM Co., Ltd. All rights reserved.
Short-current protection circuit with time delay function
Turns OFF the output to protect the IC from breakdown when the incorporated current limiter is activated continuously for
the fixed time(TLATCH) or more. The output thus held tuned OFF may be recovered by restarting EN or by re-unlocking
UVLO.
Fig.31 Short-current protection circuit with time delay timing chart
Switching regulator efficiency
Efficiency ŋ may be expressed by the equation shown below:
Efficiency may be improved by reducing the switching regulator power dissipation factors PDα as follows:
Dissipation factors:
1) ON resistance dissipation of inductor and FET:PD(I
2R)
2) Gate charge/discharge dissipation:PD(Gate)
3) Switching dissipation:PD(SW)
4) ESR dissipation of capacitor:PD(ESR)
5) Operating current dissipation of IC:PD(IC)
1)PD(I
2R)=IOUT2×(RCOIL+RON) (RCOIL[Ω]:DC resistance of inductor, RON[Ω]:ON resistance of FET, IOUT[A]:Output
current.)
2)PD(Gate)=Cgs×f×V (Cgs[F]:Gate capacitance of FET, f[H]:Switching frequency, V[V]:Gate driving voltage of FET)
4)PD(ESR)=IRMS
2×ESR (IRMS[A]:Ripple current of capacitor, ESR[Ω]:Equivalent series resistance.)
5)PD(IC)=Vin×ICC (ICC[A]:Circuit current.)
η
=
VOUT×IOUT
Vin×Iin
×
100[%]=
POUT
Pin
×
100[%]=
POUT
POUT+PDα
×
100[%]
Vin
2×CRSS×IOUT×f
IDRIVE
3)PD(SW)=
(CRSS[F]:Reverse transfer capacitance of FET, IDRIVE[A]:Peak current of gate.)
Output Short circuit
Threshold Voltage
IL Limit
EN
Timer latch
EN
Standby
mode
Operating mode
Operating mode
Standby
mode
EN1=EN2
t2=TLATCH
VOUT2
IL1
t1<TLATCH
Output OFF
Latch


Similar Part No. - BD9152MUV_10

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9152MUV-E2 ROHM-BD9152MUV-E2 Datasheet
512Kb / 18P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9152MUV ROHM-BD9152MUV_09 Datasheet
512Kb / 18P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
More results

Similar Description - BD9152MUV_10

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8312HFN ROHM-BD8312HFN_11 Datasheet
436Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8313HFN ROHM-BD8313HFN_10 Datasheet
528Kb / 18P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8312HFN ROHM-BD8312HFN Datasheet
444Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9152MUV ROHM-BD9152MUV Datasheet
512Kb / 18P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8313HFN ROHM-BD8313HFN_11 Datasheet
560Kb / 18P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9153MUV ROHM-BD9153MUV Datasheet
517Kb / 19P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9150MUV ROHM-BD9150MUV_09 Datasheet
474Kb / 19P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9152MUV ROHM-BD9152MUV_09 Datasheet
512Kb / 18P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9161FVM ROHM-BD9161FVM Datasheet
405Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9150MUV ROHM-BD9150MUV Datasheet
474Kb / 19P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com