Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD9123MUV-E2 Datasheet(PDF) 1 Page - Rohm

Part # BD9123MUV-E2
Description  Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9123MUV-E2 Datasheet(HTML) 1 Page - Rohm

  BD9123MUV-E2 Datasheet HTML 1Page - Rohm BD9123MUV-E2 Datasheet HTML 2Page - Rohm BD9123MUV-E2 Datasheet HTML 3Page - Rohm BD9123MUV-E2 Datasheet HTML 4Page - Rohm BD9123MUV-E2 Datasheet HTML 5Page - Rohm BD9123MUV-E2 Datasheet HTML 6Page - Rohm BD9123MUV-E2 Datasheet HTML 7Page - Rohm BD9123MUV-E2 Datasheet HTML 8Page - Rohm BD9123MUV-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1/17
www.rohm.com
2011.01 - Rev.A
© 2011 ROHM Co., Ltd. All rights reserved.
Single-chip Type with Built-in FET Switching Regulators
Output 1.5A or Less
High-efficiency Step-down Switching Regulator
with Built-in Power MOSFET
BD9123MUV
Description
ROHM’s high efficiency step-down switching regulator BD9123MUV is a power supply designed to produce a low voltage
including 0.85 to 1.2 volts from 5.5/3.3 volts power supply line. Offers high efficiency with our original pulse skip control
technology and synchronous rectifier. Employs a current mode control system to provide faster transient response to sudden
change in load.
Features
1) Offers fast transient response with current mode PWM control system.
2) Offers highly efficiency for all load range with synchronous rectifier (Nch/Pch FET)
and SLLM (Simple Light Load Mode)
3) Incorporates output voltage inside control function.(3 bit)
4) Incorporates PGOOD function.
5) Incorporates soft-start function.
6) Incorporates thermal protection and ULVO functions.
7) Incorporates short-current protection circuit with time delay function.
8) Incorporates shutdown function Icc=0µA(Typ.)
9) Employs small surface mount package: VQFN016V3030
Applications
Power supply for LSI including DSP, Micro computer and ASIC
Absolute maximum ratings (Ta=25℃)
Parameter
Symbol
Ratings
Unit
VCC Voltage
Vcc
-0.3~+7 *
1
V
PVCC Voltage
PVcc
-0.3~+7 *
1
V
EN,SW,ITH Voltage
EN, SW, ITH
-0.3~+7
V
Logic input voltage
VID<2:0>
-0.3~+7
V
Power Dissipation 1
Pd1
0.27 *
2
W
Power Dissipation 2
Pd2
0.62 *
3
W
Power Dissipation 3
Pd3
1.77 *
4
W
Power Dissipation 4
Pd4
2.66 *
5
W
Operating temperature range
Topr
-40~+95
Storage temperature range
Tstg
-55~+150
Maximum junction temperature
Tj
+150
*1 Pd should not be exceeded.
*2 IC only
*3 1-layer. mounted on a 74.2mm×74.2mm×1.6mm glass-epoxy board, occupied area by copper foil : 10.29mm
2
*4 4-layer. mounted on a 74.2mm×74.2mm×1.6mm glass-epoxy board, 1
st and 4th copper foil area : 10.29mm2 , 2nd and 3rd copper foil area : 5505mm2
*5 4-layer. mounted on a 74.2mm×74.2mm×1.6mm glass-epoxy board, occupied area by copper foil : 5505mm
2, in each layers
No.11027EAT38


Similar Part No. - BD9123MUV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9123MUV-E2 ROHM-BD9123MUV-E2 Datasheet
1Mb / 28P
   Synchronous Buck Converter with Integrated FET
More results

Similar Description - BD9123MUV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8312HFN ROHM-BD8312HFN_11 Datasheet
436Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8313HFN ROHM-BD8313HFN_10 Datasheet
528Kb / 18P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8312HFN ROHM-BD8312HFN Datasheet
444Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9152MUV ROHM-BD9152MUV Datasheet
512Kb / 18P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8313HFN ROHM-BD8313HFN_11 Datasheet
560Kb / 18P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9153MUV ROHM-BD9153MUV Datasheet
517Kb / 19P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9150MUV ROHM-BD9150MUV_09 Datasheet
474Kb / 19P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9152MUV ROHM-BD9152MUV_09 Datasheet
512Kb / 18P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9161FVM ROHM-BD9161FVM Datasheet
405Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9152MUV ROHM-BD9152MUV_10 Datasheet
606Kb / 17P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9150MUV ROHM-BD9150MUV Datasheet
474Kb / 19P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com