Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GP1L57 Datasheet(PDF) 4 Page - Sharp Corporation

Part # GP1L57
Description  Wide Gap Type Photointerrupter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1L57 Datasheet(HTML) 4 Page - Sharp Corporation

  GP1L57 Datasheet HTML 1Page - Sharp Corporation GP1L57 Datasheet HTML 2Page - Sharp Corporation GP1L57 Datasheet HTML 3Page - Sharp Corporation GP1L57 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
25
-20
-15
-10
-5
0
555
22
2
1k
100
Ω 10Ω
- 25
0
25
100
50
75
5
5
5
5
5
5
5
V CE=2V
I C= 10mA
RL=
V CE = 10V
T a= 25˚C
10 -11
10 -10
10 -9
10 -8
10 -7
10 -6
10 -5
10 -4
10 3
10 4
10 5
10 6
Fig. 11 Dark Current vs. Ambient Temperature
Fig. 10 Frequency characteristics
Frequency f (Hz)
Ambient temperature Ta (˚C)
Shield distance L (mm)
Shield distance L (mm)
As for other general precautions, please refer to the chapter "Precautions for Use".
GP1L57
Fig. 12 Detecting Position Characteristics (1)
Fig. 13 Detecting Position Characteristics (2)
(Precautions for Operation)
In case of cleaning, use only the following type of cleaning solvent.
Ethyl alcohol, Methyl alcohol, Isopropyl alcohol
V CE=2V
I
T a= 25˚C
F = 1mA
V CE=2V
I
T a= 25˚C
F = 1mA
Shield plate
Sensor
0
50
100
-3 -2
-1
0
1
2
3
4
5
(Sensor center)
L
+
0
-
0
50
100
-3 -2
-1
0
1
2
3
4
5
Sensor
Shield plate
(Sensor center)
q


Similar Part No. - GP1L57

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1L50 SHARP-GP1L50 Datasheet
73Kb / 5P
   High Sensitivity Photointerrupter
GP1L50J0000F SHARP-GP1L50J0000F Datasheet
157Kb / 12P
   Gap : 3mm, Slit : 0.5mm Darlington Phototransistor Output, Case package Transmissive Photointerrupter
GP1L51 SHARP-GP1L51 Datasheet
73Kb / 5P
   High Sensitivity Photointerrupter
GP1L51J0000F SHARP-GP1L51J0000F Datasheet
157Kb / 12P
   Gap : 3mm, Slit : 0.5mm Darlington Phototransistor Output, Case package Transmissive Photointerrupter
GP1L52V SHARP-GP1L52V Datasheet
73Kb / 5P
   High Sensitivity Photointerrupter
More results

Similar Description - GP1L57

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1L03 SHARP-GP1L03 Datasheet
60Kb / 4P
   Wide Gap Type Photointerrupter
GP1A17 SHARP-GP1A17 Datasheet
60Kb / 4P
   Wide Gap Type, OPIC Photointerrupter
GP1A57HR SHARP-GP1A57HR Datasheet
51Kb / 4P
   Wide Gap Type OPIC Photointerrupter
GP1L06 SHARP-GP1L06 Datasheet
143Kb / 4P
   WIDE GAP TYPE, HIGH SENSITIVITY PHOTOINTERRUPTER
GP1S05 SHARP-GP1S05 Datasheet
128Kb / 4P
   WIDE GAP HIGH SENSING ACCURACY TYPE PHOTOINTERRUPTER
GP1S39 SHARP-GP1S39 Datasheet
52Kb / 4P
   Subminiature, Double-phase Output, Wide Gap Photointerrupter
GP1S55T SHARP-GP1S55T Datasheet
53Kb / 4P
   Compact, High Sensing Accuracy Narrow Gap Type Photointerrupter
GP1S94 SHARP-GP1S94 Datasheet
46Kb / 4P
   Subminiature Wide- Photointerrupter
logo
KODENSHI_AUK CORP.
SG268 KODENSHI-SG268 Datasheet
275Kb / 2P
   Wide GAP/
logo
OPTEK Technologies
OPB856 OPTEK-OPB856 Datasheet
305Kb / 2P
   Wide Gap Optical Sensor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com