Electronic Components Datasheet Search |
|
DIP05-1A72-11F Datasheet(PDF) 1 Page - Meder Electronic |
|
DIP05-1A72-11F Datasheet(HTML) 1 Page - Meder Electronic |
|
1 / 1 page DIP05-1A72-11F Item: | Email: salesasia@meder.com 3205172711 +852 / 2955 1682 Asia: | Email: salesusa@meder.com +1 / 508 295 0771 USA: Item No.: | Email: info@meder.com +49 / 7731 8399 0 Europe: Coil Data at 20 °C Conditions Min Typ Max Unit Coil resistance Coil voltage Rated power Thermal Resistance Inductance Pull-In voltage Drop-Out voltage Contact data 66/3 Conditions Min Typ Max Unit not to exceed their individual max.'s Contact rating DC or Peak AC Switching voltage DC or Peak AC Switching current DC or Peak AC Carry current !"# $%&' #$#' Start Value Contact resistance static ("')" ! # ( Start Value Contact resistance dynamic * RH <45 %, 100 V test voltage Insulation resistance according to IEC 255-5 Breakdown voltage ! measured with 40% overdrive Operate time incl. bounce ! measured with no coil excitation Release time +, @ 10 kHz across open switch Capacity Special Product Data Conditions Min Typ Max Unit - according to EN 60255-5 Dielectric Strength Coil/Contact epoxy resin Housing material CuFe2P, tin plated Connection pins Environmental data Conditions Min Typ Max Unit . 1/2 sine, duration 11ms, in 3 axis Shock . from 10 - 2000 Hz Vibration / 0 Operating temperature / 1 0 Storage temperature / 2 wave sodering max. 5 sec. Soldering temperature fully sealed Washability Modifications in the sense of technical progress are reserved 26.04.04 SCHELLHORN THAUKE 3 Version: Designed by: Last Change at: Designed at: Last Change by: 09.06.11 JHEYDER KOLBRICH Approval by: Approval by: 26.08.09 Approval at: 09.06.11 Approval at: |
Similar Part No. - DIP05-1A72-11F |
|
Similar Description - DIP05-1A72-11F |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |