Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD9111NV-E2 Datasheet(PDF) 8 Page - Rohm

Part # BD9111NV-E2
Description  Output 2A or More High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9111NV-E2 Datasheet(HTML) 8 Page - Rohm

Back Button BD9111NV-E2 Datasheet HTML 4Page - Rohm BD9111NV-E2 Datasheet HTML 5Page - Rohm BD9111NV-E2 Datasheet HTML 6Page - Rohm BD9111NV-E2 Datasheet HTML 7Page - Rohm BD9111NV-E2 Datasheet HTML 8Page - Rohm BD9111NV-E2 Datasheet HTML 9Page - Rohm BD9111NV-E2 Datasheet HTML 10Page - Rohm BD9111NV-E2 Datasheet HTML 11Page - Rohm BD9111NV-E2 Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Technical Note
BD9111NV
8/13
www.rohm.com
2010.04 - Rev.B
© 2010 ROHM Co., Ltd. All rights reserved.
Switching regulator efficiency
Efficiency ŋ may be expressed by the equation shown below:
Efficiency may be improved by reducing the switching regulator power dissipation factors PDα as follows:
Dissipation factors:
1) ON resistance dissipation of inductor and FET:PD(I
2R)
2) Gate charge/discharge dissipation:PD(Gate)
3) Switching dissipation:PD(SW)
4) ESR dissipation of capacitor:PD(ESR)
5) Operating current dissipation of IC:PD(IC)
1)PD(I
2R)=IOUT2×(RCOIL+RON) (RCOIL[Ω]:DC resistance of inductor, RON[Ω]:ON resistance of FET, IOUT[A]:Output current.)
2)PD(Gate)=Cgs×f×V (Cgs[F]:Gate capacitance of FET,f[Hz]:Switching frequency,V[V]:Gate driving voltage of FET)
4)PD(ESR)=IRMS
2×ESR (IRMS[A]:Ripple current of capacitor,ESR[Ω]:Equivalent series resistance.)
5)PD(IC)=Vin×ICC (ICC[A]:Circuit current.)
Consideration on permissible dissipation and heat generation
As this IC functions with high efficiency without significant heat generation in most applications, no special consideration is
needed on permissible dissipation or heat generation. In case of extreme conditions, however, including lower input
voltage, higher output voltage, heavier load, and/or higher temperature, the permissible dissipation and/or heat generation
must be carefully considered.
For dissipation, only conduction losses due to DC resistance of inductor and ON resistance of FET are considered.
Because the conduction losses are considered to play the leading role among other dissipation mentioned above including
gate charge/discharge dissipation and switching dissipation.
If VCC=5V, VOUT=3.3V, RONP=0.2Ω, RONN=0.16Ω
IOUT=2A, for example,
D=VOUT/VCC=3.3/5.0=0.66
RON=0.66×0.20+(1-0.66)×0.16
=0.132+0.0544
=0.1864[Ω]
P=2
2×0.1864=0.7456W]
As RONP is greater than RONN in this IC, the dissipation increases as the ON duty becomes greater.
With the consideration on the dissipation as above, thermal design must be carried out with sufficient margin allowed.
η=
VOUT×IOUT
Vin×Iin
×
100[%]=
POUT
Pin
×100[%]=
POUT
POUT+PDα
×100[%]
P=IOUT
2×RON
RON=D×RONP+(1-D)RONN
D:ON duty (=VOUT/VCC)
RCOIL:DC resistance of coil
RONP:ON resistance of P-channel MOS FET
RONN:ON resistance of N-channel MOS FET
IOUT:Output current
0
25
50
75
100
125
150
0
2.0
3.0
4.0
0.90W
3.9W
105
1.0
0.64W
Fig.26 Thermal derating curve
(SON008V5060)
Ambient temperature:Ta [℃]
for SON008V5060
JEDEC 4 layer board 76.2×114.3×1.6mm
θj-a=32.1℃/W
for SON008V5060
ROHM standard 1 layer board 70×70×1.6mm
θj-a=138.9℃/W
IC only
θj-a=195.3℃/W
Vin
2×CRSS×IOUT×f
IDRIVE
3)PD(SW)=
(CRSS[F]:Reverse transfer capacitance of FET,IDRIVE[A]:Peak current of gate.)


Similar Part No. - BD9111NV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9111NV-E2 ROHM-BD9111NV-E2 Datasheet
1Mb / 25P
   Synchronous Buck Converter with Integrated FET
More results

Similar Description - BD9111NV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9134MUV ROHM-BD9134MUV Datasheet
438Kb / 18P
   Output 2A or More High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9132MUV ROHM-BD9132MUV Datasheet
525Kb / 17P
   Output 2A or More High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9141MUV ROHM-BD9141MUV Datasheet
375Kb / 19P
   Output 2A or More High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9130EFJ ROHM-BD9130EFJ Datasheet
448Kb / 15P
   Output 2A or More High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9111NV ROHM-BD9111NV_09 Datasheet
488Kb / 14P
   Output 2A or More High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9130NV ROHM-BD9130NV_09 Datasheet
417Kb / 15P
   Output 2A or More High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9134MUV_0909 ROHM-BD9134MUV_0909 Datasheet
433Kb / 18P
   Output 2A or More High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9139MUV ROHM-BD9139MUV Datasheet
388Kb / 17P
   Output 2A or More High-efficiency Step-down Switching Regulators with Built-in Power MOSFET
BD91361MUV ROHM-BD91361MUV Datasheet
418Kb / 18P
   Output 2A More High-efficiency Step-down Switching Regulator with Built-in Power MOS FET
BD9123MUV ROHM-BD9123MUV_11 Datasheet
435Kb / 18P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com