Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GP1L50 Datasheet(PDF) 1 Page - Sharp Corporation

Part # GP1L50
Description  High Sensitivity Photointerrupter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1L50 Datasheet(HTML) 1 Page - Sharp Corporation

  GP1L50 Datasheet HTML 1Page - Sharp Corporation GP1L50 Datasheet HTML 2Page - Sharp Corporation GP1L50 Datasheet HTML 3Page - Sharp Corporation GP1L50 Datasheet HTML 4Page - Sharp Corporation GP1L50 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
GP1L50/GP1L51
s Outline Dimensions
( Unit : mm)
s Features
s Applications
1. High sensing accuracy ( Slit width:0.5mm )
2. High current transfer ratio
3. Both-sides mounting type: GP1L50
Either-side mounting type: GP1L51
PWB direct mounting type: GP1L52V
PWB direct mounting type: GP1L54
( CTR: MIN. 50% at I F= 1mA )
printers, facsimiles, etc.
2. VCRs
0.5
(9.2)(2.54)
GP1L50
GP1L54
GP1L51
(9.2)
(2.54)
0.5
Slit width
5.0
C1.0
C1.0
Slit width
0.5
5.0
(2.54)
(9.2)
1.75
GP1L50
(9.2)
Slit width
0.5
(2.54)
5.0
12.0
18.0
2.0
2 - C2.0
(Both sides of detector
and emitter )
Slit width
*( ) : Reference dimensions
14
3
2
Marking :
Dimensions(d) Tolerance
d<=6.0
± 0.1
6.0< d<=18.0 ± 0.2
18.0< d<=25.0 ± 0.25
*( ) : Reference dimensions
3
41
2
(Both sides
of detector
and emitter )
Dimensions(d) Tolerance
d<= 6.0
± 0.1
6.0< d<=18.0
± 0.2
*( ) : Reference dimensions
Dimensions(d) Tolerance
d<=6.0
± 0.1
6.0< d<=18.0
± 0.2
*( ) : Reference dimensions
Dimensions(d) Tolerance
d<= 6.0
± 0.1
6.0< d<= 18.0
± 0.2
(Both sides
of detector
and emitter )
41
2
3
1
2
3
4
1. OA equipment, such as floppy disk drives,
*Unspecified tolerances shall be as follows ;
*Unspecified tolerances shall be as follows ;
*Unspecified tolerances shall be as follows ;*Unspecified tolerances shall be as follows ;
GP1L52V/GP1L54
GP1L50/GP1L51/GP1L52V/GP1L54
High Sensitivity
Photointerrupter
(Case height: 10mm )
(Case height: 10mm )
(Case height: 10mm )
(Case height: 8mm )
GP1L52V
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
19.0
± 0.2
2 - φ 3.2
± 0.2
25.0
± 0.3
12.2
± 0.3
4 - 0.4
+ 0.3
- 0.1
4 - 0.45
+ 0.3
- 0.1
3.0
+ 0.2
- 0.1
4 - 0.45
+ 0.3
- 0.1
4 - 0.4
+0.3
- 0.1
3.0
+ 0.2
- 0.1
2 -
φ 3.2± 0.2
12.2
± 0.3
4 - 0.45
+ 0.3
- 0.1
4 - 0.4
+ 0.3
- 0.1
2 -
φ 0.7
3.0
+ 0.4
- 0
2 - R0.3
MAX.
12.2 ± 0.3
7.5
± 0.1
12.2
± 0.3
4 - 0.45
+ 0.3
- 0.1
4 - 0.4
+ 0.3
- 0.1
3.0
+ 0.2
- 0.1


Similar Part No. - GP1L50

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1L50J0000F SHARP-GP1L50J0000F Datasheet
157Kb / 12P
   Gap : 3mm, Slit : 0.5mm Darlington Phototransistor Output, Case package Transmissive Photointerrupter
More results

Similar Description - GP1L50

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1L55 SHARP-GP1L55 Datasheet
51Kb / 4P
   High Sensitivity Photointerrupter
GP1L21 SHARP-GP1L21 Datasheet
59Kb / 4P
   Subminiature, High Sensitivity Photointerrupter
GP1L27 SHARP-GP1L27 Datasheet
53Kb / 4P
   Subminiature, High Sensitivity Photointerrupter
GP2L22 SHARP-GP2L22 Datasheet
47Kb / 4P
   Subminiature, High Sensitivity Photointerrupter
logo
Kingbright Corporation
KRA011 KINGBRIGHT-KRA011 Datasheet
915Kb / 4P
   SUBMINIATURE, HIGH SENSITIVITY PHOTOINTERRUPTER
ATIR0811S KINGBRIGHT-ATIR0811S Datasheet
200Kb / 5P
   SUBMINIATURE, HIGH SENSITIVITY PHOTOINTERRUPTER
logo
Sharp Corporation
GP2L09 SHARP-GP2L09 Datasheet
72Kb / 6P
   Subminiature, High Sensitivity Photointerrupter
logo
Kingbright Corporation
ATIR0711S KINGBRIGHT-ATIR0711S Datasheet
173Kb / 5P
   SUBMINIATURE, HIGH SENSITIVITY PHOTOINTERRUPTER
logo
Sharp Corporation
GP1A08 SHARP-GP1A08 Datasheet
121Kb / 4P
   HIGH SENSITIVITY TYPE OPIC PHOTOINTERRUPTER
GP1A18 SHARP-GP1A18 Datasheet
125Kb / 4P
   HIGH SENSITIVITY TYPE OPIC PHOTOINTERRUPTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com