Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRF05-1AS Datasheet(PDF) 1 Page - Meder Electronic

Part # CRF05-1AS
Description  7 GHz High Frequency Reed Relay for 50ohm Impedance
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

CRF05-1AS Datasheet(HTML) 1 Page - Meder Electronic

  CRF05-1AS_11 Datasheet HTML 1Page - Meder Electronic CRF05-1AS_11 Datasheet HTML 2Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Item No.:
9605180020
Item:
CRF05-1AS
| Email: salesasia@meder.com
| Email: salesusa@meder.com
| Email: info@meder.com
+49 / 7731 8399 0
+1 / 508 295 0771
+852 / 2955 1682
USA:
Asia:
Europe:
Modifications in the sense of technical progress are reserved
27.01.11
CRUF
WKOVACS
03
Version:
Designed by:
Last Change at:
Designed at:
Last Change by:
28.07.11
CRUF
CRUF
Approval by:
Approval by:
27.01.11
Approval at:
Approval at:
29.07.11


Similar Part No. - CRF05-1AS_11

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
CRF05-1AS_DE MEDER-CRF05-1AS_DE Datasheet
407Kb / 2P
   (deutsch) CRF Reed Relay
More results

Similar Description - CRF05-1AS_11

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADAPTERS_BNC_SMA MINI-ADAPTERS_BNC_SMA Datasheet
109Kb / 2P
   50OHM DC to 2 GHz
ADAPTERS-TYPE-N_SMA MINI-ADAPTERS-TYPE-N_SMA Datasheet
53Kb / 1P
   50OHM, DC to 18 GHz
logo
Omron Electronics LLC
G6Z1FEDC12 OMRON-G6Z1FEDC12 Datasheet
1Mb / 16P
   Miniature 2.6-GHz-Band, SPDT, High-frequency Relay
G6Z1PDC24 OMRON-G6Z1PDC24 Datasheet
1Mb / 16P
   Miniature 2.6-GHz-Band, SPDT, High-frequency Relay
logo
Meder Electronic
LP12-1A66-80V MEDER-LP12-1A66-80V Datasheet
471Kb / 3P
   Miniature Reed Relays for High Frequency Switching
logo
Coto Technology
5501-05-1 COTO-5501-05-1 Datasheet
270Kb / 2P
   High Voltage Reed Relay
logo
Qorvo, Inc
CMD226C3 QORVO-CMD226C3 Datasheet
445Kb / 8P
   Frequency Doubler, 7-11 GHz Input
logo
Custom MMIC Design Serv...
CMD226C3 MMIC-CMD226C3 Datasheet
603Kb / 8P
   Frequency Doubler, 7-11 GHz Input
logo
Pasternack Enterprises,...
PE2233-30 PASTERNACK-PE2233-30 Datasheet
258Kb / 1P
   HIGH POWER DIRECTIONAL COUPLER FREQUENCY RANGE: 7-11 GHz
logo
PIC GmbH
HSR-V100RF PIC-HSR-V100RF Datasheet
26Kb / 1P
   High Frequency Reed Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com