Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XPS-2380BWG Datasheet(PDF) 3 Page - Optoway Technology Inc

Part # XPS-2380BWG
Description  10Gbps / 80km / 1550 nm XFP Single-Mode Optical Transceiver for 10GbE / 10G FC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

XPS-2380BWG Datasheet(HTML) 3 Page - Optoway Technology Inc

  XPS-2380BWG Datasheet HTML 1Page - Optoway Technology Inc XPS-2380BWG Datasheet HTML 2Page - Optoway Technology Inc XPS-2380BWG Datasheet HTML 3Page - Optoway Technology Inc XPS-2380BWG Datasheet HTML 4Page - Optoway Technology Inc XPS-2380BWG Datasheet HTML 5Page - Optoway Technology Inc XPS-2380BWG Datasheet HTML 6Page - Optoway Technology Inc XPS-2380BWG Datasheet HTML 7Page - Optoway Technology Inc XPS-2380BWG Datasheet HTML 8Page - Optoway Technology Inc XPS-2380BWG Datasheet HTML 9Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Optoway
XPS-2380WG
***********************************************************************************************************************************************************************
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
7/1/2009
V2.0
3
Electrical Characteristics
Parameter
Symbol
Min
Typ
Max
Units
Notes
High-Speed Signal (CML) Interface Specification
Input Data Rate
9.95328
10.3125
Gb/s
7
8
Input Date Rate Tolerance
±20
±100
ppm
7
8
Input Data Rate
Gb/s
Differential Input Impedance
Rin
100
Ω
Differential Data Input Amplitude
120
820
mVpp
9, Internally AC coupled
Output Data Rate
9.95328
10.3125
Gb/s
7
8
Output Date Rate Tolerance
±100
ppm
7,8
Output Data Rate
9.95
11.1
Gb/s
Differential Output Impedance
Rout
100
Ω
Differential Data Output
Amplitude
340
850
mVpp
9, Internally AC coupled
Low-Speed Signal (LVTTL) Interface Specification
Input High Voltage
2.0
Vcc
V
Input Low Voltage
GND
0.8
V
Output High Voltage
2.4
Vcc
V
Output Low Voltage
GND
0.5
V
Reference Clock (LVPECL) Interface Specification
No reference clock
7. 10GBASE-ZW.
8. 10GBASE-ZR.
9. The differential input and output amplitudes are per XFP MSA mask at points B’ and C’.
Transceiver Timing Characteristics
Parameter
Symbol
Min
Typ
Max
Units
Notes
TX_DIS Assert Time
t_off
10
µs
TX_DIS Negate Time
t_on
2
ms
Time to Initialize
t_init
300
ms
Interrupt Assert Delay
interrupt_on
200
ms
Interrupt Negate Delay
interrupt_off
500
µs
P_Down/PST Assert Delay
P_Down/RST_on
100
µs
P_Down Nagate Delay
P_Down/RST_off
300
ms
Mod_NR Assert Delay
Mod_nr_on
1
ms
Mod_NR Negate Delay
Mod_nr_off
1
ms
Mod_Desel Assert Time
T_Mod_Desel
2
ms
Mod_Desel De-Assert Time
T_Mod_Sel
2
ms
P_Down Reset Time
T_reset
10
µs
RX_LOS Assert Delay
T_Los_on
100
µs
RX_LOS Negate Delay
T_Los_off
100
µs
Serial ID Clock Rate
fSCL
0
400
kHz


Similar Part No. - XPS-2380BWG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
XPS-2380BMWG OPTOWAY-XPS-2380BMWG Datasheet
242Kb / 9P
   80km / 1550 nm / 10G Multirate XFP Single-Mode Optical Transceiver
More results

Similar Description - XPS-2380BWG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
XPS-2380WG OPTOWAY-XPS-2380WG Datasheet
289Kb / 9P
   10Gbps / 80km / 1550 nm XFP Single-Mode Optical Transceiver for 10GbE / 10G FC
XPS-2360WG OPTOWAY-XPS-2360WG_09 Datasheet
244Kb / 9P
   10Gbps / 60km / 1550 nm XFP Single-Mode Optical Transceiver for 10GbE / 10G FC
XPS-2340WG OPTOWAY-XPS-2340WG_09 Datasheet
244Kb / 9P
   10Gbps / 40km / 1550 nm XFP Single-Mode Optical Transceiver for 10GbE / 10G FC
XPS-23100WG OPTOWAY-XPS-23100WG Datasheet
234Kb / 9P
   10Gbps / 100km / 1550 nm XFP Single-Mode Optical Transceiver for 10GbE / 10G FC
XPS-2340WG OPTOWAY-XPS-2340WG Datasheet
288Kb / 9P
   10Gbps / 40km / 1550 nm XFP Single-Mode Optical Transceiver for 10GbE / 10G FC
XPS-2360WG OPTOWAY-XPS-2360WG Datasheet
288Kb / 9P
   10Gbps / 60km / 1550 nm XFP Single-Mode Optical Transceiver for 10GbE / 10G FC
XPS-2380MWG OPTOWAY-XPS-2380MWG_09 Datasheet
242Kb / 9P
   80km / 1550 nm / 10G Multirate XFP Single-Mode Optical Transceiver
XPS-2380MWG OPTOWAY-XPS-2380MWG Datasheet
234Kb / 9P
   80km / 1550 nm / 10G Multirate XFP Single-Mode Optical Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-720XPDZ AVAGO-AFBR-720XPDZ_13 Datasheet
423Kb / 15P
   10GbE XFP 850 nm 10Gbps Optical Transceiver
logo
Optoway Technology Inc
XPS-2341W-CXX0G OPTOWAY-XPS-2341W-CXX0G Datasheet
240Kb / 9P
   10Gbps / 40 km / CWDM XFP Single-Mode Optical Transceiver for OC-192 / 10GbE / 10G FC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com