Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD8627EFV Datasheet(PDF) 10 Page - Rohm

Part # BD8627EFV
Description  FET Controller Type 3ch System Power Supply ICs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8627EFV Datasheet(HTML) 10 Page - Rohm

Back Button BD8627EFV Datasheet HTML 5Page - Rohm BD8627EFV Datasheet HTML 6Page - Rohm BD8627EFV Datasheet HTML 7Page - Rohm BD8627EFV Datasheet HTML 8Page - Rohm BD8627EFV Datasheet HTML 9Page - Rohm BD8627EFV Datasheet HTML 10Page - Rohm BD8627EFV Datasheet HTML 11Page - Rohm BD8627EFV Datasheet HTML 12Page - Rohm BD8627EFV Datasheet HTML 13Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Technical Note
10/12
BD8627EFV
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Protection function
Protection circuit is effective for destruction prevention due to accident so that avoid using under continuous protection
operation.
Low voltage protection function (LVP)
The voltage of the terminal FB (2 pins) is compared with internal reference voltage VREF.
If FB terminal voltage falls below VLVP(= VREF -60mV) and the state continues for 500us, output changes to low voltage and
the state is fixed. In that case , PDET (3pin) output changes to L.
Table 1 output low voltage protection function
EN terminal
SS terminal
FB terminal
Low voltage protection
function
Low voltage protection
operation
>VIHEN
>1.4V(typ)
<VLVP
Effective
ON
>VLVP
OFF
<1.4V(typ)
-
Invalidity
OFF
<VILEN
-
-
Invalidity
OFF
Low voltage protection function is available when SS terminal voltage becomes more than
1.4V (typ) in the transition to ON control (during soft start).
Over voltage protection function(OVP)
The voltage of the terminal FB is compared with internal reference voltage VREF.
If FB terminal voltage is over Vovp (=VREF +60mV) and the state is continues for 500usec, output changes to low voltage
and the state is fixed.
Table 2 output over voltage protection function
EN terminal
SS terminal
FB terminal
Over voltage
protection function
Over voltage
protection operation
>VIHEN
>1.4V(typ)
>VOVP
Effective
ON
<VOVP
OFF
<1.4V(typ)
-
Invalidity
OFF
<VILEN
-
-
Invalidity
OFF
Over voltage protection function is available when SS terminal voltage becomes more than
1.4V (typ) in the transition to ON control (during soft start).
FB terminal voltage
VREF
0
ON
OFF
Protection
OVP
LVP
VREF+60mV
VFB
PDET terminal
HIGH
LOW
VREF-60mV
500[us]
500[us]
Fig. 5 Output voltage error detection range


Similar Part No. - BD8627EFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8627EFV ROHM-BD8627EFV Datasheet
624Kb / 13P
   Built-in 1ch FET Synchronous Rectification Type DC/DC converters
More results

Similar Description - BD8627EFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8606FV ROHM-BD8606FV Datasheet
801Kb / 23P
   FET Controller Type 3ch System Power Supply ICs
BD8601FV ROHM-BD8601FV_09 Datasheet
458Kb / 16P
   FET Controller Type 3ch System Power Supply ICs
BD8629FS ROHM-BD8629FS_09 Datasheet
371Kb / 12P
   FET Controller Type 3ch System Power Supply ICs
BD8621EFV ROHM-BD8621EFV_09 Datasheet
457Kb / 15P
   FET Controller Type 3ch System Power Supply ICs
BD8601FV ROHM-BD8601FV Datasheet
918Kb / 16P
   FET Controller Type 3ch System Power Supply ICs
BD8606FV ROHM-BD8606FV_09 Datasheet
615Kb / 23P
   FET Controller Type 3ch System Power Supply ICs
BD8628EFV ROHM-BD8628EFV_09 Datasheet
428Kb / 15P
   FET Controller Type 3ch System Power Supply ICs
logo
POWER-RAIL
CR6202T POWER-RAIL-CR6202T Datasheet
308Kb / 14P
   Switching Power Supply Controller ICs
Aug.2008 V2.0
CR6203 POWER-RAIL-CR6203 Datasheet
335Kb / 14P
   Switching Power Supply Controller ICs
Aug.2008 V2.0
logo
Rohm
BD8163EFV ROHM-BD8163EFV Datasheet
562Kb / 22P
   5V Input Multi-channel System Power Supply ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com