Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD8606FV Datasheet(PDF) 5 Page - Rohm

Part # BD8606FV
Description  FET Controller Type 3ch System Power Supply ICs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8606FV Datasheet(HTML) 5 Page - Rohm

  BD8606FV Datasheet HTML 1Page - Rohm BD8606FV Datasheet HTML 2Page - Rohm BD8606FV Datasheet HTML 3Page - Rohm BD8606FV Datasheet HTML 4Page - Rohm BD8606FV Datasheet HTML 5Page - Rohm BD8606FV Datasheet HTML 6Page - Rohm BD8606FV Datasheet HTML 7Page - Rohm BD8606FV Datasheet HTML 8Page - Rohm BD8606FV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Technical Note
5/22
BD8606FV
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Terminal
No.
Terminal
name
Explanation
Terminal equivalent circuit chart
6
OCP1
Ch1 Over current detection level
Set resistance connection
terminal
15
OCP2
Ch2 Over current detection level
Set resistance connection
terminal
26
OCP3
Ch3 Over current detection level
Set resistance connection
terminal
7
FB1
Ch1 Voltage detection terminal
14
FB2
Ch2 Voltage detection terminal
27
FB3
Ch3 Voltage detection terminal
8
FC1
Ch1 Phase amends terminal
13
FC2
Ch2 Phase amends terminal
28
FC3
Ch3 Phase amends terminal
VCC
GND
26
VIN1
VCC
GND
27
VCC
GND
28


Similar Part No. - BD8606FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8606FV ROHM-BD8606FV Datasheet
801Kb / 23P
   FET Controller Type 3ch System Power Supply ICs
More results

Similar Description - BD8606FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8606FV ROHM-BD8606FV Datasheet
801Kb / 23P
   FET Controller Type 3ch System Power Supply ICs
BD8627EFV ROHM-BD8627EFV_09 Datasheet
397Kb / 13P
   FET Controller Type 3ch System Power Supply ICs
BD8601FV ROHM-BD8601FV_09 Datasheet
458Kb / 16P
   FET Controller Type 3ch System Power Supply ICs
BD8629FS ROHM-BD8629FS_09 Datasheet
371Kb / 12P
   FET Controller Type 3ch System Power Supply ICs
BD8621EFV ROHM-BD8621EFV_09 Datasheet
457Kb / 15P
   FET Controller Type 3ch System Power Supply ICs
BD8601FV ROHM-BD8601FV Datasheet
918Kb / 16P
   FET Controller Type 3ch System Power Supply ICs
BD8628EFV ROHM-BD8628EFV_09 Datasheet
428Kb / 15P
   FET Controller Type 3ch System Power Supply ICs
logo
POWER-RAIL
CR6202T POWER-RAIL-CR6202T Datasheet
308Kb / 14P
   Switching Power Supply Controller ICs
Aug.2008 V2.0
CR6203 POWER-RAIL-CR6203 Datasheet
335Kb / 14P
   Switching Power Supply Controller ICs
Aug.2008 V2.0
logo
Rohm
BD8163EFV ROHM-BD8163EFV Datasheet
562Kb / 22P
   5V Input Multi-channel System Power Supply ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com