Electronic Components Datasheet Search |
|
BD4827FVE Datasheet(PDF) 7 Page - Rohm |
|
BD4827FVE Datasheet(HTML) 7 Page - Rohm |
7 / 10 page Technical Note 7/9 BD48 □□G, BD48□□FVE, BD49□□G, BD49□□FVE series www.rohm.com 2009.04 - Rev.A © 2009 ROHM Co., Ltd. All rights reserved. Examples of the power supply with resistor dividers In applications where the power supply input terminal (VDD) of an IC with resistor dividers, it is possible that a through current will momentarily flow into the circuit when the output logic switches, resulting in malfunctions (such as output oscillatory state). (Through-current is a current that momentarily flows from the power supply (VDD) to ground (GND) when the output level switches from “High” to “Low” or vice versa.) Fig.18 A voltage drop of [the through-current (I1)] × [input resistor (R2)] is caused by the through current, and the input voltage to descends, when the output switches from “Low” to “High”. When the input voltage decreases and falls below the detection voltage, the output voltage switches from “High” to “Low”. At this time, the through-current stops flowing through output “Low”, and the voltage drop is eliminated. As a result, the output switches from “Low” to “High”, which again causes the through current to flow and the voltage drop. This process is repeated, resulting in oscillation. VOUT R2 VDD BD48□□□ BD49□□□ GND R1 I1 V1 CIN CL IDD VDD VDET 0 Through Current Fig.19 Current Consumption vs. Power Supply Voltage |
Similar Part No. - BD4827FVE |
|
Similar Description - BD4827FVE |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |