Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD8372HFP-MTR Datasheet(PDF) 10 Page - Rohm

Part # BD8372HFP-MTR
Description  LED Drivers for Automotive Light
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8372HFP-MTR Datasheet(HTML) 10 Page - Rohm

Back Button BD8372HFP-MTR Datasheet HTML 6Page - Rohm BD8372HFP-MTR Datasheet HTML 7Page - Rohm BD8372HFP-MTR Datasheet HTML 8Page - Rohm BD8372HFP-MTR Datasheet HTML 9Page - Rohm BD8372HFP-MTR Datasheet HTML 10Page - Rohm BD8372HFP-MTR Datasheet HTML 11Page - Rohm BD8372HFP-MTR Datasheet HTML 12Page - Rohm BD8372HFP-MTR Datasheet HTML 13Page - Rohm BD8372HFP-MTR Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Technical Note
10/16
www.rohm.com
2011.04 - Rev.A
© 2011 ROHM Co., Ltd. All rights reserved.
BD8372HFP-M,BD8372EFJ-M
IOUT Output current VS ISET connect resistance
0.0010
0.0100
0.1000
1.0000
1.00E+03
1.00E+04
1.00E+05
1.00E+06
RISET[Ω]
H mo de
L mo de
R_ISET setting range
short protection
open protection
Method of setting current
ISETL/ISETH generates a standard Voltage respectively in IC (0.8V typ). A standard current is generated by connecting
resistance with ISET terminal, and the current is converted internally and it outputs.
VIN
STOP
IOUT
PBUS
+B
LED
OPEN
Current
Control
H/L mode switch
0.8V(typ)
GND
Iref_l
Iref_l
ISETL
ISETH
0.8V(typ)
RISETL
RISETH
L mode(STOP=Low)
H mode(STOP=High)
[mA]
5
250
40k
0.8V
I
.6k
1
R
exp
250[A]
*
R
V
8
.
0
I
IOUT
ISETL
ISETL
IOUT
Ω
Ω
) 
[mA]
50
2500
40k
V
8
.
0
I
40k
R
exp
[A]
2500
R
V
8
.
0
I
IOUT
ISETH
ISETH
IOUT
Ω
 
Ω
) 


Similar Part No. - BD8372HFP-MTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8372HFP-MTR ROHM-BD8372HFP-MTR Datasheet
2Mb / 29P
   1ch Source Driver for Automotive
More results

Similar Description - BD8372HFP-MTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8381AEFV-M ROHM-BD8381AEFV-M Datasheet
2Mb / 40P
   LED Drivers for Automotive Light
BD8381EFV-M ROHM-BD8381EFV-M Datasheet
467Kb / 21P
   LED Drivers for Automotive Light
logo
Roithner LaserTechnik G...
D-11 ROITHNER-D-11 Datasheet
64Kb / 2P
   DRIVERS for LED
logo
Seoul Semiconductor
EBT809-S SEOUL-EBT809-S Datasheet
898Kb / 25P
   Applicable for automotive interior light
EYT809-S SEOUL-EYT809-S Datasheet
912Kb / 25P
   Applicable for automotive interior light
HRT801-S SEOUL-HRT801-S Datasheet
902Kb / 25P
   Applicable for automotive interior light
HWT801G-S SEOUL-HWT801G-S Datasheet
871Kb / 26P
   Applicable for automotive interior light
HWT801-S SEOUL-HWT801-S Datasheet
924Kb / 26P
   Applicable for automotive interior light
STR0G16AB SEOUL-STR0G16AB Datasheet
853Kb / 24P
   Applicable for automotive exterior light
STY0G16A SEOUL-STY0G16A Datasheet
838Kb / 25P
   Applicable for automotive exterior light
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com