Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD8314NUV Datasheet(PDF) 1 Page - Rohm

Part # BD8314NUV
Description  High-efficiency Step-up Switching Regulator with Built-in Power MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8314NUV Datasheet(HTML) 1 Page - Rohm

  BD8314NUV_11 Datasheet HTML 1Page - Rohm BD8314NUV_11 Datasheet HTML 2Page - Rohm BD8314NUV_11 Datasheet HTML 3Page - Rohm BD8314NUV_11 Datasheet HTML 4Page - Rohm BD8314NUV_11 Datasheet HTML 5Page - Rohm BD8314NUV_11 Datasheet HTML 6Page - Rohm BD8314NUV_11 Datasheet HTML 7Page - Rohm BD8314NUV_11 Datasheet HTML 8Page - Rohm BD8314NUV_11 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1/15
www.rohm.com
2011.08 - Rev.D
© 2011 ROHM Co., Ltd. All rights reserved.
Single-chip Type with Built-in FET Switching Regulators
High-efficiency Step-up
Switching Regulator
with Built-in Power MOSFET
BD8314NUV
Description
ROHM’s High-efficiency Step-up Switching Regulator Built-in Power MOSFET BD8314NUV generates step-up output
including 8 V or 10 V from 4 batteries, batteries such as Li1cell or Li2cell etc. or a 5 V fixed power supply line.
This IC allows easy production of small and a wide range of output current, and is equipped with an external coil/capacitor
downsized by high frequency operation of 1.2 MHz, built-in 2.5 A rated 80 mΩ Nch FET SW, and flexible phase
compensation system on board.
Features
1) Incorporates Nch FET capable of withstanding 2.5 A/14 V.
2) Incorporates phase compensation device between input and output of ERROR AMP.
3) Small coils and capacitors to be used by high frequency operation of 1.2 MHz
4) Input voltage 3.0 V ~ 12 V
5) Output current
600 mA (3.5 V ~ 10 V) at 10 V
600 mA (3.0 V ~ 8 V) at 8 V
6) Incorporates soft-start function.
7) Incorporates timer latch system short protecting function.
8) As small as 3 mm×3 mm, SON 10-pin package
VSON010V3030
Application
General portable equipment like DSC/DVC powered by 4 dry batteries or Li2cell
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Maximum applied power voltage
VCC, LX
14
V
Maximum input voltage
SWOUT, INV
14
V
Maximum input current
Iinmax
2.5
A
Power dissipation
Pd
700*
mW
Operating temperature range
Topr
-25 to +85
°C
Storage temperature range
Tstg
-55 to +150
°C
Junction temperature
Tjmax
+150
°C
* When used at Ta = 25°C or more installed on a 74.2 × 74.2 × 1.6
t mm board, the rating is reduced by 5.6 mW/°C.
Operating Conditions (Ta = 25°C)
Parameter
Symbol
Ratings
Unit
Power supply voltage
VCC
3.0 to 12
V
Output voltage
VOUT
4.0 to 12
V
No.11027EDT09


Similar Part No. - BD8314NUV_11

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8314NUV ROHM-BD8314NUV_15 Datasheet
1Mb / 25P
   Integrated 2.5A MOSFET 1ch Boost Converter
More results

Similar Description - BD8314NUV_11

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8311NUV ROHM-BD8311NUV_10 Datasheet
389Kb / 15P
   High-efficiency Step-up Switching Regulator with Built-in Power MOSFET
BD8311NUV ROHM-BD8311NUV Datasheet
458Kb / 16P
   High-efficiency Step-up Switching Regulator with Built-in Power MOSFET
BD8314NUV ROHM-BD8314NUV Datasheet
389Kb / 16P
   High-efficiency Step-up Switching Regulator with Built-in Power MOSFET
BD9641NUV ROHM-BD9641NUV Datasheet
506Kb / 13P
   High-efficiency Step-up Switching Regulator with Built-in Power MOSFET
BD8158FVM-TR ROHM-BD8158FVM-TR Datasheet
849Kb / 18P
   High-efficiency Step-up Switching Regulators with Built-in Power MOSFET
BD8152FVM ROHM-BD8152FVM_11 Datasheet
444Kb / 18P
   High-efficiency Step-up Switching Regulators with Built-in Power MOSFET
BD8152FVM ROHM-BD8152FVM_1 Datasheet
443Kb / 18P
   High-efficiency Step-up Switching Regulators with Built-in Power MOSFET
BD8301MUV ROHM-BD8301MUV Datasheet
387Kb / 14P
   High-effciency Step-up/down Switching Regulator with Built-in Power MOSFET
BD8960NV ROHM-BD8960NV Datasheet
466Kb / 15P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8966FVM ROHM-BD8966FVM Datasheet
511Kb / 15P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com