Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD8165MUV Datasheet(PDF) 1 Page - Rohm

Part # BD8165MUV
Description  Silicon Monolithic Integrated Circuit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8165MUV Datasheet(HTML) 1 Page - Rohm

  BD8165MUV Datasheet HTML 1Page - Rohm BD8165MUV Datasheet HTML 2Page - Rohm BD8165MUV Datasheet HTML 3Page - Rohm BD8165MUV Datasheet HTML 4Page - Rohm BD8165MUV Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/4
REV. D
STRUCTURE
Silicon Monolithic Integrated Circuit
PRODUCT NAME
Multi-Channel Power IC
TYPE
BD8165MUV
FEATURES
・Built-in 5-channel outputs for TFT-LCD Display
・Built-in VCOM AMP
ABSOLUTE MAXIMUM RATINGS (Ta=25℃)
PARAMETER
SYMBOL
LIMITS
UNIT
Supply Voltage 1
VCC,PVCC2,3
15
V
Supply Voltage 2
LDVCC1
7
V
Supply Voltage 3
HVCC
20
V
SW1 Voltage
VSW1
22
V
Junction Temperature
Tjmax
150
Power Dissipation
Pd
4826*1
mW
Operating Temperature Range
Topr
-40~105
Storage Temperature Range
Tstg
-55~150
*1 Decreased in done 38.6mW/℃ for operating above Ta≧25℃,
mounted on 70×70×1.6mm 4 layer Glass-epoxy PCB.(back foil 70.0mm×70.0mm)
OPERATING CONDITIONS (Ta=-40℃~+105℃)
Parameter
Symbol
MIN
MAX
Unit
Supply Voltage 1
VCC,PVCC2,3
4.2
14
V
Supply Voltage 2
LDVCC1
-
5.5
V
Supply Voltage 3
HVCC
6
18
V
SW1 Voltage
VSW1
-
18
V
Status of this document
The Japanese version of this document is the formal specification.
A customer may use this translation version only for a reference to help reading the formal version.
If there are any differences in translation version of this document, formal version takes priority.


Similar Part No. - BD8165MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8160AEFV ROHM-BD8160AEFV Datasheet
422Kb / 19P
   12V Input Multi-channel System Power Supply IC
BD8160AEFV ROHM-BD8160AEFV Datasheet
966Kb / 21P
   12V Input Multi-channel System Power Supply IC
BD8160AEFV-E2 ROHM-BD8160AEFV-E2 Datasheet
422Kb / 19P
   12V Input Multi-channel System Power Supply IC
BD8160AEFV ROHM-BD8160AEFV_15 Datasheet
966Kb / 21P
   12V Input Multi-channel System Power Supply IC
BD8160EFV ROHM-BD8160EFV Datasheet
354Kb / 6P
   Main Power Supply For TFT-LCD Display Module
More results

Similar Description - BD8165MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3490FV ROHM-BD3490FV Datasheet
296Kb / 5P
   Silicon Monolithic Integrated Circuit
BD822EFV ROHM-BD822EFV Datasheet
131Kb / 5P
   Silicon Monolithic Integrated Circuit
BD3985FV ROHM-BD3985FV_11 Datasheet
96Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6041GUL ROHM-BD6041GUL_11 Datasheet
182Kb / 5P
   Silicon Monolithic Integrated Circuit
BD8676KN ROHM-BD8676KN Datasheet
231Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6369GUL ROHM-BD6369GUL_11 Datasheet
150Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6607KN ROHM-BD6607KN_11 Datasheet
139Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6712AF ROHM-BD6712AF_11 Datasheet
109Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6973FV ROHM-BD6973FV Datasheet
100Kb / 5P
   Silicon Monolithic Integrated Circuit
BD9745EKN ROHM-BD9745EKN Datasheet
385Kb / 22P
   Silicon Monolithic Integrated Circuit
BD9885FV ROHM-BD9885FV_09 Datasheet
154Kb / 5P
   Silicon Monolithic Integrated Circuit
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com