Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD8165MUV Datasheet(PDF) 4 Page - Rohm

Part # BD8165MUV
Description  Silicon Monolithic Integrated Circuit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8165MUV Datasheet(HTML) 4 Page - Rohm

  BD8165MUV Datasheet HTML 1Page - Rohm BD8165MUV Datasheet HTML 2Page - Rohm BD8165MUV Datasheet HTML 3Page - Rohm BD8165MUV Datasheet HTML 4Page - Rohm BD8165MUV Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4/4
REV. D
Operation Notes
1. Absolute maximum range
This product are produced with strict quality control, but might be destroyed in using beyond absolute maximum ratings. Open IC
destroyed a failure mode cannot be defined (like Short mode, or Open mode).
Therefore physical security countermeasure, like fuse, is to be given when a specified mode to be beyond absolute maximum ratings
is considered.
2. Ground potential
GND terminal should be a lowest voltage potential every state.
Please make sure all pins which is over ground even if include transient feature.
3. Setting of heat
Use a setting of heat that allows for a sufficient margin in light of the power dissipation (Pd) in actual operating conditions..
4 . Short Circuit between Terminal and Soldering
Don’t short-circuit between Output pin and the power supply pin, Output pin and GND pin, or the power supply pin and GND pin.When soldering
the IC on circuit board, please be unusually cautious about the orientation and the
position of the IC. When the orientation is mistaken the IC may be destroyed.
5 . Electromagnetic Field
Mal-function may happen when the device is used in the strong electromagnetic field.
6. Ground wiring patterns
When using both small signal and large current GND patterns, it is recommended to isolate the two ground patterns, placing a
single ground point at the application's reference point so that the pattern wiring resistance and voltage variations caused
by large currents do not cause variations in the small signal ground voltage. Be careful not to change the GND wiring patterns
of any external components.
7. This IC is a monolithic IC which has P+ isolation in the P substrate and between the various pins.
A P-N junction is formed from this P layer and the N layer of each pin.
For example, when a resistor and a transistor is connected to a pin.
Parasitic diodes can occur inevitably in the structure of the IC. The operation of parasitic diodes can result in mutual interference
among circuits as well as operation faults and physical damage. Accordingly, you must not use methods by which parasitic diodes
operate, such as applying a voltage that is lower than the GND (P substrate) voltage to an input pin.
8. Over current protection circuit
The over-current protection circuits are built in at output, according to their respective current outputs and prevent the IC
from being damaged when the load is short-circuited or over-current. But, these protection circuits are effective for preventing
destruction by unexpected accident. When it’s in continuous protection circuit moving period don’t use please. And for ability,
because this chip has minus characteristic, be careful for heat plan.
9. Built-in thermal circuit
A temperature control circuit is built in the IC to prevent the damage due to overheat.
Therefore, all the outputs are turned off when the thermal circuit works and are turned on when the temperature goes down to
the specified level.
10.Testing on application boards
When testing the IC on an application board, connecting a capacitor to a pin with low impedance
subjects the IC to stress. Always discharge capacitors after each process or step. Ground the IC
during assembly steps as an antistatic measure, and use similar caution when transporting or storing the
IC. Always turn the IC's power supply off before connecting it to or removing it from a jig or fixture
during the inspection process.
11.Discontiguous mode
The DC/DC converters of this IC are designed for being used in contiguous current mode, normally. The special consideration on adjusting
the inductance or the resistive output load to avoid the discontiguous current mode should be properly done.
parasitic diode
resister
(PinA)
(PinB)
parasitic diode or transistor
GND
Psubstrate
GND
GND
(PinA)
Parasitic diode
GND
(PinB)
near-by other element
parasitic diode or transistor
SIMPLIFIED STRUCTURE OF
BI-POLAR IC


Similar Part No. - BD8165MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8160AEFV ROHM-BD8160AEFV Datasheet
422Kb / 19P
   12V Input Multi-channel System Power Supply IC
BD8160AEFV ROHM-BD8160AEFV Datasheet
966Kb / 21P
   12V Input Multi-channel System Power Supply IC
BD8160AEFV-E2 ROHM-BD8160AEFV-E2 Datasheet
422Kb / 19P
   12V Input Multi-channel System Power Supply IC
BD8160AEFV ROHM-BD8160AEFV_15 Datasheet
966Kb / 21P
   12V Input Multi-channel System Power Supply IC
BD8160EFV ROHM-BD8160EFV Datasheet
354Kb / 6P
   Main Power Supply For TFT-LCD Display Module
More results

Similar Description - BD8165MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3490FV ROHM-BD3490FV Datasheet
296Kb / 5P
   Silicon Monolithic Integrated Circuit
BD822EFV ROHM-BD822EFV Datasheet
131Kb / 5P
   Silicon Monolithic Integrated Circuit
BD3985FV ROHM-BD3985FV_11 Datasheet
96Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6041GUL ROHM-BD6041GUL_11 Datasheet
182Kb / 5P
   Silicon Monolithic Integrated Circuit
BD8676KN ROHM-BD8676KN Datasheet
231Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6369GUL ROHM-BD6369GUL_11 Datasheet
150Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6607KN ROHM-BD6607KN_11 Datasheet
139Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6712AF ROHM-BD6712AF_11 Datasheet
109Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6973FV ROHM-BD6973FV Datasheet
100Kb / 5P
   Silicon Monolithic Integrated Circuit
BD9745EKN ROHM-BD9745EKN Datasheet
385Kb / 22P
   Silicon Monolithic Integrated Circuit
BD9885FV ROHM-BD9885FV_09 Datasheet
154Kb / 5P
   Silicon Monolithic Integrated Circuit
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com