Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD8113EFV-E2 Datasheet(PDF) 7 Page - Rohm

Part # BD8113EFV-E2
Description  White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8113EFV-E2 Datasheet(HTML) 7 Page - Rohm

Back Button BD8113EFV-E2 Datasheet HTML 3Page - Rohm BD8113EFV-E2 Datasheet HTML 4Page - Rohm BD8113EFV-E2 Datasheet HTML 5Page - Rohm BD8113EFV-E2 Datasheet HTML 6Page - Rohm BD8113EFV-E2 Datasheet HTML 7Page - Rohm BD8113EFV-E2 Datasheet HTML 8Page - Rohm BD8113EFV-E2 Datasheet HTML 9Page - Rohm BD8113EFV-E2 Datasheet HTML 10Page - Rohm BD8113EFV-E2 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Technical Note
7/19
BD8113EFV
www.rohm.com
2011.07 - Rev.A
© 2011 ROHM Co., Ltd. All rights reserved.
Self-diagnostic functions
The operating status of the built-in protection circuitry is propagated to FAIL1 and FAIL2 pins (open-drain outputs). FAIL1
becomes low when UVLO, TSD, OVP, or SCP protection is engaged, whereas FAIL2 becomes low when open or short
LED is detected.
Operation of the Protection Circuitry
Under-Voltage Lock Out (UVLO)
The UVLO shuts down all the circuits other than REG when VREG ≦ 4.0V (TYP).
Thermal Shut Down (TSD)
The TSD shuts down all the circuits other than REG when the Tj reaches 175℃ (TYP), and releases when the Tj
becomes below 150℃ (TYP).
Over Current Protection (OCP)
The OCP detects the current through the power-FET by monitoring the voltage of the high-side resistor, and activates
when the CS voltage becomes less than VCC-0.6V (TYP).
When the OCP is activated, the external capacitor of the SS pin becomes discharged and the switching operation of
the DCDC turns off.
Over Voltage Protection (OVP)
The output voltage of the DCDC is detected with the OVP-pin voltage, and the protection activates when the OVP-pin
voltage becomes greater than 2.0V (TYP).
When the OVP is activated, the external capacitor of the SS pin becomes discharged and the switching operation of
the DCDC turns off.
Short Circuit Protection (SCP)
When the LED-pin voltage becomes less than 0.3V (TYP), the internal counter starts operating and latches off the circuit
approximately after 100ms (when FOSC = 300kHz). If the LED-pin voltage becomes over 0.3V before 100ms, then the
counter resets.
When the LED anode (i.e. DCDC output voltage) is shorted to ground, then the LED current becomes off and the LED-pin
voltage becomes low. Furthermore, the LED current also becomes off when the LED cathode is shorted to ground. Hence
in summary, the SCP works with both cases of the LED anode and the cathode being shorted.
LED Open Detection
When the LED-pin voltage
 0.3V (TYP) as well as OVP-pin voltage  1.7V (TYP) simultaneously, the device detects as
LED open and latches off that particular channel.
UVLO
TSD
OVP
OCP
S
R
Q
Counter
SCP
EN=Low
UVLO/TSD
FAIL1
OPEN
SHORT
S
R
Q
EN=Low
UVLO/TSD
FAIL2
MASK


Similar Part No. - BD8113EFV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8113EFV ROHM-BD8113EFV Datasheet
212Kb / 5P
   Silicon Monolithic Integrated Circuit
More results

Similar Description - BD8113EFV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6583MUV-A ROHM-BD6583MUV-A_11 Datasheet
1Mb / 27P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6581GU ROHM-BD6581GU Datasheet
751Kb / 27P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD8119FM-M ROHM-BD8119FM-M_11 Datasheet
365Kb / 21P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6142AMUV ROHM-BD6142AMUV Datasheet
630Kb / 28P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6150MUV ROHM-BD6150MUV_11 Datasheet
988Kb / 29P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6590MUV ROHM-BD6590MUV_11 Datasheet
873Kb / 27P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD8119FM-M ROHM-BD8119FM-M Datasheet
449Kb / 21P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6586MUV ROHM-BD6586MUV_11 Datasheet
489Kb / 20P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6592MUV ROHM-BD6592MUV_11 Datasheet
833Kb / 26P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD8112EFV-M ROHM-BD8112EFV-M_11 Datasheet
615Kb / 23P
   White Backlight LED Drivers for Medium to Large LCD Panels (Switching Regulator Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com