Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD8112EFV-M Datasheet(PDF) 8 Page - Rohm

Part # BD8112EFV-M
Description  White Backlight LED Drivers for Medium to Large LCD Panels (Switching Regulator Type)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8112EFV-M Datasheet(HTML) 8 Page - Rohm

Back Button BD8112EFV-M_11 Datasheet HTML 4Page - Rohm BD8112EFV-M_11 Datasheet HTML 5Page - Rohm BD8112EFV-M_11 Datasheet HTML 6Page - Rohm BD8112EFV-M_11 Datasheet HTML 7Page - Rohm BD8112EFV-M_11 Datasheet HTML 8Page - Rohm BD8112EFV-M_11 Datasheet HTML 9Page - Rohm BD8112EFV-M_11 Datasheet HTML 10Page - Rohm BD8112EFV-M_11 Datasheet HTML 11Page - Rohm BD8112EFV-M_11 Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Technical Note
8/22
www.rohm.com
2011.08 - Rev.C
© 2010 ROHM Co., Ltd. All rights reserved.
BD8112EFV-M
Buck-Boost DC/DC controller
Number of LEDs in series connection
Output voltage of the DCDC converter is controlled such that the forward voltage over each of the LEDs on the output is
set to 1.0V (Typ.). DCDC operation is performed only when the LED output is operating. When two or more LED outputs
are operating simultaneously, the LED voltage output is held at 1.0V (Typ.) per LED over the column of LEDs with the
highest VF value. The voltages of other LED outputs are increased only in relation to the fluctuation of voltage over this
column. Consideration should be given to the change in power dissipation due to variations in VF of the LEDs. Please
determine the allowable maximum VF variance of the total LEDs in series by using the description as shown below:
VF variation allowable voltage 3.7V (Typ.) = short detecting voltage 4.5V (Typ.)-LED control voltage 1.0V (Typ.)
The number of LEDs that can be connected in series is limited due to the open-circuit protection circuit, which engages at
85% of the set OVP voltage.
Therefore, the maximum output voltage of the under normal operation becomes
30.6 V (= 36 V x 0.85, where (30.6 V – 1.0 V) / VF > N [maximum number of LEDs in series]).
Over-voltage protection circuit (OVP)
The output of the DCDC converter should be connected to the OVP pin via a voltage divider. In determining an
appropriate trigger voltage of for OVP function, consider the total number of LEDs in series and the maximum variation in
VF. Also, bear in mind that over-current protection (OCP) is triggered at 0.85 x OVP trigger voltage. If the OVP
function engages, it will not release unless the DCDC voltage drops to 72.5% of the OVP trigger voltage. For example, if
ROVP1 (output voltage side), ROVP2 (GND side), and DCDC voltages VOUT are conditions for OVP, then:
VOUT ≥ (ROVP1 + ROVP2) / ROVP2 x 2.0 V.
OVP will engage when VOUT ≧ 32 V if ROVP1 = 330 kΩ and ROVP2 = 22 kΩ.
Buck-boost DC/DC converter oscillation frequency (FOSC)
The regulator’s internal triangular wave oscillation frequency can be set via a resistor connected to the RT pin (pin 5).
This resistor determines the charge/discharge current to the internal capacitor, thereby changing the oscillating frequency.
Refer to the following theoretical formula when setting RT:
fosc =
x α [kHz]
30 x 10
6 (V/A/S) is a constant (±5%) determined by the internal circuitry, and α is a correction factor that varies in relation
to RT:
{ RT: α = 50kΩ: 0.94, 60kΩ: 0.985, 70kΩ: 0.99, 80kΩ: 0.994, 90kΩ: 0.996, 100kΩ: 1.0,
150kΩ: 1.01, 200kΩ: 1.02, 300kΩ: 1.03, 400kΩ: 1.04, 500kΩ: 1.045}
A resistor in the range of 47kΩ~523kΩ is recommended. Settings that deviate from the frequency range shown below
may cause switching to stop, and proper operation cannot be guaranteed.
Fig.15 RT versus switching frequency
External DC/DC converter oscillating frequency synchronization (FSYNC)
Do not switch from external to internal oscillation of the DC/DC converter if an external synchronization signal is present
on the SYNC pin. When the signal on the SYNC terminal is switched from high to low, a delay of about 30 µs (typ.)
occurs before the internal oscillation circuitry starts to operate (only the rising edge of the input clock signal on the SYNC
terminal is recognized). Moreover, if external input frequency is less than the internal oscillation frequency, the internal
oscillator will engage after the above-mentioned 30 µs (typ.) delay; thus, does not input a synchronization signal with a
frequency less than the internal oscillation frequency.
30 × 10
6
RT [Ω]
k
100k
200k
300k
400k
500k
600k
0
100
200
300
400
500
600
700
800
RT[kΩ]


Similar Part No. - BD8112EFV-M_11

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8112EFV-M ROHM-BD8112EFV-M Datasheet
547Kb / 19P
   Automotive White LED Driver IC
More results

Similar Description - BD8112EFV-M_11

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6066GU ROHM-BD6066GU_11 Datasheet
389Kb / 16P
   White Backlight LED Drivers for Medium to Large LCD Panels (Switching Regulator Type)
BD6583MUV-A ROHM-BD6583MUV-A_11 Datasheet
1Mb / 27P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6581GU ROHM-BD6581GU Datasheet
751Kb / 27P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD8113EFV ROHM-BD8113EFV_11 Datasheet
389Kb / 20P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD9202EFS ROHM-BD9202EFS Datasheet
520Kb / 20P
   White backlight LED drivers for medium to large LCD panels (SWREG type)
BD8119FM-M ROHM-BD8119FM-M_11 Datasheet
365Kb / 21P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6142AMUV ROHM-BD6142AMUV Datasheet
630Kb / 28P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6150MUV ROHM-BD6150MUV_11 Datasheet
988Kb / 29P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6590MUV ROHM-BD6590MUV_11 Datasheet
873Kb / 27P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6586MUV ROHM-BD6586MUV_11 Datasheet
489Kb / 20P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com