Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD8105FV Datasheet(PDF) 3 Page - Rohm

Part # BD8105FV
Description  LED Indicator Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8105FV Datasheet(HTML) 3 Page - Rohm

  BD8105FV Datasheet HTML 1Page - Rohm BD8105FV Datasheet HTML 2Page - Rohm BD8105FV Datasheet HTML 3Page - Rohm BD8105FV Datasheet HTML 4Page - Rohm BD8105FV Datasheet HTML 5Page - Rohm BD8105FV Datasheet HTML 6Page - Rohm BD8105FV Datasheet HTML 7Page - Rohm BD8105FV Datasheet HTML 8Page - Rohm BD8105FV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
BD8105FV
Technical Note
3/12
www.rohm.com
2011.05 - Rev.C
© 2011 ROHM Co., Ltd. All rights reserved.
Electrical Characteristic Diagrams (Unless otherwise specified Ta=25℃)
3.0
3.5
4.0
4.5
5.0
5.5
6.0
-40
-15
10
35
60
85
AMBIENT TEMPERATURE : Ta[℃]
4.5V
5V
5.5V
0
1
2
3
4
5
6
7
8
-40
-15
10
35
60
85
AMBIENT TEMPERATURE : Ta[℃]
4.5V
5.5V
5V
Fig.6 SEROUT high side voltage 1
(at ISO=-5mA)
4.0
4.2
4.4
4.6
4.8
5.0
5.2
5.4
4.5
4.7
4.9
5.1
5.3
5.5
SUPPLY VOLTAGE: Vcc[V]
-40℃
105℃
25℃
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
-40
-15
10
35
60
85
AMBIENT TEMPERATURE : Ta[℃]
5.5V
4.5V
5V
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
4.5
4.7
4.9
5.1
5.3
5.5
SUPPLY VOLTAGE : Vcc[V]
-40℃
25℃
105℃
4.0
4.2
4.4
4.6
4.8
5.0
5.2
5.4
5.6
5.8
6.0
10
20
30
40
50
INPUT CURRENT: ID[mA]
5.5V
4.5V
5V
205
210
215
220
225
230
-40
-15
10
35
60
85
AMBIENT TEMPERATURE : Ta[℃]
5.5V
5.0V
4.5V
0
50
100
150
200
250
0123
45
SUPPLY VOLTAGE:Vcc[V]
105℃
25℃
-40℃
Fig.1 Circuit current 1
Fig.4 Dxx on resistance 2
(at IDD=20mA)
Fig.5 Dxx on resistance
Fig.7 SEROUT high side voltage 2
(at ISO=-5mA)
Fig.2 Circuit current 2
Fig.3 Dxx on resistance 1
(at IDD=20mA)
0
1
2
3
4
5
6
7
8
9
10
4.5
4.7
4.9
5.1
5.3
5.5
SUPPLYVOLTAGE:Vcc[V]
105℃
25℃
-40℃
Fig.8 SEROUT low side voltage 1
(at ISO=5mA)
Fig.9 SEROUT low side voltage 2
(at ISO=5mA)


Similar Part No. - BD8105FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8105FV ROHM-BD8105FV Datasheet
331Kb / 6P
   A serial control LED driver for car
BD8105FV ROHM-BD8105FV Datasheet
357Kb / 13P
   Power Management IC Series for Automotive Body Control LED Driver
BD8105FV ROHM-BD8105FV_09 Datasheet
357Kb / 13P
   Power Management IC Series for Automotive Body Control LED Driver
More results

Similar Description - BD8105FV

ManufacturerPart #DatasheetDescription
logo
IDEA.lnc.
G963B IDEA-G963B Datasheet
35Kb / 2P
   LED Indicator
logo
Marl International Limi...
528-501-04 MARL-528-501-04_16 Datasheet
255Kb / 2P
   PANEL INDICATOR LED
677-501-04 MARL-677-501-04_15 Datasheet
254Kb / 2P
   PANEL INDICATOR LED
699-501-63 MARL-699-501-63_14 Datasheet
266Kb / 2P
   PANEL INDICATOR LED
604-301-04 MARL-604-301-04_14 Datasheet
295Kb / 2P
   PANEL INDICATOR LED
537-501-63 MARL-537-501-63_14 Datasheet
256Kb / 2P
   PANEL INDICATOR LED
534-501-63 MARL-534-501-63_14 Datasheet
274Kb / 2P
   PANEL INDICATOR LED
531-501-63 MARL-531-501-63_14 Datasheet
276Kb / 2P
   PANEL INDICATOR LED
520-301-04 MARL-520-301-04_14 Datasheet
277Kb / 2P
   PANEL INDICATOR LED
508-501-04 MARL-508-501-04_14 Datasheet
282Kb / 2P
   PANEL INDICATOR LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com