Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD6592MUV Datasheet(PDF) 11 Page - Rohm

Part # BD6592MUV
Description  White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6592MUV Datasheet(HTML) 11 Page - Rohm

Back Button BD6592MUV Datasheet HTML 7Page - Rohm BD6592MUV Datasheet HTML 8Page - Rohm BD6592MUV Datasheet HTML 9Page - Rohm BD6592MUV Datasheet HTML 10Page - Rohm BD6592MUV Datasheet HTML 11Page - Rohm BD6592MUV Datasheet HTML 12Page - Rohm BD6592MUV Datasheet HTML 13Page - Rohm BD6592MUV Datasheet HTML 14Page - Rohm BD6592MUV Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Technical Note
11/25
BD6592MUV
www.rohm.com
2011.06 - Rev.C
© 2011 ROHM Co., Ltd. All rights reserved.
Start to use PWMPOW terminal for the PWM control, PWM operating
After RSTB and PWMDRV is changing L  H, input PWM to PWMPOW terminal.
There is no constraint in turn of RSTB and PWMDRV.
And, because it corresponds to PWM drive of shorter ON time than soft start time (1ms), when PWMPOW is input H more
than three times, the soft start is invalidated and it enable to correspond the high-speed drive. Until RSTB is set L,
invalidation of the soft start isn't canceled.
In case of lighting  light off  lighting, when it turns off the lights with PWM=L and It starts without soft start when it sets
PWM modulated light again.
But the peak current of the coil changes owing to discharge of output capacitor, It may flow to the over current limit value, as
follows Fig.34. Because soft start can be used when it turns off the lights with RSTB=L, The peak current of the coil can be
suppressed, as follows Fig.35 and this process of light off is recommended.
RSTB
PWMDRV
PWMPOW
Output Voltage
Current coil
Fig.34 Light off control of PWMPOW pin at PWM control on PWM=L
RSTB
PWMDRV
PWMPOW
Output Voltage
Current coil
Fig.35 Light off control of PWMPOW pin at PWM control on RSTB=L


Similar Part No. - BD6592MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6592MUV ROHM-BD6592MUV Datasheet
175Kb / 5P
   Silicon Monolithic Integrated Circuit
More results

Similar Description - BD6592MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6583MUV-A ROHM-BD6583MUV-A_11 Datasheet
1Mb / 27P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6581GU ROHM-BD6581GU Datasheet
751Kb / 27P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD8113EFV ROHM-BD8113EFV_11 Datasheet
389Kb / 20P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD8119FM-M ROHM-BD8119FM-M_11 Datasheet
365Kb / 21P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6142AMUV ROHM-BD6142AMUV Datasheet
630Kb / 28P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6150MUV ROHM-BD6150MUV_11 Datasheet
988Kb / 29P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6590MUV ROHM-BD6590MUV_11 Datasheet
873Kb / 27P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD8119FM-M ROHM-BD8119FM-M Datasheet
449Kb / 21P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6586MUV ROHM-BD6586MUV_11 Datasheet
489Kb / 20P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD8112EFV-M ROHM-BD8112EFV-M_11 Datasheet
615Kb / 23P
   White Backlight LED Drivers for Medium to Large LCD Panels (Switching Regulator Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com