Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B3F-6020 Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # B3F-6020
Description  Tactile Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B3F-6020 Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button B3F-6020 Datasheet HTML 4Page - Omron Electronics LLC B3F-6020 Datasheet HTML 5Page - Omron Electronics LLC B3F-6020 Datasheet HTML 6Page - Omron Electronics LLC B3F-6020 Datasheet HTML 7Page - Omron Electronics LLC B3F-6020 Datasheet HTML 8Page - Omron Electronics LLC B3F-6020 Datasheet HTML 9Page - Omron Electronics LLC B3F-6020 Datasheet HTML 10Page - Omron Electronics LLC B3F-6020 Datasheet HTML 11Page - Omron Electronics LLC B3F-6020 Datasheet HTML 12Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Tactile Switch
B3F
229
Projected Plunger Type
(without Ground Terminal)
B3F-6050, B3F-6052
Projected Plunger Type
(with Ground Terminal)
B3F-6150, B3F-6152
Flat Plunger Type
(with Ground Terminal)
B3F-6120, B3F-6122
PCB Mounting
(Top View)
(Single-sided PCB, t=1.6)
Terminal Arrangement
/Internal Connections
(Top View)
PCB Mounting
(Top View)
(Single-sided PCB, t=1.6)
Terminal Arrangement
/Internal Connections
(Top View)
PCB Mounting
(Top View)
(Single-sided PCB, t=1.6)
Terminal Arrangement
/Internal Connections
(Top View)
Note: The tape is random between
surface A
and surface B.
6±0.3
3.5 dia.
6±0.3
5±0.2
2
0.5
(1.1)
0.9
0.2 max.
0.3
0.6
5
3.4
0.5 max.
5
+0.8
−0.2
3.1
5±0.1
5±0.1
Three, 1
+0.1
0 dia.
21
3
21
3
12.7±1
9±0.5
6
12.7±0.3
4±0.2 dia.
11
20±0.5
0.5 max.
2 max.
6.35±1
18
+1
−0.5
Support
tape
Support
tape
Carrier tape
6±0.3
3.5 dia.
Surface A
Surface B
6±0.3
0.5
(1.1)
0.9
0.2 max.
0.3
7.3
2.4
3.4
0.5 max.
5
+0.8
−0.2
5±0.1
Two, 1
+0.1
0 dia.
21
12.7±1
9±0.5
6
12.7±0.3
4±0.2 dia.
9
0.5 dia.
2 max.
6.35±1
18
+1
−0.5
18
+1
0
Carrier tape
6±0.3
3.5 dia.
6±0.3
5±0.2
2
0.5
(1.1)
0.9
0.2 max.
0.3
0.6
7.3
3.4
0.5 max.
5
+0.8
−0.2
3.1
2.4
5±0.1
5±0.1
Three, 1
+0.1
0 dia.
12.7±1
9±0.5
6
12.7±0.3
4±0.2 dia.
11
20±0.5
0.5 max.
2 max.
6.35±1
18
+1
−0.5
Support
tape
Carrier tape


Similar Part No. - B3F-6020

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B3F-6020 ETC2-B3F-6020 Datasheet
1Mb / 9P
   A Wide Range of Models: 6 x 6 mm, 12 x 12 mm, Vertical and High-force.
More results

Similar Description - B3F-6020

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B3M OMRON-B3M Datasheet
261Kb / 4P
   Tactile Switch
B3W OMRON-B3W Datasheet
800Kb / 6P
   Tactile Switch
logo
CUI INC
TS04 CUI-TS04 Datasheet
429Kb / 5P
   TACTILE SWITCH
11/03/2021
TS16 CUI-TS16 Datasheet
389Kb / 5P
   TACTILE SWITCH
04/13/2022
TS02 CUI-TS02 Datasheet
467Kb / 5P
   TACTILE SWITCH
logo
Omron Electronics LLC
B3F OMRON-B3F_1 Datasheet
1Mb / 12P
   Tactile Switch
logo
CUI INC
TS13 CUI-TS13 Datasheet
345Kb / 4P
   TACTILE SWITCH
04/13/2022
TS12 CUI-TS12 Datasheet
971Kb / 6P
   TACTILE SWITCH
04/14/2022
TS19 CUI-TS19 Datasheet
424Kb / 4P
   TACTILE SWITCH
05/10/2022
TS05 CUI-TS05 Datasheet
470Kb / 4P
   TACTILE SWITCH
09/20/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com